Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCH3209 Datasheet(PDF) 6 Page - ON Semiconductor

Part # MCH3209
Description  Bipolar Transistor (-)30V, (-)3A, Low VCE(sat), (PNP)NPN Single MCPH3
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MCH3209 Datasheet(HTML) 6 Page - ON Semiconductor

  MCH3209 Datasheet HTML 1Page - ON Semiconductor MCH3209 Datasheet HTML 2Page - ON Semiconductor MCH3209 Datasheet HTML 3Page - ON Semiconductor MCH3209 Datasheet HTML 4Page - ON Semiconductor MCH3209 Datasheet HTML 5Page - ON Semiconductor MCH3209 Datasheet HTML 6Page - ON Semiconductor MCH3209 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
MCH3109 / MCH3209
No.7129-6/7
Outline Drawing
Land Pattern Example
MCH3109-TL-E, MCH3209-TL-E
Mass (g) Unit
0.007
* For reference mm
Unit: mm
0.65 0.65
0.4


Similar Part No. - MCH3209

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
MCH3209 SANYO-MCH3209 Datasheet
37Kb / 5P
   DC / DC Converter Applications
MCH3209 SANYO-MCH3209 Datasheet
49Kb / 5P
   DC / DC Converter Applications
More results

Similar Description - MCH3209

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MCH3105 ONSEMI-MCH3105 Datasheet
409Kb / 7P
   Bipolar Transistor (-)50V, (-)3A, Low VCE(sat), (PNP)NPN Single MCPH3
September, 2013
MCH3106 ONSEMI-MCH3106 Datasheet
372Kb / 7P
   Bipolar Transistor -12V, -3A, Low VCE(sat), PNP Single MCPH3
September, 2013
30C02MH ONSEMI-30C02MH Datasheet
369Kb / 6P
   Bipolar Transistor 30V, 0.7A, Low VCE(sat) NPN Single MCPH3
August, 2013
30A02MH ONSEMI-30A02MH Datasheet
369Kb / 6P
   Bipolar Transistor -30V, -0.7A, Low VCE(sat) PNP Single MCPH3
August, 2013
MCH3144 ONSEMI-MCH3144 Datasheet
365Kb / 6P
   Bipolar Transistor -30V, -2A, Low VCE(sat), PNP Single MCPH3
September, 2013
MCH3145 ONSEMI-MCH3145 Datasheet
436Kb / 8P
   Bipolar Transistor (-)50V, (-)2A, Low VCE(sat), (PNP)NPN Single MCPH3
September, 2013
CPH6122 ONSEMI-CPH6122 Datasheet
530Kb / 6P
   Bipolar Transistor -30V, -3A, Low VCE(sat), PNP Single CPH6
September, 2013
MCH6122 ONSEMI-MCH6122 Datasheet
519Kb / 6P
   Bipolar Transistor -30V, -3A, Low VCE(sat), PNP Single MCPH6
September, 2013
12A02MH ONSEMI-12A02MH Datasheet
369Kb / 6P
   Bipolar Transistor ??2V, ??A, Low VCE(sat) PNP Single MCPH3
August, 2013
CPH5505 ONSEMI-CPH5505 Datasheet
295Kb / 6P
   Bipolar Transistor -30V, -3A, Low VCE(sat), PNP Dual CPH5
November, 2013
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com