Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCH3109-TL-E Datasheet(PDF) 1 Page - ON Semiconductor

Part # MCH3109-TL-E
Description  Bipolar Transistor (-)30V, (-)3A, Low VCE(sat), (PNP)NPN Single MCPH3
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MCH3109-TL-E Datasheet(HTML) 1 Page - ON Semiconductor

  MCH3109-TL-E Datasheet HTML 1Page - ON Semiconductor MCH3109-TL-E Datasheet HTML 2Page - ON Semiconductor MCH3109-TL-E Datasheet HTML 3Page - ON Semiconductor MCH3109-TL-E Datasheet HTML 4Page - ON Semiconductor MCH3109-TL-E Datasheet HTML 5Page - ON Semiconductor MCH3109-TL-E Datasheet HTML 6Page - ON Semiconductor MCH3109-TL-E Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
80812 TKIM/42806 MSIM TB-00002274/D1504EA TSIM TB-00000344/N3001 TSIM TA-3372, 3373 No.7129-1/7
http://onsemi.com
Semiconductor Components Industries, LLC, 2013
September, 2013
MCH3109/MCH3209
Bipolar Transistor
(–)30V, (–)3A, Low VCE(sat), (PNP)NPN Single MCPH3
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating
Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability.
Applicaitons
Relay drivers, lamp drivers, motor drivers, flash
Features
Adoption of MBIT processes
Large current capacity
Low collector-to-emitter saturation voltage
High-speed switching
Ultrasmall package facilitates miniaturization in end products (mounting height : 0.85mm)
High allowable power dissipation
Specifications ( ) : MCH3109
Absolute Maximum Ratings at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
Collector-to-Base Voltage
VCBO
(--30)40
V
Collector-to-Emitter Voltage
VCEO
(--)30
V
Emitter-to-Base Voltage
VEBO
(--)5
V
Collector Current
IC
(--)3
A
Collector Current (Pulse)
ICP
(--)5
A
Base Current
IB
(--)600
mA
Collector Dissipation
PC
When mounted on ceramic substrate (600mm2×0.8mm)
0.8
W
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
--55 to +150
°C
Package Dimensions
unit : mm (typ)
7019A-004
Ordering number : EN7129C
Product & Package Information
• Package
: MCPH3
• JEITA, JEDEC
: SC-70, SOT-323
• Minimum Packing Quantity : 3,000 pcs./reel
Packing Type : TL
Marking
Electrical Connection
1 : Base
2 : Emitter
3 : Collector
MCPH3
2.0
0.65
0.3
0.15
12
3
0 to 0.02
AJ
CJ
MCH3209
MCH3109
TL
3
2
1
MCH3209
3
2
1
MCH3109
MCH3109-TL-E
MCH3209-TL-E


Similar Part No. - MCH3109-TL-E

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
MCH3109 SANYO-MCH3109 Datasheet
37Kb / 5P
   DC / DC Converter Applications
MCH3109 SANYO-MCH3109 Datasheet
49Kb / 5P
   DC / DC Converter Applications
MCH3109 SANYO-MCH3109_06 Datasheet
49Kb / 5P
   DC / DC Converter Applications
More results

Similar Description - MCH3109-TL-E

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MCH3105 ONSEMI-MCH3105 Datasheet
409Kb / 7P
   Bipolar Transistor (-)50V, (-)3A, Low VCE(sat), (PNP)NPN Single MCPH3
September, 2013
MCH3106 ONSEMI-MCH3106 Datasheet
372Kb / 7P
   Bipolar Transistor -12V, -3A, Low VCE(sat), PNP Single MCPH3
September, 2013
30C02MH ONSEMI-30C02MH Datasheet
369Kb / 6P
   Bipolar Transistor 30V, 0.7A, Low VCE(sat) NPN Single MCPH3
August, 2013
30A02MH ONSEMI-30A02MH Datasheet
369Kb / 6P
   Bipolar Transistor -30V, -0.7A, Low VCE(sat) PNP Single MCPH3
August, 2013
MCH3144 ONSEMI-MCH3144 Datasheet
365Kb / 6P
   Bipolar Transistor -30V, -2A, Low VCE(sat), PNP Single MCPH3
September, 2013
MCH3145 ONSEMI-MCH3145 Datasheet
436Kb / 8P
   Bipolar Transistor (-)50V, (-)2A, Low VCE(sat), (PNP)NPN Single MCPH3
September, 2013
CPH6122 ONSEMI-CPH6122 Datasheet
530Kb / 6P
   Bipolar Transistor -30V, -3A, Low VCE(sat), PNP Single CPH6
September, 2013
MCH6122 ONSEMI-MCH6122 Datasheet
519Kb / 6P
   Bipolar Transistor -30V, -3A, Low VCE(sat), PNP Single MCPH6
September, 2013
12A02MH ONSEMI-12A02MH Datasheet
369Kb / 6P
   Bipolar Transistor ??2V, ??A, Low VCE(sat) PNP Single MCPH3
August, 2013
CPH5505 ONSEMI-CPH5505 Datasheet
295Kb / 6P
   Bipolar Transistor -30V, -3A, Low VCE(sat), PNP Dual CPH5
November, 2013
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com