Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCH5541 Datasheet(PDF) 2 Page - ON Semiconductor

Part # MCH5541
Description  PNP/NPN Bipolar Transistor (-)30V, (-)700mA, VCE(sat) ; (-220)190mV (max)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MCH5541 Datasheet(HTML) 2 Page - ON Semiconductor

  MCH5541 Datasheet HTML 1Page - ON Semiconductor MCH5541 Datasheet HTML 2Page - ON Semiconductor MCH5541 Datasheet HTML 3Page - ON Semiconductor MCH5541 Datasheet HTML 4Page - ON Semiconductor MCH5541 Datasheet HTML 5Page - ON Semiconductor MCH5541 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MCH5541
www.onsemi.com
2
Continued from preceding page.
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Turn-ON Time
ton
See specified Test Circuit.
35
ns
Storage Time
tstg
See specified Test Circuit.
(125) 255
ns
Fall Time
tf
See specified Test Circuit.
(25) 40
ns
Note 2 : Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise
noted. Product performance may not be indicated by the Electrical Characteristics if operated under different conditions.
Switching Time Test Circuit
VR
RB
VCC=12V
VBE= --5V
+
+
50
Ω
INPUT
OUTPUT
RL
220
μF
470
μF
PW=20
μs
IB1
D.C.
≤1%
IB2
20IB1= --20IB2=IC=300mA
For PNP, minus sign is omitted.
[PNP]
[NPN]
0
0
--200
--100
IC -- VCE
IT05049
--400
--300
--600
--500
--700
--200
--600
--400
--800
--1000
--100
--500
--300
--700
--900
IB=0
--500
μA
--1mA
--2mA
--5mA
--3mA
--7mA
--10mA
--15mA
--30mA
--20mA
--25mA
Collector-to-Emitter Voltage, VCE -- mV
0
0
500
400
300
700
600
200
200
100
500
1000
800
900
100
300
400
600
700
IC -- VCE
IT05082
IB=0
200
μA
400
μA
1mA
2mA
3mA
5mA
7mA
10mA
Collector-to-Emitter Voltage, VCE -- mV


Similar Part No. - MCH5541

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
MCH5541 SANYO-MCH5541 Datasheet
68Kb / 5P
   MCH5541
More results

Similar Description - MCH5541

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MCH6102 ONSEMI-MCH6102 Datasheet
561Kb / 7P
   Bipolar Transistor (-)30V, (-)1.5A, Low VCE(sat), (PNP)NPN Single MCPH6
September, 2013
CPH3115 ONSEMI-CPH3115 Datasheet
634Kb / 7P
   Bipolar Transistor (-)30V, (-)1.5A, Low VCE(sat), (PNP)NPN Single CPH3
September, 2013
MCH3109 ONSEMI-MCH3109 Datasheet
408Kb / 7P
   Bipolar Transistor (-)30V, (-)3A, Low VCE(sat), (PNP)NPN Single MCPH3
September, 2013
CPH5505 ONSEMI-CPH5505 Datasheet
295Kb / 6P
   Bipolar Transistor -30V, -3A, Low VCE(sat), PNP Dual CPH5
November, 2013
CPH6122 ONSEMI-CPH6122 Datasheet
530Kb / 6P
   Bipolar Transistor -30V, -3A, Low VCE(sat), PNP Single CPH6
September, 2013
MCH6122 ONSEMI-MCH6122 Datasheet
519Kb / 6P
   Bipolar Transistor -30V, -3A, Low VCE(sat), PNP Single MCPH6
September, 2013
CPH3144 ONSEMI-CPH3144 Datasheet
579Kb / 6P
   Bipolar Transistor -30V, -2A, Low VCE(sat), PNP Single CPH3
September, 2013
30A02MH ONSEMI-30A02MH Datasheet
369Kb / 6P
   Bipolar Transistor -30V, -0.7A, Low VCE(sat) PNP Single MCPH3
August, 2013
MCH3144 ONSEMI-MCH3144 Datasheet
365Kb / 6P
   Bipolar Transistor -30V, -2A, Low VCE(sat), PNP Single MCPH3
September, 2013
2SA2124 ONSEMI-2SA2124 Datasheet
321Kb / 7P
   Bipolar Transistor -30V, -2A, Low VCE(sat), PNP Single PCP
September, 2013
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com