Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCH6102-TL-E Datasheet(PDF) 6 Page - ON Semiconductor

Part # MCH6102-TL-E
Description  Bipolar Transistor (-)30V, (-)1.5A, Low VCE(sat), (PNP)NPN Single MCPH6
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MCH6102-TL-E Datasheet(HTML) 6 Page - ON Semiconductor

  MCH6102-TL-E Datasheet HTML 1Page - ON Semiconductor MCH6102-TL-E Datasheet HTML 2Page - ON Semiconductor MCH6102-TL-E Datasheet HTML 3Page - ON Semiconductor MCH6102-TL-E Datasheet HTML 4Page - ON Semiconductor MCH6102-TL-E Datasheet HTML 5Page - ON Semiconductor MCH6102-TL-E Datasheet HTML 6Page - ON Semiconductor MCH6102-TL-E Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
MCH6102/MCH6202
No.6480-6/7
Outline Drawing
Land Pattern Example
MCH6102-TL-E, MCH6202-TL-E
Mass (g) Unit
0.008
* For reference mm
Unit: mm
0.65 0.65
0.4


Similar Part No. - MCH6102-TL-E

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
MCH6102 SANYO-MCH6102 Datasheet
49Kb / 5P
   DC/DC Converter Applications
MCH6102 SANYO-MCH6102 Datasheet
83Kb / 5P
   DC / DC Converter Applications
MCH6102 SANYO-MCH6102_05 Datasheet
83Kb / 5P
   DC / DC Converter Applications
More results

Similar Description - MCH6102-TL-E

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MCH6101 ONSEMI-MCH6101 Datasheet
526Kb / 6P
   Bipolar Transistor -15V, -1.5A, Low VCE(sat), PNP Single MCPH6
September, 2013
MCH6122 ONSEMI-MCH6122 Datasheet
519Kb / 6P
   Bipolar Transistor -30V, -3A, Low VCE(sat), PNP Single MCPH6
September, 2013
CPH3115 ONSEMI-CPH3115 Datasheet
634Kb / 7P
   Bipolar Transistor (-)30V, (-)1.5A, Low VCE(sat), (PNP)NPN Single CPH3
September, 2013
MCH6103 ONSEMI-MCH6103 Datasheet
562Kb / 8P
   Bipolar Transistor (-)50V, (-)1A, Low VCE(sat), (PNP)NPN Single MCPH6
September, 2013
MCH6124 ONSEMI-MCH6124 Datasheet
520Kb / 6P
   Bipolar Transistor -20V, -3A, Low VCE(sat), PNP Single MCPH6
September, 2013
MCH6123 ONSEMI-MCH6123 Datasheet
510Kb / 6P
   Bipolar Transistor -50V, -3A, Low VCE(sat), PNP Single MCPH6
September, 2013
MCH6121 ONSEMI-MCH6121 Datasheet
520Kb / 6P
   Bipolar Transistor -12V, -3A, Low VCE(sat), PNP Single MCPH6
September, 2013
MCH6534 ONSEMI-MCH6534 Datasheet
524Kb / 6P
   Bipolar Transistor 15V, 0.7A, Low VCE(sat) NPN Single MCPH6
August, 2013
MCH6544 ONSEMI-MCH6544 Datasheet
532Kb / 7P
   Bipolar Transistor 50V, 0.5A, Low VCE(sat) NPN Single MCPH6
August, 2013
MCH6541 ONSEMI-MCH6541 Datasheet
578Kb / 8P
   Bipolar Transistor (-)30V, (-)3A, Low VCE(sat) Complementary Dual MCPH6
September, 2013
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com