Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE71S6202 Datasheet(PDF) 6 Page - Pasternack Enterprises, Inc.

Part # PE71S6202
Description  Transfer Switch
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE71S6202 Datasheet(HTML) 6 Page - Pasternack Enterprises, Inc.

  PE71S6202 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE71S6202 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE71S6202 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE71S6202 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE71S6202 Datasheet HTML 5Page - Pasternack Enterprises, Inc. PE71S6202 Datasheet HTML 6Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
6
PE71S6202 CAD Drawing
Transfer Electromechanical Relay Switch DC to 12.4 GHz,
TNC, 40 Watts, 12V Control with Failsafe
PE71S6202 REV 1.0


Similar Part No. - PE71S6202

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE71S6200 PASTERNACK-PE71S6200 Datasheet
753Kb / 6P
   SP6T Switch
PE71S6201 PASTERNACK-PE71S6201 Datasheet
757Kb / 6P
   SP6T Switch
PE71S6203 PASTERNACK-PE71S6203 Datasheet
448Kb / 6P
   Transfer Switch
PE71S6204 PASTERNACK-PE71S6204 Datasheet
443Kb / 6P
   Transfer Electromechanical Relay Switch DC to 12.4 GHz,TNC, 50 Watts, 12V Control with Indicators, TTL
PE71S6205 PASTERNACK-PE71S6205 Datasheet
487Kb / 7P
   Transfer Switch
More results

Similar Description - PE71S6202

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
SW-283-PIN MA-COM-SW-283-PIN Datasheet
64Kb / 4P
   GaAs Transfer Switch, GaAs Transfer Switch,
logo
Pasternack Enterprises,...
PE71S6172 PASTERNACK-PE71S6172 Datasheet
458Kb / 6P
   Transfer Switch
PE71S6179 PASTERNACK-PE71S6179 Datasheet
452Kb / 6P
   Transfer Switch
PE71S6173 PASTERNACK-PE71S6173 Datasheet
466Kb / 6P
   Transfer Switch
PE71S6203 PASTERNACK-PE71S6203 Datasheet
448Kb / 6P
   Transfer Switch
logo
Mini-Circuits
MTS-18-12B MINI-MTS-18-12B Datasheet
327Kb / 2P
   Transfer Switch
logo
DAICO Industries, Inc.
100C0347 DAICO-100C0347 Datasheet
118Kb / 1P
   Transfer Switch
DSWT2180 DAICO-DSWT2180 Datasheet
148Kb / 1P
   Transfer Switch
logo
Pasternack Enterprises,...
PE71S6178 PASTERNACK-PE71S6178 Datasheet
452Kb / 6P
   Transfer Switch
PE71S6180 PASTERNACK-PE71S6180 Datasheet
410Kb / 4P
   Transfer Switch
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com