Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EN8949A Datasheet(PDF) 5 Page - ON Semiconductor

Part # EN8949A
Description  Bipolar Transistor (-)30V, (-)3A, Low VCE(sat) Complementary Dual MCPH6
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

EN8949A Datasheet(HTML) 5 Page - ON Semiconductor

  EN8949A Datasheet HTML 1Page - ON Semiconductor EN8949A Datasheet HTML 2Page - ON Semiconductor EN8949A Datasheet HTML 3Page - ON Semiconductor EN8949A Datasheet HTML 4Page - ON Semiconductor EN8949A Datasheet HTML 5Page - ON Semiconductor EN8949A Datasheet HTML 6Page - ON Semiconductor EN8949A Datasheet HTML 7Page - ON Semiconductor EN8949A Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
MCH6541
No.8949-5/8
[PNP]
[NPN]
f=1MHz
--0.1
0.1
Base Current, IB -- mA
Ron -- IB
IT06403
7
5
3
2
10
7
5
3
2
7
5
3
2
1.0
100
3
2
57
3
2
57
--1.0
--10
OUT
IN
1k
Ω
1k
Ω
IB
Base Current, IB -- mA
Ron -- IB
f=1MHz
0.1
0.1
IT06793
10
7
5
3
2
7
5
3
2
1.0
3
2
57
3
2
57
1.0
10
OUT
IN
1k
Ω
1k
Ω
IB
0.6
0
0.1
0.2
0.3
0.4
0.5
0.55
0
20
40
60
80
100
120
140
160
IT10744
PD -- Ta
Ambient Temperature, Ta --
°C
1unit
To
tal
dissipation
[PNP/NPN]
When mounted on ceramic substrate
(600mm2
✕0.8mm)


Similar Part No. - EN8949A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
EN8949 SANYO-EN8949 Datasheet
69Kb / 5P
   PNP / NPN Epitaxial Planar Silicon Transistors Push-Pull Circuit Applications
More results

Similar Description - EN8949A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MCH6122 ONSEMI-MCH6122 Datasheet
519Kb / 6P
   Bipolar Transistor -30V, -3A, Low VCE(sat), PNP Single MCPH6
September, 2013
MCH6545 ONSEMI-MCH6545 Datasheet
599Kb / 8P
   Bipolar Transistor (-)50V, (-)1A, Low VCE(sat) Complementary Dual MCPH6
September, 2013
MCH6124 ONSEMI-MCH6124 Datasheet
520Kb / 6P
   Bipolar Transistor -20V, -3A, Low VCE(sat), PNP Single MCPH6
September, 2013
MCH6123 ONSEMI-MCH6123 Datasheet
510Kb / 6P
   Bipolar Transistor -50V, -3A, Low VCE(sat), PNP Single MCPH6
September, 2013
MCH6121 ONSEMI-MCH6121 Datasheet
520Kb / 6P
   Bipolar Transistor -12V, -3A, Low VCE(sat), PNP Single MCPH6
September, 2013
CPH5505 ONSEMI-CPH5505 Datasheet
295Kb / 6P
   Bipolar Transistor -30V, -3A, Low VCE(sat), PNP Dual CPH5
November, 2013
CPH5518 ONSEMI-CPH5518 Datasheet
403Kb / 8P
   Bipolar Transistor (-)50V, (-)3A, Low VCE(sat) Complementary Dual CPH5
September, 2013
ECH8501-TL-H ONSEMI-ECH8501-TL-H Datasheet
402Kb / 8P
   Bipolar Transistor (??30V, (??30A, Low VCE(sat) Complementary Dual ECH8
September, 2013
ECH8501 ONSEMI-ECH8501 Datasheet
402Kb / 8P
   Bipolar Transistor (-)30V, (-)30A, Low VCE(sat) Complementary Dual ECH8
September, 2013
CPH5506 ONSEMI-CPH5506 Datasheet
766Kb / 6P
   Bipolar Transistor (-)30V, (-)5A, Low VCE(sat) Complementary Dual CPH5
March, 2014
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com