Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRFR13N15DPBF Datasheet(PDF) 4 Page - International Rectifier

Part # IRFR13N15DPBF
Description  High frequency DC-DC converters
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFR13N15DPBF Datasheet(HTML) 4 Page - International Rectifier

  IRFR13N15DPBF_15 Datasheet HTML 1Page - International Rectifier IRFR13N15DPBF_15 Datasheet HTML 2Page - International Rectifier IRFR13N15DPBF_15 Datasheet HTML 3Page - International Rectifier IRFR13N15DPBF_15 Datasheet HTML 4Page - International Rectifier IRFR13N15DPBF_15 Datasheet HTML 5Page - International Rectifier IRFR13N15DPBF_15 Datasheet HTML 6Page - International Rectifier IRFR13N15DPBF_15 Datasheet HTML 7Page - International Rectifier IRFR13N15DPBF_15 Datasheet HTML 8Page - International Rectifier IRFR13N15DPBF_15 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4
www.irf.com
IRFR/U13N15DPbF
Fig 8. Maximum Safe Operating Area
Fig 6. Typical Gate Charge Vs.
Gate-to-Source Voltage
Fig 5. Typical Capacitance Vs.
Drain-to-Source Voltage
Fig 7. Typical Source-Drain Diode
Forward Voltage
0
5
10
15
20
25
30
0
4
8
12
16
20
Q , Total Gate Charge (nC)
G
FOR TEST CIRCUIT
SEE FIGURE
I =
D
13
8.3A
V
= 30V
DS
V
= 75V
DS
V
= 120V
DS
0.1
1
10
100
0.2
0.4
0.6
0.8
1.0
1.2
1.4
V
,Source-to-Drain Voltage (V)
SD
V
= 0 V
GS
T = 25 C
J
°
T = 175 C
J
°
0.1
1
10
100
1000
1
10
100
1000
OPERATION IN THIS AREA LIMITED
BY RDS(on)
Single Pulse
T
T
= 175 C
= 25 C
°
°
J
C
V
, Drain-to-Source Voltage (V)
DS
10us
100us
1ms
10ms
1
10
100
1000
VDS, Drain-to-Source Voltage (V)
10
100
1000
10000
Coss
Crss
Ciss
VGS = 0V,
f = 1 MHZ
Ciss = Cgs + Cgd, Cds SHORTED
Crss = Cgd
Coss = Cds + Cgd


Similar Part No. - IRFR13N15DPBF_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFR13N15DPBF IRF-IRFR13N15DPBF Datasheet
218Kb / 10P
   HEXFET Power MOSFET
logo
Kersemi Electronic Co.,...
IRFR13N15DPBF KERSEMI-IRFR13N15DPBF Datasheet
3Mb / 10P
   SMPS MOSFET
logo
International Rectifier
IRFR13N15DPBF IRF-IRFR13N15DPBF Datasheet
228Kb / 11P
   High frequency DC-DC converters
More results

Similar Description - IRFR13N15DPBF_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFU3518-701PBF IRF-IRFU3518-701PBF Datasheet
234Kb / 11P
   High frequency DC-DC converters
logo
Kersemi Electronic Co.,...
IRFR3518 KERSEMI-IRFR3518 Datasheet
4Mb / 10P
   High frequency DC-DC converters
logo
International Rectifier
IRFS33N15DTRLP IRF-IRFS33N15DTRLP Datasheet
150Kb / 12P
   High frequency DC-DC converters
IRFR13N20DPBF IRF-IRFR13N20DPBF_15 Datasheet
689Kb / 11P
   HIGH FREQUENCY DC-DC CONVERTERS
IRF7452PBF IRF-IRF7452PBF_15 Datasheet
284Kb / 8P
   HIGH FREQUENCY DC-DC CONVERTERS
IRF7490PBF IRF-IRF7490PBF_15 Datasheet
155Kb / 9P
   High frequency DC-DC converters
IRF8010SPBF IRF-IRF8010SPBF_15 Datasheet
229Kb / 11P
   High frequency DC-DC converters
IRFP4710PBF IRF-IRFP4710PBF_15 Datasheet
183Kb / 9P
   High frequency DC-DC converters
IRFR15N20DPBF IRF-IRFR15N20DPBF_15 Datasheet
231Kb / 11P
   High frequency DC-DC converters
IRFR24N15DPBF IRF-IRFR24N15DPBF_15 Datasheet
282Kb / 10P
   High frequency DC-DC converters
IRFR3410PBF IRF-IRFR3410PBF_15 Datasheet
237Kb / 11P
   High frequency DC-DC converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com