Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE-W10CP003-20 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE-W10CP003-20
Description  Body and Flanges made of Brass Copper
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE-W10CP003-20 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE-W10CP003-20 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE-W10CP003-20 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE-W10CP003-20 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE-W10CP003-20 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE-W10CP003-20 Datasheet HTML 5Page - Pasternack Enterprises, Inc. PE-W10CP003-20 Datasheet HTML 6Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
TECHNICAL DATA SHEET
Mechanical Specifications
Size
Length
5 in [127 mm]
Width/Dia.
0.75 in [19.05 mm]
Height
1.375 in [34.93 mm]
.
Waveguide
Size
WR-10
Material
Brass Copper
Plating
Gold
Color
Gold
Description
Flange 1
Flange 2
Flange 3
Interface
UG 387/U-Mod
UG 387/U-Mod
UG 387/U-Mod
Material
Brass Copper
Brass Copper
Brass Copper
Plating
Gold
Gold
Gold
Color
Gold
Gold
Gold
...
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
REACH Compliant
06/20/2013
Plotted and Other Data
Notes:
Values at 25 °C, sea level
PE-W10CP003-20
PE-W10CP003-20 REV 1.0
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including
price, inventory and certifications: WR-10 20 dB Directional Waveguide Coupler With UG 387/U-Mod Flange and E-Plane
Coupled Port From 75 GHz to 110 GHz W Band PE-W10CP003-20
WR-10 20 dB Directional Waveguide Coupler
With UG 387/U-Mod Flange and E-Plane Coupled
Port From 75 GHz to 110 GHz W Band


Similar Part No. - PE-W10CP003-20

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE-W10CP003-10 PASTERNACK-PE-W10CP003-10 Datasheet
487Kb / 6P
   10 dB Nominal Coupling Level
More results

Similar Description - PE-W10CP003-20

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE-W42CP003-20 PASTERNACK-PE-W42CP003-20 Datasheet
483Kb / 6P
   Body and Flanges made of Brass Copper
PE-W28CP003-20 PASTERNACK-PE-W28CP003-20 Datasheet
476Kb / 6P
   Body and Flanges made of Brass Copper
PE-W12CP003-10 PASTERNACK-PE-W12CP003-10 Datasheet
485Kb / 6P
   Body and Flanges made of Brass Copper
PE-W19CP003-20 PASTERNACK-PE-W19CP003-20 Datasheet
526Kb / 6P
   Body and Flanges made of Brass Copper
logo
Amphenol Corporation
68175-1004 AMPHENOL-68175-1004 Datasheet
105Kb / 1P
   BODY - BRASS, NICKEL PLATING
35025 AMPHENOL-35025 Datasheet
59Kb / 1P
   BODY - BRASS, NICKEL PLATING
36775 AMPHENOL-36775 Datasheet
98Kb / 1P
   BODY - BRASS, NICKEL PLATING
28100 AMPHENOL-28100 Datasheet
59Kb / 1P
   BODY - BRASS, NICKEL PLATING CONTACT - BRASS, SILVER PLATING
logo
Ralston Instruments.
QTCM-0016V RALSTON-QTCM-0016V Datasheet
294Kb / 1P
   QTCM calibration manifold body, brass
logo
Winchester Electronics ...
200-010-6140G WINCHESTER-200-010-6140G Datasheet
46Kb / 1P
   Body : Brass Per Astm B16
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com