Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCH6545 Datasheet(PDF) 4 Page - ON Semiconductor

Part # MCH6545
Description  Bipolar Transistor (-)50V, (-)1A, Low VCE(sat) Complementary Dual MCPH6
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MCH6545 Datasheet(HTML) 4 Page - ON Semiconductor

  MCH6545 Datasheet HTML 1Page - ON Semiconductor MCH6545 Datasheet HTML 2Page - ON Semiconductor MCH6545 Datasheet HTML 3Page - ON Semiconductor MCH6545 Datasheet HTML 4Page - ON Semiconductor MCH6545 Datasheet HTML 5Page - ON Semiconductor MCH6545 Datasheet HTML 6Page - ON Semiconductor MCH6545 Datasheet HTML 7Page - ON Semiconductor MCH6545 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MCH6545
No.8953-4/8
Collector-to-Base Voltage, VCB -- V
Collector Current, IC -- mA
Collector Current, IC -- mA
Collector Current, IC -- mA
IT05122
--1.0
1.0
Cob -- VCB
--10
2
3
5
7
2
3
5
7
--100
2
3
5
7
10
f=1MHz
IT05124
VCE(sat) -- IC
IT05125
VBE(sat) -- IC
--1.0
23
5
7 --10
23
5
7
23
5
7
--100
--1000
3
--1000
2
3
5
7
2
3
5
7
2
--100
--10
IC / IB=50
Ta=75
°C
--25
°C
25°C
2
--1.0
3
5
7
2
--1.0
23
5
7 --10
23
5
7
23
5
7
--100
--1000
Ta= --25°C
75°C
25°C
IC / IB=20
IT05121
--1.0
f T -- IC
2
3
57
2
3
57
2
3
57
--10
--100
--1000
100
1000
5
7
2
3
VCE= --10V
[PNP]
[PNP]
[PNP]
[PNP]
fT -- IC
IT05113
Cob -- VCB
IT05112
VCE(sat) -- IC
IT05110
Collector Current, IC -- mA
Collector Current, IC -- mA
Collector-to-Base Voltage, VCB -- V
IT05111
VBE(sat) -- IC
Collector Current, IC -- mA
1.0
5
3
100
1000
7
5
3
2
1000
100
27
5
3
27
5
3
27
10
27
35
2
7
35
10
100
1.0
10
1.0
7
5
3
2
1.0
23
5
35 7 10
27
2
3
5
7
100
1000
10
1.0
0.1
7
5
3
2
7
5
3
2
75
°C
Ta= --25°C
25
°C
IC / IB=20
f=1MHz
VCE=10V
IT05110
1000
2
3
100
7
5
2
3
7
5
10
1.0
23
5
10
100
7
23
5
7
23
5
7 1000
IC / IB=50
--25
°C
25
°C
Ta
=75
°C
[NPN]
[NPN]
[NPN]
[NPN]


Similar Part No. - MCH6545

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
MCH6545 SANYO-MCH6545 Datasheet
91Kb / 5P
   Push-Pull Circuit Applications
More results

Similar Description - MCH6545

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MCH6103 ONSEMI-MCH6103 Datasheet
562Kb / 8P
   Bipolar Transistor (-)50V, (-)1A, Low VCE(sat), (PNP)NPN Single MCPH6
September, 2013
MCH6541 ONSEMI-MCH6541 Datasheet
578Kb / 8P
   Bipolar Transistor (-)30V, (-)3A, Low VCE(sat) Complementary Dual MCPH6
September, 2013
MCH6544 ONSEMI-MCH6544 Datasheet
532Kb / 7P
   Bipolar Transistor 50V, 0.5A, Low VCE(sat) NPN Single MCPH6
August, 2013
MCH6123 ONSEMI-MCH6123 Datasheet
510Kb / 6P
   Bipolar Transistor -50V, -3A, Low VCE(sat), PNP Single MCPH6
September, 2013
ECH8502 ONSEMI-ECH8502 Datasheet
405Kb / 8P
   Bipolar Transistor (-)50V, (-)30A, Low VCE(sat) Complementary Dual ECH8
September, 2013
CPH5518 ONSEMI-CPH5518 Datasheet
403Kb / 8P
   Bipolar Transistor (-)50V, (-)3A, Low VCE(sat) Complementary Dual CPH5
September, 2013
CPH5520 ONSEMI-CPH5520 Datasheet
349Kb / 8P
   Bipolar Transistor (-)50V, (-)5A, Low VCE(sat) Complementary Dual CPH5
September, 2013
CPH6531 ONSEMI-CPH6531 Datasheet
529Kb / 6P
   Bipolar Transistor -50V, -1A, Low VCE(sat) PNP Dual CPH6
August, 2013
2SB1122 ONSEMI-2SB1122 Datasheet
81Kb / 4P
   Bipolar Transistor -50V, -1A, Low VCE(sat) PNP Single PCP
December, 2013
MCH6101 ONSEMI-MCH6101 Datasheet
526Kb / 6P
   Bipolar Transistor -15V, -1.5A, Low VCE(sat), PNP Single MCPH6
September, 2013
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com