Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE-W19CP003-10 Datasheet(PDF) 6 Page - Pasternack Enterprises, Inc.

Part # PE-W19CP003-10
Description  10 dB Nominal Coupling Level
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE-W19CP003-10 Datasheet(HTML) 6 Page - Pasternack Enterprises, Inc.

  PE-W19CP003-10 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE-W19CP003-10 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE-W19CP003-10 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE-W19CP003-10 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE-W19CP003-10 Datasheet HTML 5Page - Pasternack Enterprises, Inc. PE-W19CP003-10 Datasheet HTML 6Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
6
PE-W19CP003-10 REV 1.0
WR-19 10 dB Directional Waveguide Coupler With UG-383/U Flange
and E-Plane Coupled Port From 40 GHz to 60 GHz U Band
PE-W19CP003-10 CAD Drawing


Similar Part No. - PE-W19CP003-10

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE-W19CP003-20 PASTERNACK-PE-W19CP003-20 Datasheet
526Kb / 6P
   Body and Flanges made of Brass Copper
More results

Similar Description - PE-W19CP003-10

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE-W28CP003-10 PASTERNACK-PE-W28CP003-10 Datasheet
477Kb / 6P
   10 dB Nominal Coupling Level
PE-W10CP003-10 PASTERNACK-PE-W10CP003-10 Datasheet
487Kb / 6P
   10 dB Nominal Coupling Level
PE-W15CP003-10 PASTERNACK-PE-W15CP003-10 Datasheet
482Kb / 6P
   10 dB Nominal Coupling Level
PE-W42CP003-10 PASTERNACK-PE-W42CP003-10 Datasheet
473Kb / 6P
   10 dB Nominal Coupling Level
PE-W22CP003-10 PASTERNACK-PE-W22CP003-10 Datasheet
477Kb / 6P
   10 dB Nominal Coupling Level
PE-W22CP003-20 PASTERNACK-PE-W22CP003-20 Datasheet
477Kb / 6P
   20 dB Nominal Coupling Level
PE-W12CP003-20 PASTERNACK-PE-W12CP003-20 Datasheet
485Kb / 6P
   20 dB Nominal Coupling Level
PE-W15CP003-20 PASTERNACK-PE-W15CP003-20 Datasheet
480Kb / 6P
   20 dB Nominal Coupling Level
logo
List of Unclassifed Man...
PT163025 ETC1-PT163025 Datasheet
15Kb / 1P
   10 Base T Coupling Transformer Designed for Level Ones LXT905
logo
PHOENIX CONTACT
3042531 PHOENIX-3042531 Datasheet
76Kb / 7P
   Coupling - SC 4/10
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com