Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MJE15032 Datasheet(PDF) 4 Page - ON Semiconductor

Part # MJE15032
Description  Complementary Silicon Plastic Power Transistors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MJE15032 Datasheet(HTML) 4 Page - ON Semiconductor

  MJE15032 Datasheet HTML 1Page - ON Semiconductor MJE15032 Datasheet HTML 2Page - ON Semiconductor MJE15032 Datasheet HTML 3Page - ON Semiconductor MJE15032 Datasheet HTML 4Page - ON Semiconductor MJE15032 Datasheet HTML 5Page - ON Semiconductor MJE15032 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MJE15032 (NPN), MJE15033 (PNP)
http://onsemi.com
4
25
°C
150
°C
-55
°C
1000
0.1
Figure 4. NPN − MJE15032
VCE = 5 V DC Current Gain
IC, COLLECTOR CURRENT (AMPS)
1.0
10
100
10
1.0
Figure 5. PNP − MJE15033
VCE = 5 V DC Current Gain
Figure 6. NPN − MJE15032
VCE = 5 V VBE(on) Curve
IC, COLLECTOR CURRENT (AMPS)
1.0
10
1.0
10
0.1
0.1
Figure 7. PNP − MJE15033
VCE = 5 V VBE(on) Curve
IC, COLLECTOR CURRENT (AMPS)
10
1.0
10
0.1
0.1
1.0
NPN − MJE15032
PNP − MJE15033
25
°C
150
°C
-55
°C
25
°C
150
°C
-55
°C
1000
0.1
IC, COLLECTOR CURRENT (AMPS)
1.0
10
100
10
1.0
25
°C
150
°C
-55
°C
IC, COLLECTOR CURRENT (AMPS)
IC, COLLECTOR CURRENT (AMPS)
Figure 8. NPN − MJE15032
VCE(sat) IC/IB = 10
Figure 9. PNP − MJE15033
VCE(sat) IC/IB = 10
1.0
10
10
0.1
0.1
0.01
1.0
100
1.0
0.1
0.01
10
0.1
1.0
10
25
°C
150
°C
-55
°C
25
°C
150
°C
-55
°C


Similar Part No. - MJE15032

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MJE15032 MOTOROLA-MJE15032 Datasheet
141Kb / 6P
   8.0 AMPERES POWER TRANSISTORS COMPLEMENTARY SILICON 250 VOLTS 50 WATTS
logo
ON Semiconductor
MJE15032 ONSEMI-MJE15032 Datasheet
141Kb / 6P
   POWER TRANSISTORS COMPLEMENTARY SILICON
1997
MJE15032 ONSEMI-MJE15032 Datasheet
75Kb / 6P
   8.0 AMPERES POWER TRANSISTORS COMPLEMENTARY SILICON 250 VOLTS, 50 WATTS
June, 2005 ??Rev. 3
logo
Savantic, Inc.
MJE15032 SAVANTIC-MJE15032 Datasheet
91Kb / 3P
   Silicon NPN Power Transistors
logo
Inchange Semiconductor ...
MJE15032 ISC-MJE15032 Datasheet
109Kb / 2P
   isc Silicon NPN Power Transistor
More results

Similar Description - MJE15032

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BD243B MOTOROLA-BD243B Datasheet
140Kb / 6P
   Complementary Silicon Plastic Power Transistors
BD787 MOTOROLA-BD787 Datasheet
148Kb / 6P
   Complementary Plastic Silicon Power Transistors
logo
New Jersey Semi-Conduct...
2N6107 NJSEMI-2N6107 Datasheet
297Kb / 3P
   COMPLEMENTARY SILICON PLASTIC POWER TRANSISTORS
logo
ON Semiconductor
2N6109G ONSEMI-2N6109G Datasheet
117Kb / 5P
   Complementary Silicon Plastic Power Transistors
October, 2011 ??Rev. 9
TIP29 ONSEMI-TIP29 Datasheet
143Kb / 5P
   Complementary Silicon Plastic Power Transistors
October, 2011 ??Rev. 11
2N6487 ONSEMI-2N6487_14 Datasheet
104Kb / 6P
   Complementary Silicon Plastic Power Transistors
November, 2014 ??Rev. 16
MJD253-001 ONSEMI-MJD253-001 Datasheet
168Kb / 8P
   Complementary Silicon Plastic Power Transistors
August, 2013 ??Rev. 15
logo
New Jersey Semi-Conduct...
MJE15032 NJSEMI-MJE15032 Datasheet
133Kb / 2P
   Complementary Silicon Plastic Power Transistors
logo
ON Semiconductor
BD243B ONSEMI-BD243B_14 Datasheet
103Kb / 6P
   Complementary Silicon Plastic Power Transistors
November, 2014 ??Rev. 15
MJE200G ONSEMI-MJE200G Datasheet
170Kb / 6P
   Complementary Silicon Power Plastic Transistors
December, 2013 ??Rev. 15
MJB6488 ONSEMI-MJB6488 Datasheet
68Kb / 6P
   Complementary Silicon Plastic Power Transistors
July, 2004 ??Rev. P0
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com