Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMUN2113L Datasheet(PDF) 10 Page - ON Semiconductor

Part # MMUN2113L
Description  Digital Transistors (BRT) R1 = 47 k, R2 = 47 kA
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMUN2113L Datasheet(HTML) 10 Page - ON Semiconductor

Back Button MMUN2113L Datasheet HTML 4Page - ON Semiconductor MMUN2113L Datasheet HTML 5Page - ON Semiconductor MMUN2113L Datasheet HTML 6Page - ON Semiconductor MMUN2113L Datasheet HTML 7Page - ON Semiconductor MMUN2113L Datasheet HTML 8Page - ON Semiconductor MMUN2113L Datasheet HTML 9Page - ON Semiconductor MMUN2113L Datasheet HTML 10Page - ON Semiconductor MMUN2113L Datasheet HTML 11Page - ON Semiconductor MMUN2113L Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
MUN2113, MMUN2113L, MUN5113, DTA144EE, DTA144EM3, NSBA144EF3
www.onsemi.com
10
PACKAGE DIMENSIONS
SC−75/SOT−416
CASE 463
ISSUE F
STYLE 1:
PIN 1. BASE
2. EMITTER
3. COLLECTOR
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: MILLIMETER.
M
0.20 (0.008)
D
−E−
−D−
b
e
3 PL
0.20 (0.008) E
C
L
A
A1
3
2
1
HE
DIM
MIN
NOM
MAX
MILLIMETERS
A
0.70
0.80
0.90
A1
0.00
0.05
0.10
b
C
0.10
0.15
0.25
D
1.55
1.60
1.65
E
e
1.00 BSC
0.027
0.031
0.035
0.000
0.002
0.004
0.004
0.006
0.010
0.059
0.063
0.067
0.04 BSC
MIN
NOM
MAX
INCHES
0.15
0.20
0.30
0.006
0.008
0.012
HE
L
0.10
0.15
0.20
1.50
1.60
1.70
0.004
0.006
0.008
0.061
0.063
0.065
0.70
0.80
0.90
0.027
0.031
0.035
0.787
0.031
0.508
0.020
1.000
0.039
mm
inches
SCALE 10:1
0.356
0.014
*For additional information on our Pb−Free strategy and soldering
details, please download the ON Semiconductor Soldering and
Mounting Techniques Reference Manual, SOLDERRM/D.
SOLDERING FOOTPRINT*
1.803
0.071


Similar Part No. - MMUN2113L

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMUN2113L ONSEMI-MMUN2113L Datasheet
148Kb / 12P
   Digital Transistors (BRT) R1 = 47 k, R2 = 47 k
September, 2012 ??Rev. 1
MMUN2113L ONSEMI-MMUN2113L Datasheet
202Kb / 12P
   Digital Transistors (BRT)
October, 2016 ??Rev. 5
logo
Motorola, Inc
MMUN2113LT1 MOTOROLA-MMUN2113LT1 Datasheet
267Kb / 10P
   PNP SILICON BIAS RESISTOR TRANSISTOR
logo
ON Semiconductor
MMUN2113LT1 ONSEMI-MMUN2113LT1 Datasheet
188Kb / 12P
   PNP SILICON BIAS RESISTOR TRANSISTOR
November, 2001 ??Rev. 2
logo
Leshan Radio Company
MMUN2113LT1 LRC-MMUN2113LT1 Datasheet
145Kb / 7P
   Bias Resistor Transistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com