Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KIA78L24F Datasheet(PDF) 1 Page - KEC(Korea Electronics)

Part # KIA78L24F
Description  BIPOLAR LINEAR INTEGRATED CIRCUIT
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIA78L24F Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  KIA78L24F Datasheet HTML 1Page - KEC(Korea Electronics) KIA78L24F Datasheet HTML 2Page - KEC(Korea Electronics) KIA78L24F Datasheet HTML 3Page - KEC(Korea Electronics) KIA78L24F Datasheet HTML 4Page - KEC(Korea Electronics) KIA78L24F Datasheet HTML 5Page - KEC(Korea Electronics) KIA78L24F Datasheet HTML 6Page - KEC(Korea Electronics) KIA78L24F Datasheet HTML 7Page - KEC(Korea Electronics) KIA78L24F Datasheet HTML 8Page - KEC(Korea Electronics) KIA78L24F Datasheet HTML 9Page - KEC(Korea Electronics) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
2014. 2. 26
1/16
SEMICONDUCTOR
TECHNICAL DATA
Revision No : 6
THREE TERMINAL POSITIVE VOLTAGE REGULATORS
5V, 6V, 8V, 9V, 10V, 12V, 15V, 18V, 20V, 24V.
FEATURES
・Best Suited to Power Supply for TTL, C2-MOS.
・No External Part Needed.
・Built-in Thermal Protective Circuit.
・Max. Output Current 150mA (T
j=25℃).
・Packaged in Power Mini.
DIM
A
B
D
E
G
H
K
4.70 MAX
2.50 0.20
1.70 MAX
0.45+0.15/-0.10
4.25 MAX
1.50 0.10
0.40 TYP
1.75 MAX
0.75 MIN
0.5+0.10/-0.05
SOT-89
C
J
G
D
12
3
2. COMMON (CASE)
A
C
K
F
MILLIMETERS
H
1. OUTPUT
3. INPUT
FF
D
+
_
+
_
KIA78L05F~KIA78L24F
BIPOLAR LINEAR INTEGRATED CIRCUIT
MAXIMUM RATINGS (Ta=25
℃)
Q14
Q1
Q3
Q5
Z1
Q16
Q2
Q4
Q6
Q7
Q9
Q10
Q11
Q12
Q13
C1
3
1
2
INPUT
OUTPUT
COMMON
EQUIVALENT CIRCUIT
Q8
Z2
CHARACTERISTIC
SYMBOL
RATING
UNIT
Input Voltage
(5V
~15V)
VIN
35
V
(18V
~24V)
40
Power Dissipation
PD
500
mW
Operating Junction Temperature
Tj
-30
~150
Operating Temperature
Topr
-40
~85
Storage Temperature
Tstg
-55
~150
Type No.
Marking
Type No.
Marking
Type No.
Marking
KIA78L05F
8A
KIA78L10F
8F
KIA78L20F
8K
KIA78L06F
8B
KIA78L12F
8G
KIA78L24F
8L
KIA78L08F
8D
KIA78L15F
8I
KIA78L09F
8E
KIA78L18F
8J
Marking


Similar Part No. - KIA78L24F

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KIA78L24F KEC-KIA78L24F Datasheet
346Kb / 16P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (THREE TERMINAL POSITIVE VOLTAGE REGULATOR)
More results

Similar Description - KIA78L24F

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KID65501P KEC-KID65501P Datasheet
538Kb / 7P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA7805AF KEC-KIA7805AF Datasheet
485Kb / 17P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
logo
AUK corp
S7129SF AUK-S7129SF Datasheet
204Kb / 3P
   Bipolar Linear Integrated Circuit
S7139AM AUK-S7139AM Datasheet
212Kb / 3P
   Bipolar Linear Integrated Circuit
S7142AM AUK-S7142AM Datasheet
212Kb / 3P
   Bipolar Linear Integrated Circuit
logo
KEC(Korea Electronics)
KIA78D15AF KEC-KIA78D15AF Datasheet
650Kb / 11P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA78DL05F KEC-KIA78DL05F_15 Datasheet
74Kb / 5P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA278R00PI KEC-KIA278R00PI_15 Datasheet
56Kb / 5P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA324P KEC-KIA324P_15 Datasheet
70Kb / 4P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA378R015FP KEC-KIA378R015FP_15 Datasheet
843Kb / 9P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA431AS KEC-KIA431AS_15 Datasheet
399Kb / 8P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com