Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MUN5134 Datasheet(PDF) 10 Page - ON Semiconductor

Part # MUN5134
Description  Digital Transistors (BRT) R1 = 22 k, R2 = 47 k
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MUN5134 Datasheet(HTML) 10 Page - ON Semiconductor

Back Button MUN5134 Datasheet HTML 3Page - ON Semiconductor MUN5134 Datasheet HTML 4Page - ON Semiconductor MUN5134 Datasheet HTML 5Page - ON Semiconductor MUN5134 Datasheet HTML 6Page - ON Semiconductor MUN5134 Datasheet HTML 7Page - ON Semiconductor MUN5134 Datasheet HTML 8Page - ON Semiconductor MUN5134 Datasheet HTML 9Page - ON Semiconductor MUN5134 Datasheet HTML 10Page - ON Semiconductor MUN5134 Datasheet HTML 11Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
MUN2134, MMUN2134L, MUN5134, DTA124XE, DTA124XM3, NSBA124XF3
http://onsemi.com
10
PACKAGE DIMENSIONS
SOT−723
CASE 631AA
ISSUE D
DIM
MIN
NOM
MAX
MILLIMETERS
A
0.45
0.50
0.55
b
0.15
0.21
0.27
b1
0.25
0.31
0.37
C
0.07
0.12
0.17
D
1.15
1.20
1.25
E
0.75
0.80
0.85
e
0.40 BSC
H
1.15
1.20
1.25
L
E
NOTES:
1. DIMENSIONING AND TOLERANCING PER ASME
Y14.5M, 1994.
2. CONTROLLING DIMENSION: MILLIMETERS.
3. MAXIMUM LEAD THICKNESS INCLUDES LEAD
FINISH. MINIMUM LEAD THICKNESS IS THE MINIMUM
THICKNESS OF BASE MATERIAL.
4. DIMENSIONS D AND E DO NOT INCLUDE MOLD
FLASH, PROTRUSIONS OR GATE BURRS.
D
b1
E
b
e
A
L
C
H
−Y−
−X−
X
0.08
Y
2X
E
1
2
3
STYLE 1:
PIN 1. BASE
2. EMITTER
3. COLLECTOR
*For additional information on our Pb−Free strategy and soldering
details, please download the ON Semiconductor Soldering and
Mounting Techniques Reference Manual, SOLDERRM/D.
SOLDERING FOOTPRINT*
L2
0.15
0.20
0.25
0.29 REF
3X
L2
3X
1
2X
TOP VIEW
BOTTOM VIEW
SIDE VIEW
RECOMMENDED
DIMENSIONS: MILLIMETERS
0.40
1.50
2X
PACKAGE
OUTLINE
0.27
2X
0.52
3X
0.36


Similar Part No. - MUN5134

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
MUN5134 WEITRON-MUN5134 Datasheet
112Kb / 6P
   Bias Resistor Transistor PNP Silicon
logo
ON Semiconductor
MUN5134 ONSEMI-MUN5134 Datasheet
134Kb / 10P
   Digital Transistors (BRT) R1 = 22 k, R2 = 47 k
Septenber, 2012 ??Rev. 1
logo
Yea Shin Technology Co....
MUN5134 YEASHIN-MUN5134 Datasheet
1Mb / 12P
   Bias Resistor Transistor
logo
AiT Semiconductor Inc.
MUN5134 AITSEMI-MUN5134 Datasheet
1Mb / 15P
   BIAS RESISTOR TRANSISTOR PNP SILICON SURFACE MOUNT TRANSISTOR WITH MONOLITHIC BIAS RESISTOR NETWORK
REV1.0
logo
Weitron Technology
MUN5134DW WEITRON-MUN5134DW Datasheet
438Kb / 19P
   Dual Bias Resistor Transistor PNP Silicon
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com