Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMUN2233L Datasheet(PDF) 6 Page - ON Semiconductor

Part # MMUN2233L
Description  Digital Transistors (BRT) R1 = 4.7 k, R2 = 47 k
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMUN2233L Datasheet(HTML) 6 Page - ON Semiconductor

Back Button MMUN2233L Datasheet HTML 2Page - ON Semiconductor MMUN2233L Datasheet HTML 3Page - ON Semiconductor MMUN2233L Datasheet HTML 4Page - ON Semiconductor MMUN2233L Datasheet HTML 5Page - ON Semiconductor MMUN2233L Datasheet HTML 6Page - ON Semiconductor MMUN2233L Datasheet HTML 7Page - ON Semiconductor MMUN2233L Datasheet HTML 8Page - ON Semiconductor MMUN2233L Datasheet HTML 9Page - ON Semiconductor MMUN2233L Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
MUN2233, MMUN2233L, MUN5233, DTC143ZE, DTC143ZM3, NSBC143ZF3
www.onsemi.com
6
TYPICAL CHARACTERISTICS
NSBC143ZF3
−55
°C
150
°C
Figure 7. VCE(sat) versus IC
Figure 8. DC Current Gain
Figure 9. Output Capacitance
Figure 10. Output Current versus Input Voltage
Vin, INPUT VOLTAGE (V)
VR, REVERSE BIAS VOLTAGE (V)
Figure 11. Input Voltage versus Output Current
IC, COLLECTOR CURRENT (mA)
IC, COLLECTOR CURRENT (mA)
IC, COLLECTOR CURRENT (mA)
50
40
30
20
10
0
VO = 5 V
VO = 0.2 V
IC/IB = 10
VCE = 10 V
25
°C
1
0.1
0.01
110
50
1000
1
10
100
−55
°C
150
°C
25
°C
2.4
25
°C
−55
°C
150
°C
01
4
23
100
10
1
0.1
0.01
0.001
25
°C
−55
°C
150
°C
100
50
40
30
20
10
0
40
30
20
100
10
1
0.1
2
1.6
1.2
0.8
0.4
0
10
1
0.1
f = 10 kHz
IE = 0 A
TA = 25°C


Similar Part No. - MMUN2233L

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMUN2233L ONSEMI-MMUN2233L Datasheet
149Kb / 12P
   Digital Transistors (BRT) R1 = 4.7 k, R2 = 47 k
August, 2012 ??Rev. 0
MMUN2233L ONSEMI-MMUN2233L Datasheet
140Kb / 12P
   Digital Transistors (BRT)
October, 2016 ??Rev. 6
logo
Motorola, Inc
MMUN2233LT1 MOTOROLA-MMUN2233LT1 Datasheet
175Kb / 12P
   NPN SILICON BIAS RESISTOR TRANSISTOR
logo
Leshan Radio Company
MMUN2233LT1 LRC-MMUN2233LT1 Datasheet
146Kb / 10P
   Bias Resistor Transistor
logo
ON Semiconductor
MMUN2233LT1 ONSEMI-MMUN2233LT1 Datasheet
104Kb / 12P
   Bias Resistor Transistor
May, 2004 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com