Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SDTC114YET1G Datasheet(PDF) 5 Page - ON Semiconductor

Part # SDTC114YET1G
Description  Digital Transistors (BRT) R1 = 10 k, R2 = 47 k
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SDTC114YET1G Datasheet(HTML) 5 Page - ON Semiconductor

  SDTC114YET1G Datasheet HTML 1Page - ON Semiconductor SDTC114YET1G Datasheet HTML 2Page - ON Semiconductor SDTC114YET1G Datasheet HTML 3Page - ON Semiconductor SDTC114YET1G Datasheet HTML 4Page - ON Semiconductor SDTC114YET1G Datasheet HTML 5Page - ON Semiconductor SDTC114YET1G Datasheet HTML 6Page - ON Semiconductor SDTC114YET1G Datasheet HTML 7Page - ON Semiconductor SDTC114YET1G Datasheet HTML 8Page - ON Semiconductor SDTC114YET1G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
MUN2214, MMUN2214L, MUN5214, DTC114YE, DTC114YM3, NSBC114YF3
http://onsemi.com
5
TYPICAL CHARACTERISTICS
MUN2214, MMUN2214L, MUN5214, DTC114YE, DTC114YM3
1000
100
10
1
Figure 2. VCE(sat) vs. IC
10
020
30
IC, COLLECTOR CURRENT (mA)
40
50
Figure 3. DC Current Gain
Figure 4. Output Capacitance
010
20
50
IC, COLLECTOR CURRENT (mA)
IC, COLLECTOR CURRENT (mA)
Figure 5. Output Current vs. Input Voltage
100
10
1
0.1
0.01
0.001
012
3
4
Vin, INPUT VOLTAGE (V)
56
7
8
9
10
Figure 6. Input Voltage vs. Output Current
VR, REVERSE VOLTAGE (V)
IC/IB = 10
−55°C
150°C
25°C
f = 10 kHz
IE = 0 A
TA = 25°C
VO = 5 V
150°C
−55°C
25°C
VO = 0.2 V
25°C
1
0.1
0.01
40
30
0.1
1
100
10
VCE = 10 V
25°C
150°C
−55°C
3.6
3.2
2.8
2.4
2
1.6
1.2
0.8
0.4
0
010
20
30
40
50
100
10
1
0.1
150°C
−55°C


Similar Part No. - SDTC114YET1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SDTC114YET1G ONSEMI-SDTC114YET1G Datasheet
150Kb / 12P
   Digital Transistors (BRT) R1 = 10 k, R2 = 47 k
August, 2012 ??Rev. 0
SDTC114YET1G ONSEMI-SDTC114YET1G Datasheet
145Kb / 13P
   Bias Resistor Transistor NPN Silicon Surface Mount Transistor with Monolithic Bias Resistor Network
May, 2012 ??Rev. 12
SDTC114YET1G ONSEMI-SDTC114YET1G Datasheet
141Kb / 12P
   Digital Transistors (BRT)
November, 2016 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com