Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NSBC143ZF3T5G Datasheet(PDF) 2 Page - ON Semiconductor

Part # NSBC143ZF3T5G
Description  Digital Transistors (BRT) R1 = 4.7 k, R2 = 47 k
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NSBC143ZF3T5G Datasheet(HTML) 2 Page - ON Semiconductor

  NSBC143ZF3T5G Datasheet HTML 1Page - ON Semiconductor NSBC143ZF3T5G Datasheet HTML 2Page - ON Semiconductor NSBC143ZF3T5G Datasheet HTML 3Page - ON Semiconductor NSBC143ZF3T5G Datasheet HTML 4Page - ON Semiconductor NSBC143ZF3T5G Datasheet HTML 5Page - ON Semiconductor NSBC143ZF3T5G Datasheet HTML 6Page - ON Semiconductor NSBC143ZF3T5G Datasheet HTML 7Page - ON Semiconductor NSBC143ZF3T5G Datasheet HTML 8Page - ON Semiconductor NSBC143ZF3T5G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
MUN2233, MMUN2233L, MUN5233, DTC143ZE, DTC143ZM3, NSBC143ZF3
www.onsemi.com
2
Table 1. ORDERING INFORMATION
Device
Part Marking
Package
Shipping
MUN2233T1G, NSVMUN2233T1G*
8K
SC−59
(Pb−Free)
3000 / Tape & Reel
MMUN2233LT1G, SMMUN2233LT1G*
A8K
SOT−23
(Pb−Free)
3000 / Tape & Reel
NSVMMUN2233LT3G*
A8K
SOT−23
(Pb−Free)
10000 / Tape & Reel
MUN5233T1G, SMUN5233T1G*
8K
SC−70/SOT−323
(Pb−Free)
3000 / Tape & Reel
DTC143ZET1G, NSVDTC143ZET1G*
8K
SC−75
(Pb−Free)
3000 / Tape & Reel
DTC143ZM3T5G, NSVDTC143ZM3T5G*
8K
SOT−723
(Pb−Free)
8000 / Tape & Reel
NSBC143ZF3T5G
R
SOT−1123
(Pb−Free)
8000 / Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.
*S and NSV Prefix for Automotive and Other Applications Requiring Unique Site and Control Change Requirements; AEC−Q101 Qualified and
PPAP Capable.
Figure 1. Derating Curve
AMBIENT TEMPERATURE (
°C)
125
100
75
50
25
0
−25
−50
0
50
100
150
200
250
300
150
(1) (2) (3) (4) (5)
(1) SC−75 and SC−70/SOT−323; Minimum Pad
(2) SC−59; Minimum Pad
(3) SOT−23; Minimum Pad
(4) SOT−1123; 100 mm2, 1 oz. copper trace
(5) SOT−723; Minimum Pad


Similar Part No. - NSBC143ZF3T5G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NSBC143ZF3T5G ONSEMI-NSBC143ZF3T5G Datasheet
149Kb / 12P
   Digital Transistors (BRT) R1 = 4.7 k, R2 = 47 k
August, 2012 ??Rev. 0
NSBC143ZF3T5G ONSEMI-NSBC143ZF3T5G Datasheet
140Kb / 12P
   Digital Transistors (BRT)
October, 2016 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com