Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DTC115TE Datasheet(PDF) 5 Page - ON Semiconductor

Part # DTC115TE
Description  Digital Transistors (BRT) R1 = 100 k R2 = k
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

DTC115TE Datasheet(HTML) 5 Page - ON Semiconductor

  DTC115TE Datasheet HTML 1Page - ON Semiconductor DTC115TE Datasheet HTML 2Page - ON Semiconductor DTC115TE Datasheet HTML 3Page - ON Semiconductor DTC115TE Datasheet HTML 4Page - ON Semiconductor DTC115TE Datasheet HTML 5Page - ON Semiconductor DTC115TE Datasheet HTML 6Page - ON Semiconductor DTC115TE Datasheet HTML 7Page - ON Semiconductor DTC115TE Datasheet HTML 8Page - ON Semiconductor DTC115TE Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
MUN2241, MMUN2241L, MUN5241, DTC115TE, DTC115TM3, NSBC115TF3
http://onsemi.com
5
TYPICAL CHARACTERISTICS − NSBC115TF3
Figure 2. VCE(sat) vs. IC
Figure 3. DC Current Gain
IC, COLLECTOR CURRENT (mA)
IC, COLLECTOR CURRENT (mA)
40
30
20
50
10
0
0.01
0.1
10
100
10
1
10
100
1000
Figure 4. Output Capacitance
Figure 5. Output Current vs. Input Voltage
VR, REVERSE VOLTAGE (V)
Vin, INPUT VOLTAGE (V)
50
40
30
20
10
0
0
0.4
0.8
1.2
1.6
2.0
2.4
24
20
28
16
12
8
4
0
0.1
1
10
100
Figure 6. Input Voltage vs. Output Current
IC, COLLECTOR CURRENT (mA)
40
30
50
20
10
0
0.1
1
10
100
IC/IB = 10
150°C
−55°C
25°C
VCE = 10 V
150°C
−55°C
25°C
f = 10 kHz
IE = 0 A
TA = 25°C
VO = 5 V
150°C
−55°C
25°C
VO = 0.2 V
150°C
−55°C
25°C
0.01
1


Similar Part No. - DTC115TE

ManufacturerPart #DatasheetDescription
logo
Rohm
DTC115TE ROHM-DTC115TE Datasheet
73Kb / 3P
   Digital transistors (built in resistor)
DTC115TE ROHM-DTC115TE Datasheet
143Kb / 3P
   100mA / 50V Digital transistors (with built-in resistors)
DTC115TE ROHM-DTC115TE Datasheet
991Kb / 3P
   100mA / 50V Digital transistors(with built-in resistors)
logo
ON Semiconductor
DTC115TE ONSEMI-DTC115TE Datasheet
134Kb / 11P
   Digital Transistors (BRT)
November, 2016 ??Rev. 2
DTC115TET1G ONSEMI-DTC115TET1G Datasheet
134Kb / 11P
   Digital Transistors (BRT)
November, 2016 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com