Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AIMB-501F-CWA1E Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # AIMB-501F-CWA1E
Description  Intel짰 Core??i7/i5/i3 LGA1155 MicroATX with Triple CRT, 10 COM, 4 USB 3.0, 6 USB 2.0, Dual LAN
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

AIMB-501F-CWA1E Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  AIMB-501F-CWA1E Datasheet HTML 1Page - Advantech Co., Ltd. AIMB-501F-CWA1E Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Industrial Motherboards
Features
ƒ Supports Intel® Core™ i7/i5/i3 processor with B75 chipset
ƒ Two DIMM sockets support up to 16 GB DDR3 1600/1333 MHz SDRAM
ƒ Supports triple display of VGA and two GbE LAN
ƒ Supports 10 COM, LPT, TPM 1.2 (Optional)
ƒ Supports 4 USB 3.0 and 6 USB 2.0, 4 SATA Ports
ƒ Support PCIex16 (Gen3), PCIex4, 2 PCI expansion slots
ƒ Supports SUSIAccess, McAfee, Acronis and Embedded Software APIs
AIMB-501CW
Intel® Core™ i7/i5/i3 LGA1155 MicroATX
with Triple CRT, 10 COM, 4 USB 3.0,
6 USB 2.0, Dual LAN
Specifications
Processor System
CPU
Intel Core
i7-3770
Intel Core
i5-3550S
Intel Core
i3-3220
Intel Core
i7-2600
Intel Core
i5-2400
Intel Core
i3-2120
Pentium
G850
Celeron
G540
Core Number
4
4
2
4
4
2
2
2
Max. Speed
3.4 GHz
3.0 GHz
3.3 GHz
3.4 GHz
3.1 GHz
3.3 GHz
2.9 GHz
2.50 GHz
Integrated Graphics
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
L3 Cache
8 MB
6 MB
3 MB
8 MB
6 MB
3 MB
3 MB
2 MB
Chipset
B75
BIOS
AMI EFI 64 Mbit SPI
Expansion Slot
PCI
2
PCIe x 4 (Gen2)
500MB/s per direction, 1 slot
PCIe x16 (Gen3)
16 GB/s per direction, 1 slot
Memory
Technology
Dual Channel DDR3 1600/1333 MHz SDRAM
Max. Capacity
16 GB/8 GB per DIMM
Socket
2 x 240-pin DIMM (Non-ECC)
Graphics
Controller
Intel HD Graphics
VRAM
1GB maximum shared memory with 2GB and above system memory installed
LVDS
N/A
CRT
Yes, supports max. resolution 2048 x 1536 (VGA1)
Dual Display
CRT1 + CRT2, CRT2 + CRT3, CRT1 + CRT3
Triple Display
CRT1 + CRT2 + CRT3
Ethernet
Interface
10/100/1000 Mbps
Controller
GbE LAN: Realtek 8111E
Connector
RJ-45 X 2
SATA
Max Data Transfer Rate
300 MB/s (SATA 2.0)
Channel
4
Rear I/O
CRT
2
Ethernet
2
USB
8 (4 USB 3.0 and 4 USB 2.0)
Audio
2 (Mic-in, Line-out)
Serial
-
PS/2
2 (1 x keyboard and 1 x mouse)
VGA
1 (Pin header on board)
Internal Connector
USB
2 (USB 2.0)
Serial
10 (8 x RS-232, 2 x RS-232/422/485; COM 3 and COM 7 support RS-232/422/485 auto flow control; COM 1 and COM 2
supported 5V/12V by jumper selection)
Parallel
1 (pin header)
SATA
4 (SATA 2.0)
LVDS & Inverter
1
IrDA
-
GPIO
8-bit GPIO
Watchdog Timer
Output
System reset
Interval
Programmable 1 ~ 255 sec/min
Power Requirements
Intel Core i7-2600 3.4GHz, 4GB DDR3 1333MHz x 2pcs
Power On
+3.3 V
+12 V
-12 V
5 VSB
5 V
1.05 A
6.66 A
0.13 A
0.49 A
2.25 A
Environment
Operating
Non-Operating
Temperature
0 ~ 60° C (32 ~ 140° F), depends on CPU speed and cooler solution
-40 ~ 85° C (-40 ~ 185° F)
Physical Characteristics
Dimensions
244 mm x 244 mm (9.6" x 9.6")
Watchdog
H/W Monitor
SMBus
GPIO
Monitoring
BIOS flash
Utilities:
Software APIs:
Standard 7
All product specifications are subject to change without notice
Last updated : 14-Jan-2014


Similar Part No. - AIMB-501F-CWA1E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
AIMB-501 ADVANTECH-AIMB-501 Datasheet
791Kb / 2P
   Intel짰 Core??i7/i5/i3 LGA1155 MicroATX with CRT/DVI/LVDS, 10 COM, 10 USB 2.0, Dual LAN, and DDR3
AIMB-501G2-KSA1E ADVANTECH-AIMB-501G2-KSA1E Datasheet
791Kb / 2P
   Intel짰 Core??i7/i5/i3 LGA1155 MicroATX with CRT/DVI/LVDS, 10 COM, 10 USB 2.0, Dual LAN, and DDR3
AIMB-501G2-KSA1E ADVANTECH-AIMB-501G2-KSA1E Datasheet
921Kb / 2P
   Intel짰 Core??i7/i5/i3 LGA1155 MicroATX with CRT/DVI/LVDS, 10 COM, 10 USB 2.0, Dual LAN
AIMB-501G2-KSA1E ADVANTECH-AIMB-501G2-KSA1E Datasheet
921Kb / 2P
   Intel짰 Core??i7/i5/i3 LGA1155 MicroATX with CRT/DVI/LVDS, 10 COM, 10 USB 2.0, Dual LAN
AIMB-501G2-KSA2E ADVANTECH-AIMB-501G2-KSA2E Datasheet
921Kb / 2P
   Intel짰 Core??i7/i5/i3 LGA1155 MicroATX with CRT/DVI/LVDS, 10 COM, 10 USB 2.0, Dual LAN
More results

Similar Description - AIMB-501F-CWA1E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
AIMB-501VG-KSA1E ADVANTECH-AIMB-501VG-KSA1E Datasheet
921Kb / 2P
   Intel짰 Core??i7/i5/i3 LGA1155 MicroATX with CRT/DVI/LVDS, 10 COM, 10 USB 2.0, Dual LAN
AIMB-501 ADVANTECH-AIMB-501_14 Datasheet
921Kb / 2P
   Intel짰 Core??i7/i5/i3 LGA1155 MicroATX with CRT/DVI/LVDS, 10 COM, 10 USB 2.0, Dual LAN
AIMB-501 ADVANTECH-AIMB-501 Datasheet
791Kb / 2P
   Intel짰 Core??i7/i5/i3 LGA1155 MicroATX with CRT/DVI/LVDS, 10 COM, 10 USB 2.0, Dual LAN, and DDR3
AIMB-503 ADVANTECH-AIMB-503_14 Datasheet
1Mb / 2P
   Intel짰 Core??i7/i5/i3 LGA1150 MicroATX with CRT/DP/DVI/LVDS, 10 COM, 2 USB 3.0, 7 USB 2.0, Dual LAN
AIMB-581 ADVANTECH-AIMB-581_14 Datasheet
923Kb / 2P
   Intel짰 Xeon짰 E3/ Core??i7/i5/i3 LGA1155 MicroATX with CRT/DVI/LVDS, 6 COM, Dual LAN, SATAIII
AIMB-502 ADVANTECH-AIMB-502_14 Datasheet
903Kb / 2P
   Intel짰 Xeon짰 E3/ Core??i7/i5/i3 LGA1155 MicroATX with CRT/DVI/HDMI, 6 COM, Dual LAN, SATAIII
AIMB-581 ADVANTECH-AIMB-581 Datasheet
1Mb / 2P
   Intel짰 Xeon짰 E3/ Core??i7/i5/i3 LGA1155 MicroATX with CRT/DVI/LVDS, 6 COM, Dual LAN, DDR3 and SATAIII
SIMB-A31 ADVANTECH-SIMB-A31_15 Datasheet
945Kb / 2P
   Intel짰 Core??i7/i5/i3 LGA1150 ATX with VGA/DVI, 6 COM, 2 USB 3.0, 7 USB 2.0, Dual LAN
AIMB-502 ADVANTECH-AIMB-502 Datasheet
813Kb / 2P
   Intel짰 Xeon짰 E3/ Core??i7/i5/i3 LGA1155 MicroATX with CRT/DVI/HDMI, 6 COM, Dual LAN, DDR3 and SATAIII
AIMB-582 ADVANTECH-AIMB-582_14 Datasheet
913Kb / 2P
   Intel짰 Xeon짰 E3/ Core??i7/i5/i3 LGA1155 MicroATX with CRT/DVI/eDP/LVDS/DP, 6 COM, Dual LAN, SATAIII
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com