Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AIMB-503G2-00A1E Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # AIMB-503G2-00A1E
Description  Intel짰 Core??i7/i5/i3 LGA1150 MicroATX with CRT/DP/DVI/LVDS, 10 COM, 2 USB 3.0, 7 USB 2.0, Dual LAN
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

AIMB-503G2-00A1E Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  AIMB-503G2-00A1E Datasheet HTML 1Page - Advantech Co., Ltd. AIMB-503G2-00A1E Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
Block Diagram
AIMB-503
I/O View
AIMB-503G2-00A1E
AIMB-503L-00A1E
Riser Card
Part Number
Description
AIMB-RP10P-01A1E
1U riser card with 1 PCI expansion
AIMB-RP30P-03A1E
2U riser card with 3 PCI expansion
AIMB-RP3PF-21A1E
2U riser card with 1 PCIe x16 and 2 PCI expansion
AIMB-RF10F-01A1E
1U riser card with 1 PCIe x16 expansion
Packing List
Part Number
Description
Quantity
1700003194
Serial ATA HDD data cable
2
17AD14GS1400013V04 4 in 1 COM cable 500mm (IDE 40-pin 2.0mm)
2
17AD14GS0000083V04
DB 9P/M to IDC 10P cable 600mm
1
1960056089T010(G2)
19Z0000568T000(L)
I/O port bracket
1
2006050300
Startup manual
1
2066050300
Driver CD
1
Optional Accessories
Part Number
Description
1700002204
USB cable with dual ports, 27 cm
1960053207N001
LGA1150 CPU cooler for CPU TDP 65W,
92.9 (W) x 92.9 (L) x 46 (H) mm
1960060732N001
LGA1150 CPU cooler for CPU TDP 45W,
80 (W) x 80 (L) x 32.2 (H) mm
1700000447
1-to-4 serial ports cable kit, 45cm
1701400181
1-to-4 serial ports cable kit, 18cm
Note: Purchasing AIMB-503's proprietary CPU cooler from Advantech is a must; other brands
of CPU coolers are NOT compatible with AIMB-503.
Embedded OS/API
OS/API
Part No
Description
WES7
2070012753
Image WES7E AIMB-503 x32 V5.1.6 ENG
Ordering Information
Part Number
PCH
Memory VGA DVI
LVDS
USB
3.0/2.0
COM SIM Card
Holder
LAN
PCIe x 16
PCIe x 4
PCIe x 1
PCI slot
AMP
AIMB-503G2-00A1E
H81
Non ECC
1
1
(1) Optional 2/7
10
Yes
2
1
-
2
1
1
AIMB-503L-00A1E
H81
Non ECC
1
1
-
2/7
2
-
1
1
-
2
-
(1)
*() BOM options available on MP version.
Intel Core i7/i5/i3/
Pentium processor
H81
DVI
PCIex16 (Gen3)
DDR3/DDR3L 1333/1600 MHz DIMM
DVI-D
VGA
CRT
USB 3.0
2 USB 3.0
USB 2.0
7 USB 2.0
SATA III
2 x SATA III
SATA II
1 x SATA II
SATA II/USB
PCIe x 1
Mini-PCIe 1 with SIM Card Holder
DP
DP
DP
Chrontel 7511
LVDS (Optional)
PCIex16 (Gen3)
Channel A
DDR3/DDR3L 1333/1600 MHz DIMM
Channel B
1 PCIe x 1
PCIe x 1
1 PCIe x 1
PCIe x 1
ITE 8893
1 PCI
PCIe x 1
LPC
GbE LAN1:
Realtek 8111E-VL
PCIe x1
Winbond 83782G
(BOM option)
Super I/O
Nuvton 6776D
2 x COM, PS/2,
WDT, 8GPIO
SLB9635
TPM 1.2
(optional)
SPI
64MB
BIOS
Audio Codec
Realtek ALC892
Fintek
F81216HD
4 x COM, 3-6 RS-232,
COM3 RS-232/422/485
4 x COM, 7-10 RS-232,
COM7 RS-232/422/485
Fintek
F81216HD
GbE LAN2:
Realtek 8111E-VL
PCIe x1


Similar Part No. - AIMB-503G2-00A1E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
AIMB-501 ADVANTECH-AIMB-501 Datasheet
791Kb / 2P
   Intel짰 Core??i7/i5/i3 LGA1155 MicroATX with CRT/DVI/LVDS, 10 COM, 10 USB 2.0, Dual LAN, and DDR3
AIMB-501CW ADVANTECH-AIMB-501CW_14 Datasheet
1Mb / 2P
   Intel짰 Core??i7/i5/i3 LGA1155 MicroATX with Triple CRT, 10 COM, 4 USB 3.0, 6 USB 2.0, Dual LAN
AIMB-501F-CWA1E ADVANTECH-AIMB-501F-CWA1E Datasheet
1Mb / 2P
   Intel짰 Core??i7/i5/i3 LGA1155 MicroATX with Triple CRT, 10 COM, 4 USB 3.0, 6 USB 2.0, Dual LAN
AIMB-501G2-KSA1E ADVANTECH-AIMB-501G2-KSA1E Datasheet
791Kb / 2P
   Intel짰 Core??i7/i5/i3 LGA1155 MicroATX with CRT/DVI/LVDS, 10 COM, 10 USB 2.0, Dual LAN, and DDR3
AIMB-501G2-KSA1E ADVANTECH-AIMB-501G2-KSA1E Datasheet
921Kb / 2P
   Intel짰 Core??i7/i5/i3 LGA1155 MicroATX with CRT/DVI/LVDS, 10 COM, 10 USB 2.0, Dual LAN
More results

Similar Description - AIMB-503G2-00A1E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
AIMB-501VG-KSA1E ADVANTECH-AIMB-501VG-KSA1E Datasheet
921Kb / 2P
   Intel짰 Core??i7/i5/i3 LGA1155 MicroATX with CRT/DVI/LVDS, 10 COM, 10 USB 2.0, Dual LAN
AIMB-501 ADVANTECH-AIMB-501_14 Datasheet
921Kb / 2P
   Intel짰 Core??i7/i5/i3 LGA1155 MicroATX with CRT/DVI/LVDS, 10 COM, 10 USB 2.0, Dual LAN
SIMB-A31 ADVANTECH-SIMB-A31_15 Datasheet
945Kb / 2P
   Intel짰 Core??i7/i5/i3 LGA1150 ATX with VGA/DVI, 6 COM, 2 USB 3.0, 7 USB 2.0, Dual LAN
AIMB-501 ADVANTECH-AIMB-501 Datasheet
791Kb / 2P
   Intel짰 Core??i7/i5/i3 LGA1155 MicroATX with CRT/DVI/LVDS, 10 COM, 10 USB 2.0, Dual LAN, and DDR3
AIMB-584 ADVANTECH-AIMB-584_14 Datasheet
958Kb / 2P
   Intel짰 Xeon짰 E3/ Core??i7/i5/i3 LGA1150 MicroATX with CRT/DVI/eDP/LVDS/DP,6 COM, Dual LAN, SATAIII
AIMB-501CW ADVANTECH-AIMB-501CW_14 Datasheet
1Mb / 2P
   Intel짰 Core??i7/i5/i3 LGA1155 MicroATX with Triple CRT, 10 COM, 4 USB 3.0, 6 USB 2.0, Dual LAN
AIMB-582 ADVANTECH-AIMB-582_14 Datasheet
913Kb / 2P
   Intel짰 Xeon짰 E3/ Core??i7/i5/i3 LGA1155 MicroATX with CRT/DVI/eDP/LVDS/DP, 6 COM, Dual LAN, SATAIII
AIMB-581 ADVANTECH-AIMB-581_14 Datasheet
923Kb / 2P
   Intel짰 Xeon짰 E3/ Core??i7/i5/i3 LGA1155 MicroATX with CRT/DVI/LVDS, 6 COM, Dual LAN, SATAIII
AIMB-582 ADVANTECH-AIMB-582 Datasheet
1Mb / 2P
   Intel짰 Xeon짰 E3/ Core??i7/i5/i3 LGA1155 MicroATX with CRT/DVI/eDP/LVDS/DP, 6 COM, Dual LAN, DDR3 and SATAIII
AIMB-581 ADVANTECH-AIMB-581 Datasheet
1Mb / 2P
   Intel짰 Xeon짰 E3/ Core??i7/i5/i3 LGA1155 MicroATX with CRT/DVI/LVDS, 6 COM, Dual LAN, DDR3 and SATAIII
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com