Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AIMB-B12300-00Y1E Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # AIMB-B12300-00Y1E
Description  Ultra Thin Embedded Mini-ITX Box
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

AIMB-B12300-00Y1E Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  AIMB-B12300-00Y1E Datasheet HTML 1Page - Advantech Co., Ltd. AIMB-B12300-00Y1E Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
Dimensions
Unit: mm [inch]
AIMB-B1000 Series
Ordering Information
Parts Number
Descripition
Front Panel
Rear Panel
Internal expansion
Slot
2.5" HDD
bay
Regulations
USB
2.0/3.0
COM Cfast
slot
HDMI
DP++ USB
2.0/3.0
GbE
LAN
Audio Jack
Mini-PCIe
AIMB-B12010-00Y1E
CPU optional,
barebone w/o power
adapter
2/0
1
1
3
0
0/1
1
1 (Line-Out)
1 (1 x F/S)
(F/S support mSATA) 1 (SATA III) CE, FCC
AIMB-B12300-00Y1E
Celeron 2980U,
barebone w/o power
adapter
2/0
2
0
1 (DP)
1
0/4
2
2 (Line-Out, Mic-In) 2 (1 x F/S; 1 x H/S)
(F/S support mSATA) 1(SATA III)
CE, FCC
AIMB-B12305-00Y1E
i5-4300U, barebone
w/o power adapter
2/0
2
0
1 (DP)
1
0/4
2
2 (Line-Out, Mic-In) 2 (1 x F/S; 1 x H/S)
(F/S support mSATA) 1 (SATA III) CE, FCC
Optional Power Adaptor/ Power Cord
Parts Number Compatibility
Watts
Input
Output
Safety
Power cord
Part Number
Description
1757003734
Adapter DC 19V
for AIMB-B1201
65W
AC 100-240VAC,
1.5A 50-60Hz
DC 19V, 3.42A
CE/FCC/CCC/UL/CB/
KC/AS/PSE/
GS/GOST R/C-Tick/
BSMI/IRAM
Power cord
1700001524
3-pin power cord (US) for for AIMB-B1201
170203183C
3-pin power cord (EU) for AIMB-B1201
1757002944
Adapter DC 19V
for AIMB-B1201
90W
AC 100-240VAC,
1.5A 50-60Hz
DC 19V, 4.74A
CE/FCC/CCC/UL/CB/
AS/PSE/GS/
GOST R/C-Tick/BSMI
170203180A
3-pin power cord (UK) for AIMB-B1201
1700008921
3-pin power cord with PSE (Japan) for AIMB-B1201
1700019146
3-pin power cord (CCC) for AIMB-B1201
1757003995
Adapter DC 12V
for AIMB-B1230
60W
AC 100-240VAC,
1.5A 50-60Hz
DC 12V, 5.0A
CE/FCC/CCC/UL/CB/
KC/PSE/GS/
GOST R
Power cord
1702002600
3-pin power cord (US) for for AIMB-B1230
1702002605
3-pin power cord (EU) for AIMB-B1230
1757003064
Adapter DC 12V
for AIMB-B1230
84W
AC 100-240VAC,
1.3A 50-60Hz
DC 12V, 7.0A
CE/FCC/CCC/UL/CB/
KC/PSE/GS/
GOST R/C-Tick/BSMI
1702031801
3-pin power cord (UK) for AIMB-B1230
1700000237
3-pin power cord with PSE (Japan) for AIMB-B1230
1700000596
3-pin power cord (CCC) for AIMB-B1230
Packing List
Description
Quantity
MB startup manual
1
MB utility CD
1
Mounting Bracket (PN: 1960014487T001)
1
Lock harness for power Jack (PN:
1990021263S000+1990021264S000)
1
134 [5.276]
43 [1.69]
174 [6.850]
16 [0.630]
190 [7.48]


Similar Part No. - AIMB-B12300-00Y1E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
AIMB-B12300-00Y1E ADVANTECH-AIMB-B12300-00Y1E Datasheet
873Kb / 2P
   Intel짰 Core??i3-4010U/i5-4300U/i7-4650U/Celeron 2980U Mini-ITX with eDP/DP/DP, 2 COM, and Dual LAN
AIMB-B12300-00Y1E ADVANTECH-AIMB-B12300-00Y1E Datasheet
850Kb / 2P
   Ultra Thin Embedded Mini-ITX Box
More results

Similar Description - AIMB-B12300-00Y1E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
AIMB-B1000 ADVANTECH-AIMB-B1000 Datasheet
850Kb / 2P
   Ultra Thin Embedded Mini-ITX Box
logo
Adlink Technology Inc.
AMITX-AL-I ADLINK-AMITX-AL-I Datasheet
298Kb / 4P
   Thin Mini-ITX Embedded board
logo
AAEON Technology
EMB-H61A AAEON-EMB-H61A_15 Datasheet
432Kb / 2P
   Mini-ITX Embedded Motherboard
logo
Adlink Technology Inc.
AMITX-RZ-G ADLINK-AMITX-RZ-G Datasheet
602Kb / 3P
   Mini-ITX Embedded Board
logo
AAEON Technology
EMB-CV1 AAEON-EMB-CV1 Datasheet
331Kb / 2P
   Mini-ITX Embedded Motherboard
EMB-H61B AAEON-EMB-H61B Datasheet
415Kb / 2P
   Mini-ITX Embedded Motherboard
EMB-CV1 AAEON-EMB-CV1_15 Datasheet
331Kb / 2P
   Mini-ITX Embedded Motherboard
logo
Advantech Co., Ltd.
AIMB-B2275 ADVANTECH-AIMB-B2275 Datasheet
924Kb / 2P
   Embedded Mini-ITX Chassis
logo
AAEON Technology
EMB-H61A AAEON-EMB-H61A Datasheet
432Kb / 2P
   Mini-ITX Embedded Motherboard
EMB-B75B AAEON-EMB-B75B Datasheet
397Kb / 2P
   Mini-ITX Embedded Motherboard
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com