Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ARK-10-U0A1E Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # ARK-10-U0A1E
Description  Intel짰 Atom J1900 Quad Core SoC with Dual GbE and Dual COM Fanless Box PC
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

ARK-10-U0A1E Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  ARK-10-U0A1E Datasheet HTML 1Page - Advantech Co., Ltd. ARK-10-U0A1E Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
ARK-10
Packing List
Part Number
Description
-
1 x ARK-10 Unit
-
1 x User Manual (Simplified Chinese)
96PSA-A36W12W6-1
1 x AC to DC adapter DC 12V/3A 36W, -20 ~ 60° C
Embedded OS (Only available for T-Parts OEM, and CTOS service)
Part Number
Description
2070013062
WES7E 64-bit with EN/JP/TC/SC (OS size around 11G)
2070013368
WE8S 64-bit with EN/JP/TC/SC (OS size around 13G)
* Default BIOS is supported for 64-bit OS installation, BIOS for 32-bit OS is supported
by project.
Optional Items
Part Number
Description
1700001524
Power Cable 3-pin 180cm, USA type
170203183C
Power Cable 3-pin 180cm, Europe type
170203180A
Power Cable 3-pin 180cm, UK type
1700008921
Power Cable 3-pin PSE Mark 183cm
AMK-V003E
ARK-112X series VESA mounting kit
AMK-R001E
ARK-112X series DIN-rail mounting kit
AMK-W001E
ARK-112X series Wall mounting kit
Ordering Information
Part Number
CPU
RAM
VGA
GbE USB 2.0 USB 3.0 RS-232/
422/485 Audio
MiniPCIe 2.5" HDD
bay
mSATA Operating
Temperature
ARK-10-U0A1E
Intel Atom
J1900 QC
2GB Built In 1
2
2
1
2
Line in
Line out
1 Half-size
1 Full-size
1 x 500G
2.5" 24x7
HDD Built In
1
0 ~ 50° C
Dimensions
Unit: mm
Rear Panel External I/O Mechanical Layout/Drawing
Front Panel External I/O Mechanical Layout/Drawing
DIN Rail
VESA mount
Wall mount
133.80
On/Off
Line in
Line out
LAN
COM
USB2.0
HDD LED
DC 12V
USB3.0
LAN
COM
DC Input
USB2.0
VGA


Similar Part No. - ARK-10-U0A1E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ARK-10-U0A4 ADVANTECH-ARK-10-U0A4 Datasheet
1Mb / 2P
   Intel® Celeron Quad Core J1900 Quad Core SoC with Dual GbE and Dual COM Fanless Box PC
8-Sep-2022
More results

Similar Description - ARK-10-U0A1E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ARK-1123H ADVANTECH-ARK-1123H Datasheet
1Mb / 2P
   Intel짰 Celeron Quad Core J1900 SoC with Dual HDMI and Dual GbE Fanless Box PC
ARK-1123H ADVANTECH-ARK-1123H_15 Datasheet
1Mb / 2P
   Intel짰 Celeron Quad Core J1900 SoC with Dual HDMI and Dual GbE Fanless Box PC
ARK-1123C ADVANTECH-ARK-1123C_15 Datasheet
1Mb / 2P
   Intel짰 Atom E3825 SoC with Dual GbE and Dual COM Fanless Box PC
ARK-1123C ADVANTECH-ARK-1123C Datasheet
1Mb / 2P
   Intel짰 Atom E3825 SoC with Dual GbE and Dual COM Fanless Box PC
ARK-1123HVS ADVANTECH-ARK-1123HVS_15 Datasheet
1Mb / 3P
   Intel짰 Celeron Quad Core J1900 SoC with Dual HDMI and Dual GbE Fanless Box PC
ARK-1123C ADVANTECH-ARK-1123C_V01 Datasheet
1Mb / 2P
   Intel짰 Atom E3825 SoC with Dual GbE and Dual COM Fanless Box PC
10-Jan-2019
ARK-10 ADVANTECH-ARK-10 Datasheet
1Mb / 2P
   Intel® Celeron Quad Core J1900 Quad Core SoC with Dual GbE and Dual COM Fanless Box PC
8-Sep-2022
ARK-1123L ADVANTECH-ARK-1123L Datasheet
1Mb / 2P
   Intel짰 Atom E3825 SoC with Dual COM and GPIO Palm-Size Fanless Box PC
ARK-1123L ADVANTECH-ARK-1123L_15 Datasheet
1Mb / 2P
   Intel짰 Atom E3825 SoC with Dual COM and GPIO Palm-Size Fanless Box PC
ARK-1123C ADVANTECH-ARK-1123C_17 Datasheet
1Mb / 2P
   Dual GbE and Dual COM Fanless Box PC
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com