Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MS4N65 Datasheet(PDF) 1 Page - Bruckewell Technology LTD

Part # MS4N65
Description  Low On Resistance
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BWTECH [Bruckewell Technology LTD]
Direct Link  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD

MS4N65 Datasheet(HTML) 1 Page - Bruckewell Technology LTD

  MS4N65 Datasheet HTML 1Page - Bruckewell Technology LTD MS4N65 Datasheet HTML 2Page - Bruckewell Technology LTD MS4N65 Datasheet HTML 3Page - Bruckewell Technology LTD MS4N65 Datasheet HTML 4Page - Bruckewell Technology LTD MS4N65 Datasheet HTML 5Page - Bruckewell Technology LTD MS4N65 Datasheet HTML 6Page - Bruckewell Technology LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
MS4N65
N-Channel Enhancement Mode Power MOSFET
Publication Order Number: [MS4N65]
© Bruckewell Technology Corporation Rev. A -2014
Description
The MS4N65 is a N-channel enhancement-mode
MOSFET, providing the designer with the best
combination of fast switching, ruggedized device design,
low on-resistance and cost effectiveness. The TO-220
package is universally preferred for all
commercial-industrial applications
Features
• BVDSS=650V typically @ Tj=150°C
• Low On Resistance
• Simple Drive Requirement
• Low Gate Charge
• Fast Switching Characteristic
• RoHS compliant package
Application
• Open Framed Power Supply
• Adapter
• STB
Packing & Order Information
50/Tube ; 1,000/Box
Graphic symbol
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings (Tc=25°C unless otherwise specified)
Symbol
Parameter
Value
Unit
VDSS
Drain to Source Voltage
650
V
VGS
Gate to Source Voltage
±30
V
ID
Continuous Drain Current (TC=25°C)
Continuous Drain Current (TC=100°C)
3.6
2.3
A
IDM
Drain Current Pulsed
16.4
A
EAS
Single Pulsed Avalanche Energy
240
mJ
EAR
Repetitive Avalanche Energy
10
mJ
dv/dt
Peak Diode Recovery dv/dt
5.5
V/ns
• Drain current limited by maximum junction temperature


Similar Part No. - MS4N65

ManufacturerPart #DatasheetDescription
logo
Bruckewell Technology L...
MS4N60 BWTECH-MS4N60 Datasheet
872Kb / 6P
   N-Channel Enhancement Mode Power MOSFET
More results

Similar Description - MS4N65

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP2623GY-HF A-POWER-AP2623GY-HF_14 Datasheet
103Kb / 4P
   Low On-resistance
AP9926GEO-HF A-POWER-AP9926GEO-HF_14 Datasheet
65Kb / 4P
   Low On-resistance
logo
List of Unclassifed Man...
AUIRF1405 ETC2-AUIRF1405 Datasheet
217Kb / 12P
   Low on-resistance
AUIRFL024N ETC2-AUIRFL024N Datasheet
213Kb / 11P
   Low On-Resistance
AUIRF7478Q ETC2-AUIRF7478Q Datasheet
217Kb / 11P
   Low On-Resistance
logo
Advanced Power Electron...
AP83T03AGH-HF A-POWER-AP83T03AGH-HF_14 Datasheet
57Kb / 4P
   Low On-resistance
logo
Diodes Incorporated
DMN1260UFA DIODES-DMN1260UFA Datasheet
372Kb / 6P
   Low On-Resistance
DMN2028UFDH DIODES-DMN2028UFDH Datasheet
281Kb / 6P
   Low On-Resistance
DMN3065LW DIODES-DMN3065LW Datasheet
224Kb / 5P
   Low On-Resistance
logo
ZP Semiconductor
DMP3030SN ZPSEMI-DMP3030SN Datasheet
114Kb / 1P
   Low On-Resistance
logo
Advanced Power Electron...
AP0603GH-HF A-POWER-AP0603GH-HF_14 Datasheet
99Kb / 4P
   Low On-resistance
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com