Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PBSS5440D Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PBSS5440D
Description  40 V PNP low VCEsat (BISS) transistor
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PBSS5440D Datasheet(HTML) 5 Page - NXP Semiconductors

  PBSS5440D_15 Datasheet HTML 1Page - NXP Semiconductors PBSS5440D_15 Datasheet HTML 2Page - NXP Semiconductors PBSS5440D_15 Datasheet HTML 3Page - NXP Semiconductors PBSS5440D_15 Datasheet HTML 4Page - NXP Semiconductors PBSS5440D_15 Datasheet HTML 5Page - NXP Semiconductors PBSS5440D_15 Datasheet HTML 6Page - NXP Semiconductors PBSS5440D_15 Datasheet HTML 7Page - NXP Semiconductors PBSS5440D_15 Datasheet HTML 8Page - NXP Semiconductors PBSS5440D_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
PBSS5440D_2
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 02 — 14 December 2009
5 of 13
NXP Semiconductors
PBSS5440D
40 V PNP low VCEsat (BISS) transistor
FR4 PCB, mounting pad for collector 1 cm2
Fig 3.
Transient thermal impedance from junction to ambient as a function of pulse time; typical values
006aaa272
10
1
102
103
Zth(j-a)
(K/W)
10−1
10−5
10
10−2
10−4
102
10−1
tp (s)
10−3
103
1
duty cycle =
1
0.75
0.5
0.33
0.2
0.1
0.05
0.02
0.01
0
FR4 PCB, mounting pad for collector 6 cm2
Fig 4.
Transient thermal impedance from junction to ambient as a function of pulse time; typical values
006aaa273
10
1
102
103
Zth(j-a)
(K/W)
10−1
10−5
10
10−2
10−4
102
10−1
tp (s)
10−3
103
1
duty cycle =
1
0.75
0.5
0.33
0.2
0.1
0.05
0.02
0.01
0


Similar Part No. - PBSS5440D_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PBSS5440D PHILIPS-PBSS5440D Datasheet
948Kb / 12P
   Low VCEsat (BISS) transistors
May 2006
logo
Nexperia B.V. All right...
PBSS5440D NEXPERIA-PBSS5440D Datasheet
311Kb / 14P
   40 V PNP low VCEsat (BISS) transistor
Rev. 02 - 14 December 2009
More results

Similar Description - PBSS5440D_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PBSS5440D NEXPERIA-PBSS5440D Datasheet
311Kb / 14P
   40 V PNP low VCEsat (BISS) transistor
Rev. 02 - 14 December 2009
logo
NXP Semiconductors
PBSS302PD PHILIPS-PBSS302PD Datasheet
134Kb / 14P
   40 V PNP low VCEsat (BISS) transistor
Rev. 01-18 April 2005
PBSS5140T PHILIPS-PBSS5140T_15 Datasheet
106Kb / 13P
   40 V, 1 A PNP low VCEsat BISS transistor
Rev. 04-29 July 2008
PBSS3540E NXP-PBSS3540E Datasheet
173Kb / 11P
   40 V, 500 mA PNP low VCEsat (BISS) transistor
Rev. 02-11 December 2009
PBSS5140T NXP-PBSS5140T Datasheet
106Kb / 13P
   40 V, 1 A PNP low VCEsat BISS transistor
Rev. 04-29 July 2008
PBSS5540X PHILIPS-PBSS5540X Datasheet
100Kb / 13P
   40 V, 5 A PNP low VCEsat (BISS) transistor
2004 Nov 04
PBSS3540E PHILIPS-PBSS3540E Datasheet
109Kb / 11P
   40 V, 500 mA PNP low VCEsat (BISS) transistor
Rev. 01-3 May 2005
PBSS5240Z PHILIPS-PBSS5240Z_15 Datasheet
233Kb / 14P
   40 V, 2 A PNP low VCEsat (BISS) transistor
15 October 2014
logo
Nexperia B.V. All right...
PBSS5540X NEXPERIA-PBSS5540X Datasheet
239Kb / 13P
   40 V, 5 A PNP low VCEsat (BISS) transistor
15 April 2020
PBSS5240Z NEXPERIA-PBSS5240Z Datasheet
717Kb / 14P
   40 V, 2 A PNP low VCEsat (BISS) transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com