Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PBSS5480X Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PBSS5480X
Description  PNP low VCEsat (BISS) transistor 80 V, 4 A
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PBSS5480X Datasheet(HTML) 2 Page - NXP Semiconductors

  PBSS5480X_15 Datasheet HTML 1Page - NXP Semiconductors PBSS5480X_15 Datasheet HTML 2Page - NXP Semiconductors PBSS5480X_15 Datasheet HTML 3Page - NXP Semiconductors PBSS5480X_15 Datasheet HTML 4Page - NXP Semiconductors PBSS5480X_15 Datasheet HTML 5Page - NXP Semiconductors PBSS5480X_15 Datasheet HTML 6Page - NXP Semiconductors PBSS5480X_15 Datasheet HTML 7Page - NXP Semiconductors PBSS5480X_15 Datasheet HTML 8Page - NXP Semiconductors PBSS5480X_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
2004 Nov 08
2
NXP Semiconductors
Product data sheet
80 V, 4 A
PNP low VCEsat (BISS) transistor
PBSS5480X
FEATURES
• High h
FE and low VCEsat at high current operation
• High collector current I
C: 4 A
• High efficiency leading to less heat generation.
APPLICATIONS
• Medium power peripheral drivers (e.g. fans and motors)
• Strobe flash units for digital still cameras and mobile
phones
• Inverter applications (e.g. TFT displays)
• Power switch for LAN and ADSL systems
• Medium power DC-to-DC conversion
• Battery chargers.
DESCRIPTION
PNP low VCEsat (BISS) transistor in a SOT89 (SC-62)
plastic package.
NPN complement: PBSS4480X.
MARKING
Note
1.
* = p: made in Hong Kong.
* = t: made in Malaysia.
* = W: made in China.
TYPE NUMBER
MARKING CODE(1)
PBSS5480X
*1Z
PINNING
PIN
DESCRIPTION
1
emitter
2
collector
3
base
321
sym079
1
2
3
Fig.1 Simplified outline (SOT89) and symbol.
QUICK REFERENCE DATA
SYMBOL
PARAMETER
MAX.
UNIT
VCEO
collector-emitter voltage
−80
V
IC
collector current (DC)
−4
A
ICM
peak collector current
−10
A
RCEsat
equivalent on-resistance
75
m
Ω
ORDERING INFORMATION
TYPE NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
PBSS5480X
SC-62
plastic surface mounted package; collector pad for
good heat transfer; 3 leads
SOT89


Similar Part No. - PBSS5480X_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PBSS5480X PHILIPS-PBSS5480X Datasheet
114Kb / 13P
   80 V, 4 A PNP low VCEsat (BISS) transistor
2004 Nov 08
PBSS5480X PHILIPS-PBSS5480X Datasheet
948Kb / 12P
   Low VCEsat (BISS) transistors
May 2006
logo
Nexperia B.V. All right...
PBSS5480X NEXPERIA-PBSS5480X Datasheet
448Kb / 14P
   80 V, 4 A PNP low VCEsat (BISS) transistor
2004 Nov 08
More results

Similar Description - PBSS5480X_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PBSS5480X NEXPERIA-PBSS5480X Datasheet
448Kb / 14P
   80 V, 4 A PNP low VCEsat (BISS) transistor
2004 Nov 08
logo
NXP Semiconductors
PBSS5580PA PHILIPS-PBSS5580PA_15 Datasheet
174Kb / 15P
   80 V, 4 A PNP low VCEsat (BISS) transistor
Rev. 01-6 May 2010
PBSS5480X PHILIPS-PBSS5480X Datasheet
114Kb / 13P
   80 V, 4 A PNP low VCEsat (BISS) transistor
2004 Nov 08
logo
Nexperia B.V. All right...
PBSS5580PA NEXPERIA-PBSS5580PA Datasheet
289Kb / 16P
   80 V, 4 A PNP low VCEsat (BISS) transistor
PBSS305PX NEXPERIA-PBSS305PX Datasheet
331Kb / 16P
   80 V, 4.0 A PNP low VCEsat (BISS) transistor
Rev. 02 - 8 December 2009
PBSS305PZ NEXPERIA-PBSS305PZ Datasheet
307Kb / 15P
   80 V, 4.5 A PNP low VCEsat (BISS) transistor
Rev. 02 - 8 December 2009
logo
NXP Semiconductors
PBSS304PD NXP-PBSS304PD Datasheet
137Kb / 15P
   80 V, 3 A PNP low VCEsat (BISS) transistor
Rev. 02-24 March 2009
PBSS305PX NXP-PBSS305PX Datasheet
218Kb / 15P
   80 V, 4.0 A PNP low VCEsat (BISS) transistor
Rev. 02-8 December 2009
logo
Nexperia B.V. All right...
PBSS304PD NEXPERIA-PBSS304PD Datasheet
251Kb / 16P
   80 V, 3 A PNP low VCEsat (BISS) transistor
Rev. 02 - 24 March 2009
logo
NXP Semiconductors
PBSS305PZ PHILIPS-PBSS305PZ Datasheet
124Kb / 14P
   80 V, 4.5 A PNP low VCEsat (BISS) transistor
Rev. 01-20 September 2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com