Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE3CA1007 Datasheet(PDF) 4 Page - Pasternack Enterprises, Inc.

Part # PE3CA1007
Description  Operate from DC to 6GHz
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE3CA1007 Datasheet(HTML) 4 Page - Pasternack Enterprises, Inc.

  PE3CA1007 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE3CA1007 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE3CA1007 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE3CA1007 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
PE3CA1007 REV 1.1
SMA Female Bulkhead to HMCX32 1.2 Plug Cable Using 0.81mm Coax, RoHS
PE3CA1007
CAD Drawing


Similar Part No. - PE3CA1007

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3CA1007-12 PASTERNACK-PE3CA1007-12 Datasheet
392Kb / 4P
   TECHNICAL DATA SHEET
PE3CA1007-3 PASTERNACK-PE3CA1007-3 Datasheet
392Kb / 4P
   TECHNICAL DATA SHEET
PE3CA1007-6 PASTERNACK-PE3CA1007-6 Datasheet
392Kb / 4P
   TECHNICAL DATA SHEET
More results

Similar Description - PE3CA1007

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3CA1030 PASTERNACK-PE3CA1030 Datasheet
386Kb / 4P
   Operate from DC to 6GHz
PE3CA1011 PASTERNACK-PE3CA1011 Datasheet
392Kb / 4P
   Operate from DC to 6GHz
PE3CA1025 PASTERNACK-PE3CA1025 Datasheet
385Kb / 4P
   Operate from DC to 6GHz
PE3CA1027 PASTERNACK-PE3CA1027 Datasheet
386Kb / 4P
   Operate from DC to 6GHz
PE3CA1004 PASTERNACK-PE3CA1004 Datasheet
391Kb / 4P
   Operate from DC to 6GHz
PE3CA1018 PASTERNACK-PE3CA1018 Datasheet
395Kb / 4P
   Operate from DC to 6GHz
PE3CA1000 PASTERNACK-PE3CA1000 Datasheet
392Kb / 4P
   Operate from DC to 6GHz
PE3CA1001 PASTERNACK-PE3CA1001 Datasheet
391Kb / 4P
   Operate from DC to 6GHz
PE3CA1022 PASTERNACK-PE3CA1022 Datasheet
395Kb / 4P
   Operate from DC to 6GHz
PE3CA1033 PASTERNACK-PE3CA1033 Datasheet
397Kb / 4P
   Operate from DC to 6GHz
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com