Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE3CA1008 Datasheet(PDF) 3 Page - Pasternack Enterprises, Inc.

Part # PE3CA1008
Description  Operate from DC to 6GHz
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE3CA1008 Datasheet(HTML) 3 Page - Pasternack Enterprises, Inc.

  PE3CA1008 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE3CA1008 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE3CA1008 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE3CA1008 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
TECHNICAL DATA SHEET
TECHNICAL DATA SHEET
3
Configuration
Straight
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
REACH Compliant
12/19/2011
Plotted and Other Data
Notes:
Values at +25 °C, sea level
How to Order
Part Number Configuration:
PE3CA1008
- xx
uu
|
|
|
Unit of Measure:
|
|
cm = Centimeters
|
|
<blank> = Inches
|
Length
|
Base Number
Example:
PE3CA1008-12 = 12 inches long cable
PE3CA1008-100cm = 100 cm long cable
N Female Bulkhead to UMCX 2.5 Plug Cable Using 0.81mm Coax, RoHS from Pasternack Enterprises has same day
shipment for domestic and International orders. Our RF, microwave and millimeter wave products maintain a 99% availability
and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: N Female Bulkhead to UMCX 2.5 Plug Cable Using 0.81mm Coax, RoHS PE3CA1008
URL: http://www.pasternack.com/n-female-umcx-2.5-plug-0.81mm-cable-assembly-pe3ca1008-p.aspx
PE3CA1008 REV 1.1
PE3CA1008
N Female Bulkhead to UMCX 2.5 Plug
Cable Using 0.81mm Coax, RoHS


Similar Part No. - PE3CA1008

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3CA1008-12 PASTERNACK-PE3CA1008-12 Datasheet
394Kb / 4P
   TECHNICAL DATA SHEET
PE3CA1008-3 PASTERNACK-PE3CA1008-3 Datasheet
394Kb / 4P
   TECHNICAL DATA SHEET
PE3CA1008-6 PASTERNACK-PE3CA1008-6 Datasheet
393Kb / 4P
   TECHNICAL DATA SHEET
More results

Similar Description - PE3CA1008

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3CA1030 PASTERNACK-PE3CA1030 Datasheet
386Kb / 4P
   Operate from DC to 6GHz
PE3CA1011 PASTERNACK-PE3CA1011 Datasheet
392Kb / 4P
   Operate from DC to 6GHz
PE3CA1025 PASTERNACK-PE3CA1025 Datasheet
385Kb / 4P
   Operate from DC to 6GHz
PE3CA1027 PASTERNACK-PE3CA1027 Datasheet
386Kb / 4P
   Operate from DC to 6GHz
PE3CA1004 PASTERNACK-PE3CA1004 Datasheet
391Kb / 4P
   Operate from DC to 6GHz
PE3CA1018 PASTERNACK-PE3CA1018 Datasheet
395Kb / 4P
   Operate from DC to 6GHz
PE3CA1000 PASTERNACK-PE3CA1000 Datasheet
392Kb / 4P
   Operate from DC to 6GHz
PE3CA1001 PASTERNACK-PE3CA1001 Datasheet
391Kb / 4P
   Operate from DC to 6GHz
PE3CA1022 PASTERNACK-PE3CA1022 Datasheet
395Kb / 4P
   Operate from DC to 6GHz
PE3CA1033 PASTERNACK-PE3CA1033 Datasheet
397Kb / 4P
   Operate from DC to 6GHz
PE3CA1007 PASTERNACK-PE3CA1007 Datasheet
391Kb / 4P
   Operate from DC to 6GHz
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com