Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE3CA1009 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE3CA1009
Description  Operate from DC to 6GHz
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE3CA1009 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE3CA1009 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE3CA1009 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE3CA1009 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE3CA1009 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TECHNICAL DATA SHEET
TECHNICAL DATA SHEET
1
Pasternack’s UMCX 2.5 series ultra-miniature coaxial cable assemblies (also called 2.5mm UMCX) have a mated connection
height of only 2.5mm. They are constructed using a flexible micro-coax cable and are compatible with ultra-miniature products
from companies such as Hirose, IPEX, and other UMCX connector and cable manufactures. Our UMCX 2.5 plug connectors
are comparable in design to the Hirose U.FL series of connectors and the IPEX MHF series connectors. Pasternack also
provides three additional connector options for our between-series 0.81mm micro-coax jumper cables including UMCX 2.5,
WMCX 1.6 and HMCX32 1.2 low profile connectors with differing form factors and mated heights.
Our UMCX 2.5 between series cables can be ordered with Female Bulkhead versions of SMA, Reverse Polarity SMA and
Type N connectors as well as an SMA Male option. These cables provide a convenient connector interface for applications
that require and RF signal to be routed to an external RF component such as an antenna or to provide a test point for the RF
printed circuit board. Other coax cable options include 1.13mm, 1.37mm, RG178, and RG178-DS (double shielded). These
U.FL and MHF compatible UMCX 2.5 cable assemblies are available from stock in standard lengths, and custom lengths are
available upon request. Standard length UMCX 2.5 cables ship the same day they are ordered.
Features
1.2mm, 1.6mm, 2.1mm and 2.5mm mated assembly
height’s
Operate from DC to 6GHz
100% RF and Continuity tested
Compatible with Hirose U.FL and IPEX MHF products
Available in 0.81mm, 1.13mm, 1.37mm, RG178 and
RG178-DS shielded coax
Small foot print with easy snap on/off mating
Applications
Wireless LAN, Mini PCI
Mobile Antenna/GPS/Radio
Systems
PDA/PCS/Cellular Handset
applications
• Wireless Communications
systems (LAN,GSM,PCS,
WCDMA, UMTS)
Configuration
Connector 1
N Female Bulkhead
Connector 2
UMCX 2.5 Plug
Cable Type
1.13mm
Electrical Specifications
Frequency Range
DC to 3 GHz
Impedance
50 Ohms
Max VSWR
1.35:1
Performance by Frequency
Frequency 1
Frequency
250 MHz
VSWR
1.35:1
Return Loss
16.54 dB
Insertion Loss
0.5 dB/ft [1.64 dB/m]
Frequency 2
Frequency
500 MHz
VSWR
1.35:1
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: N Female Bulkhead to UMCX 2.5 Plug Cable Using 1.13mm Coax, RoHS PE3CA1009
PE3CA1009 REV 1.1
PE3CA1009
N Female Bulkhead to UMCX 2.5 Plug
Cable Using 1.13mm Coax, RoHS


Similar Part No. - PE3CA1009

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3CA1009-12 PASTERNACK-PE3CA1009-12 Datasheet
393Kb / 4P
   TECHNICAL DATA SHEET
PE3CA1009-3 PASTERNACK-PE3CA1009-3 Datasheet
393Kb / 4P
   TECHNICAL DATA SHEET
PE3CA1009-6 PASTERNACK-PE3CA1009-6 Datasheet
393Kb / 4P
   TECHNICAL DATA SHEET
More results

Similar Description - PE3CA1009

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3CA1030 PASTERNACK-PE3CA1030 Datasheet
386Kb / 4P
   Operate from DC to 6GHz
PE3CA1011 PASTERNACK-PE3CA1011 Datasheet
392Kb / 4P
   Operate from DC to 6GHz
PE3CA1025 PASTERNACK-PE3CA1025 Datasheet
385Kb / 4P
   Operate from DC to 6GHz
PE3CA1027 PASTERNACK-PE3CA1027 Datasheet
386Kb / 4P
   Operate from DC to 6GHz
PE3CA1004 PASTERNACK-PE3CA1004 Datasheet
391Kb / 4P
   Operate from DC to 6GHz
PE3CA1018 PASTERNACK-PE3CA1018 Datasheet
395Kb / 4P
   Operate from DC to 6GHz
PE3CA1000 PASTERNACK-PE3CA1000 Datasheet
392Kb / 4P
   Operate from DC to 6GHz
PE3CA1001 PASTERNACK-PE3CA1001 Datasheet
391Kb / 4P
   Operate from DC to 6GHz
PE3CA1022 PASTERNACK-PE3CA1022 Datasheet
395Kb / 4P
   Operate from DC to 6GHz
PE3CA1033 PASTERNACK-PE3CA1033 Datasheet
397Kb / 4P
   Operate from DC to 6GHz
PE3CA1007 PASTERNACK-PE3CA1007 Datasheet
391Kb / 4P
   Operate from DC to 6GHz
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com