Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MTLB3135-Y Datasheet(PDF) 1 Page - Marktech Corporate

Part # MTLB3135-Y
Description  Marktech 0.35 Light Bar LEDs
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

MTLB3135-Y Datasheet(HTML) 1 Page - Marktech Corporate

  MTLB3135-Y Datasheet HTML 1Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
395
120 Broadway • Menands, New York 12204
Toll Free:
(800) 98-4LEDS • Fax: (518) 432-7454
marktech
optoelectronics
For up-to-date product info visit our web site at www.marktechopto.com
All specifications subject to change.
FEA
FEA
FEA
FEA
FEATURES
TURES
TURES
TURES
TURES
0.35" Light Bar
0.35" Light Bar
0.35" Light Bar
0.35" Light Bar
0.35" Light Bar
OPT
OPT
OPT
OPT
OPTO-ELECTRICAL CHARA
O-ELECTRICAL CHARA
O-ELECTRICAL CHARA
O-ELECTRICAL CHARA
O-ELECTRICAL CHARACTERISTICS (T
CTERISTICS (T
CTERISTICS (T
CTERISTICS (T
CTERISTICS (Ta = 25°C)
a = 25°C)
a = 25°C)
a = 25°C)
a = 25°C)
P
PP
P
PA
A
A
A
ACKA
CKA
CKA
CKA
CKAGE DIMENSIONS
GE DIMENSIONS
GE DIMENSIONS
GE DIMENSIONS
GE DIMENSIONS AND PIN FUNCTIONS
AND PIN FUNCTIONS
AND PIN FUNCTIONS
AND PIN FUNCTIONS
AND PIN FUNCTIONS
• 0.35" light bar
• Suitable for backlighting
• Uniform light emission
1. ALL DIMENSIONS ARE IN mm, TOLERANCE IS ±0.25mm UNLESS OTHERWISE SPECIFIED.
2. THE SLOPE ANGLE OF ANY PIN MAY BE ±5.0° MAX.
PIN NO. FUNCTION
1.
CATHODE
2.
ANODE
3.
ANODE
4.
CATHODE
5.
CATHODE
6.
ANODE
7.
ANODE
8.
CATHODE
PART NO.
PEAK
WAVE
LENGTH
(nm)
EMITTED
COLOR
MAXIMUM RATINGS
OPTO ELECTRICAL CHARACTERISTICS
IF
(mA)
VR-
(V)
PD(mW)
T
opr(°C)
T
stg(°C)
VF(V)
IR(µA)
IV(mcd)
typ.
max.
@mA
max.
@VR
typ. per
die
@mA
MTLB2135-G
567
Green
30
5
85
-25~+85
-25~+100
2.1
3.0
20
100
5
6.8
10
MTLB3135-Y
585
Yellow
30
5
85
-25~+85
-25~+100
2.1
3.0
20
100
5
5.5
10
MTLB4135-O
635
Orange
30
5
85
-25~+85
-25~+100
2.1
3.0
20
100
5
7.8
10
MTLB4135-HR
635
Hi-Eff Red
30
5
85
-25~+85
-25~+100
2.1
3.0
20
100
5
7.8
10
MTLB7135-UR
660
Ultra Red
30
4
70
-25~+85
-25~+100
1.9
2.5
20
100
4
30.4
20


Similar Part No. - MTLB3135-Y

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MTLB3150-Y MARKTECH-MTLB3150-Y Datasheet
36Kb / 1P
   Marktech 0.50 Light Bar LEDs
MTLB3150-Y-A MARKTECH-MTLB3150-Y-A Datasheet
184Kb / 3P
   Standard LEDs
MTLB3160-Y MARKTECH-MTLB3160-Y Datasheet
35Kb / 1P
   Marktech 0.53 Light Bar LEDs
MTLB3175-Y MARKTECH-MTLB3175-Y Datasheet
36Kb / 1P
   Marktech 0.75 Light Bar LEDs
More results

Similar Description - MTLB3135-Y

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MTLB2150-G MARKTECH-MTLB2150-G Datasheet
36Kb / 1P
   Marktech 0.50 Light Bar LEDs
MTLB2175-G MARKTECH-MTLB2175-G Datasheet
36Kb / 1P
   Marktech 0.75 Light Bar LEDs
MTLB2160-G MARKTECH-MTLB2160-G Datasheet
35Kb / 1P
   Marktech 0.53 Light Bar LEDs
MTB10000-RG MARKTECH-MTB10000-RG Datasheet
36Kb / 1P
   Marktech Bar Graph Array (10 Segment)
MTA7072-G MARKTECH-MTA7072-G Datasheet
31Kb / 1P
   Marktech Bar Graph Array (7 Segment)
MT1133-RG MARKTECH-MT1133-RG Datasheet
38Kb / 1P
   Marktech Standard 10mm LEDs
MTSM7100LB-AR MARKTECH-MTSM7100LB-AR Datasheet
71Kb / 2P
   Marktech 0805 SMT LEDs
MTB10062-HRG MARKTECH-MTB10062-HRG Datasheet
32Kb / 1P
   Marktech Bar Graph Array (Bi?묬olor)
MTB5000-G MARKTECH-MTB5000-G Datasheet
38Kb / 2P
   Marktech Bar Graph Array (5 Segment)
logo
List of Unclassifed Man...
B-2709X ETC-B-2709X Datasheet
40Kb / 1P
   LIGHT BAR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com