Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LV5684NPVD-XH Datasheet(PDF) 10 Page - ON Semiconductor

Part # LV5684NPVD-XH
Description  System Power Supply IC for Automotive Infotainment Multiple Output Linear Voltage Regulator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LV5684NPVD-XH Datasheet(HTML) 10 Page - ON Semiconductor

Back Button LV5684NPVD-XH Datasheet HTML 6Page - ON Semiconductor LV5684NPVD-XH Datasheet HTML 7Page - ON Semiconductor LV5684NPVD-XH Datasheet HTML 8Page - ON Semiconductor LV5684NPVD-XH Datasheet HTML 9Page - ON Semiconductor LV5684NPVD-XH Datasheet HTML 10Page - ON Semiconductor LV5684NPVD-XH Datasheet HTML 11Page - ON Semiconductor LV5684NPVD-XH Datasheet HTML 12Page - ON Semiconductor LV5684NPVD-XH Datasheet HTML 13Page - ON Semiconductor LV5684NPVD-XH Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
LV5684NPVD
No.A2182-10/15
Continued from preceding page.
Pin No.
Pin name
Description
Equivalent Circuit
12
VDD
VDD output
3.3V/0.35A
11
10
230k
Ω
2k
Ω
VCC1
GND
140k
Ω
12
13
SW33V
SW33V output
When CTRL2 = M1, M2, H,
SW33V is ON
3.3V/0.45A
1k
Ω
11
10
230k
Ω
V6IN
GND
140k
Ω
13
14
ANT
ANT output
When CTRL1 = H,
ANT is ON
VCC-0.5V/300mA
7
10
VCC2
GND
5k
Ω
100k
Ω
14
15
EXT
EXT output
When CTRL1 = M2, H,
EXT is ON
VCC-0.5V/350mA
7
10
VCC2
GND
5k
Ω
100k
Ω
15


Similar Part No. - LV5684NPVD-XH

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LV56841PVD ONSEMI-LV56841PVD Datasheet
331Kb / 15P
   For Car Audio Systems Multi-Power Supply IC
August, 2014
LV56841PVD-XH ONSEMI-LV56841PVD-XH Datasheet
331Kb / 15P
   For Car Audio Systems Multi-Power Supply IC
August, 2014
logo
Sanyo Semicon Device
LV5684PVD SANYO-LV5684PVD Datasheet
208Kb / 12P
   For Car Audio Systems Multi-Power Supply IC
logo
ON Semiconductor
LV5684PVD ONSEMI-LV5684PVD Datasheet
256Kb / 12P
   Multi-Power Supply IC for Car Audio Systems
August, 2013
More results

Similar Description - LV5684NPVD-XH

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LV5693P ONSEMI-LV5693P_14 Datasheet
412Kb / 16P
   System Power Supply IC for Automotive Infotainment Multiple Output Linear Voltage Regulator
March, 2014
LV5694P ONSEMI-LV5694P Datasheet
357Kb / 14P
   System Power Supply IC for Automotive Infotainment Multiple Output Linear Voltage Regulator
March, 2014
LV5696P ONSEMI-LV5696P Datasheet
313Kb / 15P
   System Power Supply IC for Automotive Infotainment Multiple Output Linear Voltage Regulator
March, 2014
LV5685PV ONSEMI-LV5685PV Datasheet
691Kb / 29P
   System Power Supply IC for Automotive Infotainment Multiple-Output Linear Voltage Regulator
June, 2014
LV5695P ONSEMI-LV5695P_14 Datasheet
345Kb / 14P
   System Power Supply IC for Automotive Infotainment Multiple Output Linear Voltage Regulator
March, 2014
LV56851UV ONSEMI-LV56851UV Datasheet
961Kb / 27P
   Linear Voltage Regulator, Multiple-Output System Power Supply IC,
April 2016- Rev. 0
LV5680NPVC ONSEMI-LV5680NPVC Datasheet
453Kb / 16P
   Linear Voltage Regulator, Multiple-Output, System Power Supply IC
February 2017- Rev. 1
NCV8614 ONSEMI-NCV8614 Datasheet
399Kb / 25P
   Ultra-Low Iq Automotive System Power Supply IC Power Saving Triple-Output Linear Regulator
December, 2008 ??Rev. 0
NCV8612B ONSEMI-NCV8612B Datasheet
462Kb / 26P
   Ultra-Low Iq Automotive System Power Supply IC Power Saving Triple-Output Linear Regulator
March, 2010 ??Rev. 0
NCV8613B ONSEMI-NCV8613B Datasheet
405Kb / 25P
   Ultra-Low Iq Automotive System Power Supply IC Power Saving Triple-Output Linear Regulator
March, 2010 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com