Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS-065GF-S6A1E Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # DS-065GF-S6A1E
Description  Ultra-slim 3rd Generation Intel짰 Core??i7/Celeron짰/Atom??Digital Signage Platform
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

DS-065GF-S6A1E Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  DS-065GF-S6A1E Datasheet HTML 1Page - Advantech Co., Ltd. DS-065GF-S6A1E Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Digital Signage Platforms
Features
DS-060 Series
Ultra-slim 3rd Generation Intel®
Core™ i7/Celeron®/Atom™
Digital Signage Platform
ƒ Unified 19 mm-thin chassis powered by Intel® multiple platforms
(TDP up to 45W)
ƒ Dual 1080P displays by on-board VGA & DisplayPort (HDMI)
ƒ DC input 19V
ƒ Compact in size allows installation in limited space
ƒ Highly expandable via internal Mini-PCIe interface (e.g. WLAN, 3G or TV
tuner)
ƒ Supports iManager, SUSIAccess and Embedded Software APIs
ƒ Design compliant with Energy Star 5.2
NEW
DS-060
DS-061
DS-062
DS-063
DS-065
Features
3rd Generation
Intel Core i7 Platform
3rd Generation
Intel Core i7 Platform
Intel Celeron Mobile
Platform
Intel Atom Platform
Intel Atom Platform
Processor system
Processor
Core i7-3615QE
Core i7-3517UE
Celeron B810E
Atom D2550
Atom N2600
PCH chipset
Intel QM77 Express
Intel QM77 Express
Intel QM77 Express
Intel NM10
Intel NM10
BIOS
AMI uEFI 64 Mbit
AMI uEFI 64 Mbit
AMI uEFI 64 Mbit
AMI uEFI 16 Mbit
AMI uEFI 16 Mbit
Memory
Technology
DDR3 1333/1600MHz
DDR3 1333/1600MHz
DDR3 1066/1333MHz
DDR3 800/1066MHz
DDR3 800/1066MHz
Max. Capacity
8 GB
8 GB
8 GB
4 GB
2 GB
Socket
1 x 204pin SODIMM
Thermal Solution
FAN
FAN
FAN
FANLESS
FANLESS
Display
Chipset
Embedded in Processor
Output
VGA x 1; DP x 1
VGA x 1; DP x 1
VGA x 1; DP x 1
VGA x 1; HDMI x 1
VGA x 1; HDMI x 1
Resolution
1920 x 1080P
Ethernet
Interface
Gigabit LAN Controller
Controller
Intel 82579LM
Intel 82579LM
Intel 82579LM
Intel 82583V
Intel 82583V
Connector
1 x RJ-45
I/O Interfaces
Audio
Line-Out, Mic-In
Ethernet
1 x RJ-45 (GigaLAN)
Wireless LAN
via optional WLAN module
USB 2.0
2
2
2
4
4
USB 3.0
2
2
2
-
-
Serial Port
1 x RS-232
Expansion
1 x Mini PCIe (internal)
PSW
1 x Power on/off button
LED Indicators
1 x Power, 1 x HDD Access
Storage
SATA
1 x 2.5-inch SATA II HDD/SSD (only support 7 mm height)
mSATA
1 x Full-size
Power
Requirement
Power
Management
ACPI 3.0
Input Voltage
19 V DC-in (ATX/AT mode)
Watchdog Timer
Output
Interrupt, system reset
Interval
255-level timer interval, setup by software
Physical
Characteristics
Mounting
Easy mounting kits for LCD or Plasma
Dimensions
(W x D x H)
180 x 190 x 19 mm
Weight
0.87 kg (1.92 lb)
Environment
Operating
Temperature
0 ~ 40° C (32 ~ 104° F) (w / HDD); 0 ~ 50° C (32 ~ 122° F) (w / SSD)
Relative Humidity
95% @ 40°C (non-condensing), operating
Software
Development Kit
Operating System
Supports Microsoft Windows 8, Windows 7, Android 4.0
Linux
Linux Fedora 14
Linux Fedora 16
Linux Fedora 16
Certifications
EMC
CE/FCC Class B, CCC, BSMI
Safety
UL, CCC, BSMI
Specifications
All product specifications are subject to change without notice
Last updated : 1-Apr-2014


Similar Part No. - DS-065GF-S6A1E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
DS-066 ADVANTECH-DS-066 Datasheet
646Kb / 2P
   Intel® Celeron® J1900 Quad-Core Ultra-slim Fanless Digital Signage Player
13-Sep-2022
DS-066GB-U0A1E ADVANTECH-DS-066GB-U0A1E Datasheet
646Kb / 2P
   Intel® Celeron® J1900 Quad-Core Ultra-slim Fanless Digital Signage Player
13-Sep-2022
More results

Similar Description - DS-065GF-S6A1E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ARK-DS262 ADVANTECH-ARK-DS262_14 Datasheet
626Kb / 2P
   3rd Generation Intel짰 Core??i7 OPS Digital Signage Platform
ARK-DS262 ADVANTECH-ARK-DS262 Datasheet
2Mb / 2P
   3rd Generation Intel짰 Core??i7 Processor-based Digital Signage Platform
ARK-DS762 ADVANTECH-ARK-DS762 Datasheet
703Kb / 2P
   3rd Generation Intel Core i7/i5/i3 Digital Signage Platform
ARK-DS762 ADVANTECH-ARK-DS762_14 Datasheet
703Kb / 2P
   3rd Generation Intel짰 Core??i7/i5/i3 Digital Signage Platform with 3 x HDMI Independent Display
DS-080 ADVANTECH-DS-080 Datasheet
910Kb / 2P
   5th Gen. Intel짰 Core??i5/Celeron짰 Ultra-slim Digital Signage Player
AIMB-782 ADVANTECH-AIMB-782 Datasheet
2Mb / 2P
   3rd generation Intel짰 Core??processor-based platform
DS-862 ADVANTECH-DS-862_15 Datasheet
1Mb / 2P
   3rd Generation Intel짰 Core??i Digital Signage Player with 4 independent displays
logo
AAEON Technology
IMBM-B75A AAEON-IMBM-B75A Datasheet
375Kb / 2P
   Intel짰 2nd/3rd Generation Core??i7/ i5/ i3/ Processors
logo
Advantech Co., Ltd.
DS-370 ADVANTECH-DS-370_15 Datasheet
1Mb / 2P
   Intel짰 Celeron짰 Quad Core J1900 Fanless Digital Signage Player
DS-370 ADVANTECH-DS-370 Datasheet
1Mb / 2P
   Intel짰 Celeron짰 Quad Core J1900 Fanless Digital Signage Player
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com