Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE3CA1058 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE3CA1058
Description  Operate from DC to 6 GHz
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE3CA1058 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE3CA1058 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE3CA1058 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE3CA1058 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE3CA1058 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TECHNICAL DATA SHEET
TECHNICAL DATA SHEET
2
Frequency 3
Frequency
1000 MHz
VSWR
1.4:1
Return Loss
15.56 dB
Insertion Loss
0.95 dB/ft [3.12 dB/m]
Frequency 4
Frequency
2.5 GHz
VSWR
1.4:1
Return Loss
15.56 dB
Insertion Loss
1.6 dB/ft [5.25 dB/m]
Frequency 5
Frequency
6 GHz
VSWR
1.55:1
Return Loss
13.32 dB
Insertion Loss
2.59 dB/ft [8.5 dB/m]
Mechanical Specifications
Temperature
Temperature Operating Range
-55 to +125 deg C
Size
.
Cable
Cable Type
0.81mm
Inner Conductor Type
Stranded
Cable Inner Conductor
Copper, Silver
No of Shields
1
Cable Outer Conductor
Tinned Copper
Dielectric Type
FEP
Jacket Material
FEP
Jacket Diameter
0.032 in [0.81 mm]
Connector 1
Type
HMCX32 1.2 Plug
Configuration
Straight
Connector 2
Type
HMCX32 1.2 Plug
Configuration
Straight
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
PE3CA1058 REV 1.1
PE3CA1058
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: HMCX32 1.2 Plug to HMCX32 1.2 Plug Cable Using 0.81mm Coax, RoHS PE3CA1058
HMCX32 1.2 Plug to HMCX32 1.2 Plug
Cable Using 0.81mm Coax, RoHS


Similar Part No. - PE3CA1058

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3CA1058-12 PASTERNACK-PE3CA1058-12 Datasheet
386Kb / 4P
   TECHNICAL DATA SHEET
PE3CA1058-6 PASTERNACK-PE3CA1058-6 Datasheet
386Kb / 4P
   TECHNICAL DATA SHEET
PE3CA1058-9 PASTERNACK-PE3CA1058-9 Datasheet
386Kb / 4P
   TECHNICAL DATA SHEET
More results

Similar Description - PE3CA1058

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3CA1052 PASTERNACK-PE3CA1052 Datasheet
387Kb / 4P
   Operate from DC to 6 GHz
PE3CA1053 PASTERNACK-PE3CA1053 Datasheet
389Kb / 4P
   Operate from DC to 6 GHz
PE3CA1051 PASTERNACK-PE3CA1051 Datasheet
385Kb / 4P
   Operate from DC to 6 GHz
PE3CA1054 PASTERNACK-PE3CA1054 Datasheet
387Kb / 4P
   Operate from DC to 6 GHz
PE3CA1055 PASTERNACK-PE3CA1055 Datasheet
385Kb / 4P
   Operate from DC to 6 GHz
PE3CA1056 PASTERNACK-PE3CA1056 Datasheet
391Kb / 4P
   Operate from DC to 6 GHz
PE3CA1030 PASTERNACK-PE3CA1030 Datasheet
386Kb / 4P
   Operate from DC to 6GHz
PE3CA1011 PASTERNACK-PE3CA1011 Datasheet
392Kb / 4P
   Operate from DC to 6GHz
PE3CA1020 PASTERNACK-PE3CA1020 Datasheet
396Kb / 4P
   Operate from DC to 6GHz
PE3CA1023 PASTERNACK-PE3CA1023 Datasheet
390Kb / 4P
   Operate from DC to 6GHz
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com