Electronic Components Datasheet Search |
|
PE15A2001 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc. |
|
PE15A2001 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc. |
1 / 9 page 1 TECHNICAL DATA SHEET The PE15A2001 is a SDLVA (Successive Detection Logarithmic Video Amplifier) designed to operate over the 2 GHz to 6 GHz Frequency Range. The SDLVA utilizes GaAs Technology which is beneficial for High speed Applications while maintaining flatness and accuracy though the band of operation. Features • Ultra-High Speed Applications • 2 GHz to 6 GHz Frequency Range • 70 dB Dynamic Range • Designed for MIL-STD-202F Conditions • Log slope 40 mV/dB • 75 dBm Log Range • 15 ns Typ Rise Time • Video Bandwidth 20 MHz Applications • Electronic Warfare • Test & Measurement • Military & Space • Radar • Military Communications Systems Electrical Specifications Description Minimum Typical Maximum Units Frequency Range 2 6 GHz Frequency Flatness ±1.2 dB Small Signal Gain 70 dB Dynamic Range +-65 +5 dBm Video Output 3.5 V DC Offset 0.15 V Output RF Power +5 dBm Log Range -70 +5 dBm Log Accuracy ±1.75 dB Log Linearity ±1.75 dB Log Slope (± 10% Tolerance) 40 mV/dB Log Slope Variation with Frequency ±1.5 mV/dB Log Slope Variation with Temperature ±1.2 mV/dB Output Coupling DC Pulse Range To CW 100 ns Rise Time (10% to 90%) 15 25 ns Fall Time (90% to 10%) 25 30 ns Output Video Load (± 10%) 50 Ohm Positive Power Supply (@300 mA Typ)* 12 15 Volts Negative Power Supply (@190 mA Typ)* -12 -15 Volts Operating Temperature Range -40 +71 deg C Storage Temperature Range -65 +100 deg C Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price, inventory and certifications: 2 GHz to 6 GHz, Log Amplifier, 40 mV/dB Log Slope, 75 dBm Log Range, SMA PE15A2001 PE15A2001 PE15A2001 REV 1.0 2 GHz to 6 GHz, Log Amplifier, 40 mV/dB Log Slope, 75 dBm Log Range, SMA |
Similar Part No. - PE15A2001 |
|
Similar Description - PE15A2001 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |