Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE80L1001 Datasheet(PDF) 6 Page - Pasternack Enterprises, Inc.

Part # PE80L1001
Description  High Speed 5 Watt CW Limit
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE80L1001 Datasheet(HTML) 6 Page - Pasternack Enterprises, Inc.

  PE80L1001 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE80L1001 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE80L1001 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE80L1001 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE80L1001 Datasheet HTML 5Page - Pasternack Enterprises, Inc. PE80L1001 Datasheet HTML 6Page - Pasternack Enterprises, Inc. PE80L1001 Datasheet HTML 7Page - Pasternack Enterprises, Inc. PE80L1001 Datasheet HTML 8Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
PE80L1001 REV 1.0
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMA High Power Limiter, 100 Watts Peak Power, 40 ns Recovery, 13 dBm Flat Leakage,
2 GHz to 8 GHz PE80L1001
RECOVERY TIME
20ns per Div.
10ns per Div.
SMA High Power Limiter, 100 Watts Peak Power, 40 ns
Recovery, 13 dBm Flat Leakage, 2 GHz to 8 GHz
Limiters - PE80L1001


Similar Part No. - PE80L1001

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE80L1000 PASTERNACK-PE80L1000 Datasheet
422Kb / 7P
   High Speed 1 Watt Limit
More results

Similar Description - PE80L1001

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE80L2000 PASTERNACK-PE80L2000 Datasheet
594Kb / 8P
   High Speed 10 Watt CW Limit
PE80L1000 PASTERNACK-PE80L1000 Datasheet
422Kb / 7P
   High Speed 1 Watt Limit
PE80L2001 PASTERNACK-PE80L2001 Datasheet
424Kb / 7P
   High Speed 200 Watt Peak Limit
logo
National Semiconductor ...
LMH6321 NSC-LMH6321_07 Datasheet
587Kb / 22P
   300mA High Speed Buffer with Adjustable Current Limit
LMH6321 NSC-LMH6321 Datasheet
1Mb / 21P
   300 mA High Speed Buffer with Adjustable Current Limit
logo
Texas Instruments
LMH6321 TI1-LMH6321_14 Datasheet
1Mb / 31P
[Old version datasheet]   300 mA High Speed Buffer with Adjustable Current Limit
LMH6321 TI1-LMH6321_18 Datasheet
1Mb / 31P
[Old version datasheet]   300 mA High Speed Buffer with Adjustable Current Limit
logo
TRACO Electronic AG
TEL5 TRACOPOWER-TEL5 Datasheet
938Kb / 4P
   TEL 5 Series, 5 Watt
Rev. February 13, 2023
logo
Everlight Electronics C...
ELM6XX EVERLIGHT-ELM6XX Datasheet
447Kb / 13P
   5 PIN SOP HIGH SPEED
logo
M/A-COM Technology Solu...
CW0500-CM-OOR MA-COM-CW0500-CM-OOR Datasheet
158Kb / 2P
   High Power CW Laser Diodes
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com