Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ENA1901A Datasheet(PDF) 4 Page - ON Semiconductor

Part # ENA1901A
Description  Multi-Power Supply System IC for Car Audio Systems
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ENA1901A Datasheet(HTML) 4 Page - ON Semiconductor

  ENA1901A Datasheet HTML 1Page - ON Semiconductor ENA1901A Datasheet HTML 2Page - ON Semiconductor ENA1901A Datasheet HTML 3Page - ON Semiconductor ENA1901A Datasheet HTML 4Page - ON Semiconductor ENA1901A Datasheet HTML 5Page - ON Semiconductor ENA1901A Datasheet HTML 6Page - ON Semiconductor ENA1901A Datasheet HTML 7Page - ON Semiconductor ENA1901A Datasheet HTML 8Page - ON Semiconductor ENA1901A Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
LV56801P
No.A1901-4/14
Package Dimensions
unit : mm (typ)
• Allowable power dissipation derating curve
3395
• Waveform applied during surge test
SANYO : HZIP15J
21.6
(20.0)
HEAT SPREADER
(15.8)
(R1.75)
3.0
0.7
2.54 2.54
1.27
(1.91)
115
0.4
HEAT SINK
100msec
5msec
16V
50V
10%
90%
0
7
2
1
1.5
4
3
5
5.6
6
8
0
20
140 150
80
100
60
120
40
160
Aluminum heat sink (50
× 50 × 1.5mm3) when using
Pd max -- Ta
Ambient temperature, Ta --
°C
Independent IC
Aluminum heat sink mounting conditions
tightening torque : 39N
⋅cm, using silicone grease


Similar Part No. - ENA1901A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ENA1902A ONSEMI-ENA1902A Datasheet
219Kb / 14P
   Multi-Power Supply System IC for Car Audio Systems
August, 2013
logo
Sanyo Semicon Device
ENA1903 SANYO-ENA1903 Datasheet
392Kb / 5P
   General-Purpose Switching Device Applications
ENA1903A SANYO-ENA1903A Datasheet
493Kb / 7P
   General-Purpose Switching Device Applications
ENA1905A SANYO-ENA1905A Datasheet
557Kb / 7P
   General-Purpose Switching Device Applications
ENA1907A SANYO-ENA1907A Datasheet
385Kb / 7P
   General-Purpose Switching Device Applications
More results

Similar Description - ENA1901A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV56801P SANYO-LV56801P Datasheet
238Kb / 14P
   For Car Audio Systems Multi-Power Supply System IC
logo
ON Semiconductor
LV5680NPVC-XH ONSEMI-LV5680NPVC-XH Datasheet
292Kb / 13P
   Multi-Power Supply System IC for Car Audio Systems
August, 2013
logo
Sanyo Semicon Device
LV5692P SANYO-LV5692P Datasheet
308Kb / 14P
   For Car Audio Systems Multi-Power Supply System IC
logo
ON Semiconductor
LV5692P-E ONSEMI-LV5692P-E Datasheet
266Kb / 14P
   Multi-Power Supply System IC for Car Audio Systems
August, 2013
LV5681P ONSEMI-LV5681P Datasheet
219Kb / 14P
   Multi-Power Supply System IC for Car Audio Systems
August, 2013
logo
Sanyo Semicon Device
LV5695P SANYO-LV5695P Datasheet
300Kb / 13P
   For Car Audio Systems Multi-Power Supply System IC
LV5682P SANYO-LV5682P_12 Datasheet
265Kb / 15P
   For Car Audio Systems Multi-Power Supply System IC
LV5681P SANYO-LV5681P Datasheet
246Kb / 14P
   For Car Audio Systems Multi-Power Supply System IC
LV5680P SANYO-LV5680P Datasheet
236Kb / 13P
   For Car Audio Systems Multi-Power Supply System IC
LV5682P SANYO-LV5682P Datasheet
264Kb / 15P
   For Car Audio Systems Multi-Power Supply System IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com