Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDK-065R-64VGA1 Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # IDK-065R-64VGA1
Description  6.5" VGA Industrial Display kit with Touch Solution
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

IDK-065R-64VGA1 Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  IDK-065R-64VGA1 Datasheet HTML 1Page - Advantech Co., Ltd. IDK-065R-64VGA1 Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
All product specifications are subject to change without notice
Industrial Display Solutions
Features
IDK-065R-64VGA1 6.5"VGAIndustrial Displaykit
with Touch Solution
ƒ 6.5" LCD supports 640 x 480 pixels and wide operating temperature
(-5~ 60° C)
ƒ Brightness of 800 cd/m2 with LED backlight
ƒ 4-wire resistive touch solution
ƒ High contrast ratio of 600:1
ƒ High uniformity of 85%
ƒ LVDS signal interface
ƒ Low power consumption 3.86 W (panel only)
ƒ LED driver board built in
ƒ Touch controller included (USB)
ƒ AR surface treatment (optional)
ƒ Optical bonding (optional)
Introduction
The Advantech IDK-065R series comes with a 6.5" industrial grade LCD display with 4-wire resistive touch. The series is also available with flexible options for LCD screens enhanced
treatment such as Anti-Reflection surface treatment and optical bonding solution. IDK-065R series supports 4-wire resistive touch with low power consumption at the maximum of
3.86 W. IDK-065R series is ideal for embedded applications which customers have maximum flexibility for mechanical design.
Specifications
LCD Panel
Display Size
6.5" LED backlight panel (VGA)
Resolution
640 x 480
Viewing Angle (U/D/L/R)
70° / 70° / 80° / 80°
Brightness
800 cd/m2
Backlight Life (hrs)
50,000 hrs
Contrast Ratio
600 : 1
Response Time (ms)
25 ms
Colors
6 Bit (262K)/8 bit (16.2 M)
Voltage
3.3 V Power
Consumption
3.86 W
Signal Interface
1 channel LVDS
Weight
TBA
Dimensions (W x H x D)
152.9 x 120 x 13.17 mm
Touch Screen
Touch Screen
4-wire Resistive
Transparency
82.5± 2.5%
Surface Hardness
3H
Durability
1 million times
Environment
Operating Temperature
-10 ~ 60° C
Storage Temperature
-30 ~ 70° C
Humidity
10 ~ 90% @ Max. 38° C, non-condensing
RoHS
COMPLIANT
2002/95/EC
NEW
All product specifications are subject to change without notice
Last updated : 6-Feb-2014


Similar Part No. - IDK-065R-64VGA1

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
IDK-065R-64VGA1 ADVANTECH-IDK-065R-64VGA1 Datasheet
380Kb / 2P
   6.5 VGA Industrial Display kit with Touch Solution
10-Mar-2016
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com