Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LV56841PVD Datasheet(PDF) 9 Page - ON Semiconductor

Part # LV56841PVD
Description  For Car Audio Systems Multi-Power Supply IC
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LV56841PVD Datasheet(HTML) 9 Page - ON Semiconductor

Back Button LV56841PVD Datasheet HTML 5Page - ON Semiconductor LV56841PVD Datasheet HTML 6Page - ON Semiconductor LV56841PVD Datasheet HTML 7Page - ON Semiconductor LV56841PVD Datasheet HTML 8Page - ON Semiconductor LV56841PVD Datasheet HTML 9Page - ON Semiconductor LV56841PVD Datasheet HTML 10Page - ON Semiconductor LV56841PVD Datasheet HTML 11Page - ON Semiconductor LV56841PVD Datasheet HTML 12Page - ON Semiconductor LV56841PVD Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
LV56841PVD
No.A2181-9/15
Pin Function
Pin No.
Pin name
Description
Equivalent Circuit
1
ILM
ILM output
When CTRL1 = M1, H,
ILM is ON
1k
Ω
7
10
VCC2
GND
1
2
2
ILM_F
ILM voltage adjust
3
CD
CD output
When CTRL2 = M1, M2, H,
CD is ON
6V/1.5A
7
10
VCC2
GND
3
4
AUDIO_F
AUDIO voltage adjust
1k
Ω
7
10
VCC2
GND
5
4
5
AUDIO
AUDIO output
When CTRL2 = H
AUDIO is ON
6
CTRL2
CTRL2 input
4-value input
VCC1
9
10
GND
0.5V
6
10k
Ω
85k
Ω
185k
Ω
45k
Ω
75k
Ω
7
VCC2
Power supply
Continued on next page.


Similar Part No. - LV56841PVD

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LV5684NPVD ONSEMI-LV5684NPVD Datasheet
364Kb / 15P
   System Power Supply IC for Automotive Infotainment Multiple Output Linear Voltage Regulator
March, 2014
LV5684NPVD-XH ONSEMI-LV5684NPVD-XH Datasheet
364Kb / 15P
   System Power Supply IC for Automotive Infotainment Multiple Output Linear Voltage Regulator
March, 2014
logo
Sanyo Semicon Device
LV5684PVD SANYO-LV5684PVD Datasheet
208Kb / 12P
   For Car Audio Systems Multi-Power Supply IC
logo
ON Semiconductor
LV5684PVD ONSEMI-LV5684PVD Datasheet
256Kb / 12P
   Multi-Power Supply IC for Car Audio Systems
August, 2013
More results

Similar Description - LV56841PVD

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV5696P SANYO-LV5696P Datasheet
190Kb / 14P
   For Car Audio Systems Multi-Power Supply IC
LV5684PVD SANYO-LV5684PVD Datasheet
208Kb / 12P
   For Car Audio Systems Multi-Power Supply IC
LV5686PVC SANYO-LV5686PVC Datasheet
186Kb / 14P
   For Car Audio Systems Multi-Power Supply IC
logo
ON Semiconductor
LV5684PVD ONSEMI-LV5684PVD Datasheet
256Kb / 12P
   Multi-Power Supply IC for Car Audio Systems
August, 2013
LV5686PVC ONSEMI-LV5686PVC Datasheet
188Kb / 14P
   Multi-Power Supply IC for Car Audio Systems
August, 2013
logo
Sanyo Semicon Device
LV56801P SANYO-LV56801P Datasheet
238Kb / 14P
   For Car Audio Systems Multi-Power Supply System IC
logo
ON Semiconductor
LV5680NPVC-XH ONSEMI-LV5680NPVC-XH Datasheet
292Kb / 13P
   Multi-Power Supply System IC for Car Audio Systems
August, 2013
logo
Sanyo Semicon Device
LV5692P SANYO-LV5692P Datasheet
308Kb / 14P
   For Car Audio Systems Multi-Power Supply System IC
logo
ON Semiconductor
LV5692P-E ONSEMI-LV5692P-E Datasheet
266Kb / 14P
   Multi-Power Supply System IC for Car Audio Systems
August, 2013
LV5681P ONSEMI-LV5681P Datasheet
219Kb / 14P
   Multi-Power Supply System IC for Car Audio Systems
August, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com