Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDK-2115N-K2XGC1E Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # IDK-2115N-K2XGC1E
Description  15" XGA 1,200 cd/m2 Ultra High Brightness Industrial Display Kit with LED B/L
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

IDK-2115N-K2XGC1E Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  IDK-2115N-K2XGC1E Datasheet HTML 1Page - Advantech Co., Ltd. IDK-2115N-K2XGC1E Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Industrial Display Solutions
Industrial Display Solutions
Features
All product specifications are subject to change without notice
Last updated : 10-Jan-2013
RoHS
COMPLIANT
2002/95/EC
IDK-2115
NEW
15" XGA 1,200 cd/m2 Ultra High Brightness
Industrial Display Kit with LED B/L
ƒ 15" LCD supports 1024 x 768 pixels and wide operating temperature
(-20 ~ 70° C)
ƒ Ultra-high brightness of 1200 cd/m2 with LED backlight
ƒ High contrast ratio of 700:1
ƒ High uniformity of 85%
ƒ Superior sunlight readability
ƒ LVDS signal interface
ƒ Low power consumption 16.06 W
ƒ 5W resistive touch solution (optional)
ƒ Anti-Reflection surface treatment (optional)
ƒ Manually VR brightness control (optional)
ƒ Auto-dimming solution with light sensor (optional)
ƒ Optical bonding (optional)
Introduction
The Advantech IDK-2115 series comes with a 15" 1200 cd/m2 industrial grade LCD display, and an LED driver board. The series is also available with flexible options for 5-wire
touch screens and enhanced treatment such as anti-reflection surface treatment and optical bonding solution. IDK-2115 series supports 1200 cd/m2 high brightness with low power
consumption at the maximum consumption of 16.06 W. Equipped with high level of brightness and wide operating temperature, IDK-2115 provides superior sunlight readability and
is perfect for applications whether in semi-outdoor or outdoor environments.
Specifications
LCD Panel
Model
IDK-2115
IDK-2115 (Wide temp)
Size
15" LED backlight panel
15" LED backlight panel
Resolution
1024 x 768 (XGA)
1024 x 768 (XGA)
Viewing Angle (U/D/L/R)
80°/80°/85°/85°
70°/70°/80°/80°
Brightness
1200 (cd/m2)
1200 (cd/m2)
Contrast Ratio
700 : 1
700 : 1
Response Time (ms)
8 ms
25 ms
Colors
6bit (262K)/8bit (16.2M)
6bit (262K)/8bit (16.2M)
Voltage
3.3 V
3.3 V
Consumption
16.06 W
16.06 W
Signal Interface
1 channel LVDS
1 channel LVDS
Weight
N series: 1350 g
R series: 1600 g
N series: 1350 g
R series: 1600 g
Dimensions (W x H x D)
N series: 326.5 x 253.5 x 12.0 mm
R series: 326.5 x 253.5 x 14.6 mm
N series: 326.5 x 253.5 x 11.5 mm
R series: 326.5 x 253.5 x 14.4 mm
LED Driver Board
Efficiency
85%
85%
Output Current & Voltage
800 mA / 17.7 V (Min)
800 mA / 18.1 V (Min)
Dimensions (W x H x D)
80 x 50 x 7 mm
80 x 50 x 7 mm
Touch Screen (R series)
Touch Screen
5-wire Resistive
5-wire Resistive
Transparency
80± 3%
80± 3%
Durability
10 million times
10 million times
Environment
Operating Temperature
0 ~ 65° C
-20 ~ 70° C
Storage Temperature
-20 ~ 65° C
-40 ~ 80° C
Humidity
8 ~ 90% @ 39°C., non-condensing
8 ~ 90% @ 39°C., non-condensing


Similar Part No. - IDK-2115N-K2XGC1E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
IDK-2115N-K2XGC1E ADVANTECH-IDK-2115N-K2XGC1E Datasheet
507Kb / 2P
   15" XGA 1,200 cd/m2 Ultra High Brightness Industrial Display Kit with LED B/L
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com