Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBR2H200SFT3G Datasheet(PDF) 1 Page - ON Semiconductor

Part # MBR2H200SFT3G
Description  Surface Mount Schottky Power Rectifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MBR2H200SFT3G Datasheet(HTML) 1 Page - ON Semiconductor

  MBR2H200SFT3G Datasheet HTML 1Page - ON Semiconductor MBR2H200SFT3G Datasheet HTML 2Page - ON Semiconductor MBR2H200SFT3G Datasheet HTML 3Page - ON Semiconductor MBR2H200SFT3G Datasheet HTML 4Page - ON Semiconductor MBR2H200SFT3G Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© Semiconductor Components Industries, LLC, 2014
June, 2014 − Rev. 0
1
Publication Order Number:
MBR2H200SF/D
MBR2H200SFT3G
Surface Mount
Schottky Power Rectifier
Plastic SOD−123FL Package
This device uses the Schottky Barrier principle with a large area
metal−to−silicon power diode. Ideally suited for low voltage, high
frequency rectification or as free wheeling and polarity protection
diodes in surface mount applications where compact size and weight
are critical to the system. Because of its small size, it is ideal for use in
portable and battery powered products such as cellular and cordless
phones, chargers, notebook computers, printers, PDAs and PCMCIA
cards. Typical applications are AC−DC and DC−DC converters,
reverse battery protection, and “Oring” of multiple supply voltages
and any other application where performance and size are critical.
Features
Guardring for Stress Protection
Low Forward Voltage
Epoxy Meets UL 94 V−0
Package Designed for Optimal Automated Board Assembly
These are Pb−Free Devices
Mechanical Characteristics
Reel Options: MBR2H200SFT3G = 10,000 per 13 in reel/8 mm tape
Device Marking: L2J
Polarity Designator: Cathode Band
Weight: 11.7 mg (approximately)
Case: Epoxy, Molded
Lead Finish: 100% Matte Sn (Tin)
Lead and Mounting Surface Temperature for Soldering Purposes:
260
°C Max. for 10 Seconds
Device Meets MSL 1 Requirements
MARKING DIAGRAM
L2J
= Specific Device Code
M
= Date Code
G
= Pb−Free Package
(Note: Microdot may be in either location)
http://onsemi.com
SOD−123FL
CASE 498
SCHOTTKY BARRIER
RECTIFIER
2.0 AMPERES
200 VOLTS
Device
Package
Shipping
ORDERING INFORMATION
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specification
Brochure, BRD8011/D.
MBR2H200SFT3G
SOD−123
(Pb−Free)
10000 / Tape &
Reel
L2JM
G
G


Similar Part No. - MBR2H200SFT3G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBR2H200SFT3G ONSEMI-MBR2H200SFT3G Datasheet
75Kb / 5P
   Surface Mount Schottky Power Rectifier
January, 2017 ??Rev. 1
More results

Similar Description - MBR2H200SFT3G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBRA140 ONSEMI-MBRA140 Datasheet
72Kb / 4P
   Surface Mount Schottky Power Rectifier
April, 2002 ??Rev. 5
MBRS2040LT3 ONSEMI-MBRS2040LT3 Datasheet
96Kb / 6P
   Surface Mount Schottky Power Rectifier
December, 2003 ??Rev. 3
SS24 ONSEMI-SS24 Datasheet
64Kb / 6P
   Surface Mount Schottky Power Rectifier
July, 2005 ??Rev. 2
MBRA210LT3 ONSEMI-MBRA210LT3 Datasheet
46Kb / 8P
   Surface Mount Schottky Power Rectifier
December, 2002 - Rev. 3
MBRA340T3 ONSEMI-MBRA340T3 Datasheet
49Kb / 6P
   Surface Mount Schottky Power Rectifier
July, 2004 ??Rev. 2
MBRA120LT3 ONSEMI-MBRA120LT3 Datasheet
42Kb / 4P
   Surface Mount Schottky Power Rectifier
April, 2002 ??Rev. 1
MBR140SFT1 ONSEMI-MBR140SFT1 Datasheet
61Kb / 6P
   Surface Mount Schottky Power Rectifier
September, 2003 ??Rev. 2
MBR120ESFT1 ONSEMI-MBR120ESFT1_05 Datasheet
62Kb / 6P
   Surface Mount Schottky Power Rectifier
July, 2005 ??Rev. 2
MBR120LSFT1 ONSEMI-MBR120LSFT1_05 Datasheet
62Kb / 6P
   Surface Mount Schottky Power Rectifier
July, 2005 ??Rev. 2
MBRS540T3 ONSEMI-MBRS540T3_05 Datasheet
65Kb / 5P
   Surface Mount Schottky Power Rectifier
November, 2005 ??Rev. 5
logo
Motorola, Inc
MBRA140T3 MOTOROLA-MBRA140T3 Datasheet
135Kb / 4P
   Surface Mount Schottky Power Rectifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com