Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDK-2121W Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # IDK-2121W
Description  21.5" FHD 1, 200 cd/m2 Ultra High Brightness Industrial Display Kit with LED B/L
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

IDK-2121W Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  IDK-2121W_14 Datasheet HTML 1Page - Advantech Co., Ltd. IDK-2121W_14 Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download www.advantech.com/products
Online Download
Dimensions
Unit: mm
IDK-2121W
IDK-2121WN Series
IDK-2121WR Series
Ordering Information
Part No.
Size
Brightness (cd/m2)
Interface
Touch screen
Touch Interface
IDK-2121WN-K2FHA2E
21.5"
1200
LVDS
N/A
N/A
IDK-2121WR-K2FHA2E
21.5"
1200
LVDS
5-wire Resistive
RS-232/USB
Packing List
Part Number
Description
ETM-RES04C-EEH4EE
1 x 5-wire USB touch controller
1700020324-01
1 x USB cable for Touch controller
Note: Package contents are subject to change without prior notice
Optional Order
SBC
Part No.
LVDS cable P/N Display
interface
B/L cable
P/N
Touch
interface
Touch
power
input
MIO-5270 96CB-L3040PAF5
Dual channel
24bit LVDS
(FHD)
N/A
(external
power was
required)
USB
5V
AIMB-270 96CB-L3040PAF5
Dual channel
24bit LVDS
(FHD)
N/A
(external
power was
required)
USB
5V
Note: Package contents are subject to change without prior notice
476.64±0.1(Active Area)
495.60±0.5(LCM Outline)
250±10
AA Center
(17.70)
M3 User Hole -4X
Depth=4.0mm Max
155±1
477.50±0.2(T/S Active Area)
496.50±0.3(T/S Outline)
AA Center
(20.60)
M3 User Hole -4X
Depth=4.0mm Max
495.60±0.5(LCM Outline)
0.45
0.45
250±10


Similar Part No. - IDK-2121W_14

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
IDK-2121WN-K2FHA2E ADVANTECH-IDK-2121WN-K2FHA2E Datasheet
277Kb / 2P
   21.5" FHD 1, 200 cd/m2 Ultra High Brightness Industrial Display Kit with LED B/L
IDK-2121WN-K2FHA2E ADVANTECH-IDK-2121WN-K2FHA2E Datasheet
887Kb / 2P
   Atom Series QSeven CPU Module
IDK-2121WR-K2FHA2E ADVANTECH-IDK-2121WR-K2FHA2E Datasheet
277Kb / 2P
   21.5" FHD 1, 200 cd/m2 Ultra High Brightness Industrial Display Kit with LED B/L
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com