Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDS-3118W Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # IDS-3118W
Description  18.5" HD Open Frame Monitor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

IDS-3118W Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  IDS-3118W_15 Datasheet HTML 1Page - Advantech Co., Ltd. IDS-3118W_15 Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Display Systems
Features
IDS-3118W
18.5" HD Open Frame Monitor
ƒ 18.5" HD LCD panel with LED backlight for 20% power saving and
environmental protection
ƒ 0° ~ 55° C wide range operating temperature
ƒ 5-wire resistive and P-cap touchscreen solution
ƒ Touch interface: USB & RS-232
ƒ Multiple signal interface with VGA, DVI & HDMI
ƒ Integrated bracket for easy installation
ƒ Versatile mounting methods for rear mounting and VESA mounting
ƒ Anti-Reflective treatment (optional)
ƒ Optical bonding (optional)
Introduction
The Advantech IDS-3118W Embedded Open Frame Monitor series offers flexible options for LCD, touchscreen, signal interface and chassis mounting. The series supports rear and
VESA mounting. The integrated brackets bring the benefits of easy installation and provide flexibility for different applications.
Specifications
Display
Model
IDS-3118WN
IDS-3118WR
IDS-3118WP
Size
18.5" LED panel
18.5" LED panel
18.5" LED panel
Resolution
1366 x 768 (HD)
1366 x 768 (HD)
1366 x 768 (HD)
Viewing Angle
85°/85°/ (H), 80°/ 80° (V)
85°/85°/ (H), 80°/ 80° (V)
85°/85°/ (H), 80°/ 80° (V)
Brightness
300 (cd/m2)
300 (cd/m2)
300 (cd/m2)
Color Support
16.7M
16.7M
16.7M
Contrast Ratio
1000:1
1000:1
1000:1
Response Time
5 [msec]
5 [msec]
5 [msec]
Backlight Life (hrs)
50,000 hrs
50,000 hrs
50,000 hrs
Touchscreen
Touchscreen Type
NA
5-Wire Resistive Touchscreen
Projected Capacitive touch
Surface Hardness
3H
3H
5H
Durability
10 million touches
50 million touches
Transparency
80%+/-3%
91.5%+/-3%
Environment
Operating Temperature
0 ~ 55° C
0 ~ 55° C
0 ~ 55° C
Storage Temperature
-20 ~ 60° C
-20 ~ 60° C
-20 ~ 60° C
Humidity
5 ~ 90% @ 40° C, non-condensing
5 ~ 90% @ 40° C, non-condensing
5~90% @ 40° C, non-condensing
Vibration
5-500 Hz, 0.026G²/Hz, 2.16Grms, X, Y, Z, 1 hour per axis
System
I/O
VGA x1; DVI-D x1; HDMIx1;
12 VDC Jack x1
VGA x1; DVI-D x1; HDMIx1;
12 VDC Jack x1; USB x1; RS-232 x1
(USB & RS-232 are reserved for
the connection to enable touch
usage only
VGA x1; DVI-D x1; HDMIx1;
12 VDC Jack x1; USB x1
(USB is reserved for the connection to
enable touch usage only)
OSD
Keys: Menu, Up, Down, Auto Adjust, Monitor Power on/off Menu Functions: Brightness, Contrast, Screen Settings, Color
Temp, Language OSD settings, VGA/DVI, Recall, Auto Adjust
Power
12VDC, 5A (Optional), Only Limited Power Source (LPS) type of power supply is used
EMC Compliance
CE/FCC/CCC
Net Weight
4.69 Kg
Gross Weight
6.62 Kg
RoHS
COMPLIANT
2002/95/EC
Preliminary
All product specifications are subject to change without notice
Last updated : 25-May-2015


Similar Part No. - IDS-3118W_15

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
IDS-3118WN-30HDA1E ADVANTECH-IDS-3118WN-30HDA1E Datasheet
631Kb / 2P
   18.5 HD Open Frame Monitor
24-Jul-2020
IDS-3118WP-30HDA1E ADVANTECH-IDS-3118WP-30HDA1E Datasheet
631Kb / 2P
   18.5 HD Open Frame Monitor
24-Jul-2020
IDS-3118WR-30HDA1E ADVANTECH-IDS-3118WR-30HDA1E Datasheet
631Kb / 2P
   18.5 HD Open Frame Monitor
24-Jul-2020
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com