Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDS-3112ER-45SVA1E Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # IDS-3112ER-45SVA1E
Description  12" SVGA / XGA Industrial Open Frame Monitor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

IDS-3112ER-45SVA1E Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  IDS-3112ER-45SVA1E Datasheet HTML 1Page - Advantech Co., Ltd. IDS-3112ER-45SVA1E Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
Dimensions
Unit: mm
IDS-3112
IDS-3112 (XGA) Series
IDS-3112 (SVGA) Series
IDS-3112E (SVGA) Series
Packing List
Part Number
Description
1700002215
1 x M Cable USB-A(M)/USB-A(M) 180CM
1700021332-01
1 x VGA cable 15P(M) 180 cm
1962055040
4 x Clamper
1935042520
4 x Screw of clamper M4_25L
1992610005
1 x Cable clamp
1933030500
1 x Screw of cable clamp
1992602010
1 x Cable tie
* USB Cable is only included with IDS-3112R and IDS-3112ER series. Note: Package
contents are subject to change without prior notice
Ordering Information
Model Name
Description
IDS-3112N-60XGA1E
12.1" XGA 600 cd/m2 LED Open Frame Monitor
IDS-3112R-60XGA1E
12.1" XGA 600 cd/m2 LED Open Frame Touch Monitor
IDS-3112N-45SVA1E
12.1" SVGA 450 cd/m2 LED Open Frame Monitor
IDS-3112R-45SVA1E
12.1" SVGA 450 cd/m2 LED Open Frame Touch Monitor
IDS-3112EN-45SVA1E
12.1" VGA 450 cd/m2 LED Open Frame Monitor
IDS-3112ER-45SVA1E
12.1" SVGA 450 cd/m2 LED Open Frame Touch Monitor
Optional Items
Part Number
Description
1700001524
3-Pin Power Cord (USA)
170203183C
3-Pin Power Cord (EU)
1700008921
3-Pin Power Cord with PSE (Japan)
1757003553
Adaptor AC100-240V 36W +12V/3A W/O PFC 9NA
1700000243
DVI cable 2.0 meter
1700091800
CABLE 9P/9P 1.8M M/F (T/S RS-232 Cable)
320.2
302.2
151.1
42.1
260.1
100.0
75.0
160.1
80.0
80.0
Ø3.5
M4
VESA Center
155.6
155.6
(33.6)(R)
(30.7)(N)
37.1 246.0(Panel Active Area) (37.1)
37.1 246.0(Panel Active Area) (37.1)
(30.7)(N)
100.0
75.0
160.1
80.0
80.0
302.2
(33.6)(R)
320.2
37.1 246.0(Panel Active Area) (37.1)
320.2
Ø3.5
M4
VESA Center
155.6
155.6
151.1
42.1
260.1
80.0
80.0
160.1
75.0
100.0
Ø3.5
M4
VESA Center
155.6
155.6
302.2
151.1
42.1
260.1
(30.7)(N)
(33.6)(R)


Similar Part No. - IDS-3112ER-45SVA1E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
IDS-3112ER-45SVA1E ADVANTECH-IDS-3112ER-45SVA1E Datasheet
314Kb / 2P
   12" SVGA / XGA Industrial Open Frame Monitor
IDS-3112ER-45SVA1E ADVANTECH-IDS-3112ER-45SVA1E Datasheet
406Kb / 2P
   12' SVGA / XGA Industrial Open Frame Monitor
IDS-3112ER-45SVA1E ADVANTECH-IDS-3112ER-45SVA1E Datasheet
374Kb / 2P
   12 SVGA / XGA Industrial Open Frame Monitor
12-Feb-2019
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com