Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDS-3115EN-25XGA1E Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # IDS-3115EN-25XGA1E
Description  15" XGA Industrial Open Frame Monitor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

IDS-3115EN-25XGA1E Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  IDS-3115EN-25XGA1E Datasheet HTML 1Page - Advantech Co., Ltd. IDS-3115EN-25XGA1E Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Industrial Display Solutions
Features
IDS-3115
15" XGA Industrial Open Frame Monitor
ƒ 15" XGA LCD panel with LED backlight for 20% power saving and
environmental protection
ƒ Optional brightness 250~1200 cd/m2 for different application environments
ƒ -20° ~ +60° C wide range operating temperature
ƒ 5-wire resistive and optional P-cap (dual touch is supported) touchscreen
solution
ƒ Combo touch interface: RS-232 and USB
ƒ Dual signal interface with VGA & DVI
ƒ Integrated bracket for easy installation
ƒ Versatile mounting methods for rear mounting and VESA mounting
ƒ Anti-Reflective treatment (optional)
ƒ Optical bonding (optional)
RoHS
COMPLIANT
2002/95/EC
Introduction
The Advantech IDS-3115 Embedded Open Frame Monitor series offers flexible options for LCD, touchscreen, signal interface and chassis mounting. The series supports rear and
VESA mounting. The integrated brackets bring the benefits of easy installation and provide flexibility for different applications.
Specifications
Display
Model
IDS-3115 (High Brightness)
IDS-3115
IDS-3115E
Size
15" LED panel
15" LED panel
15" CCFL panel
Resolution
1024 x 768 (XGA)
1024 x 768 (XGA)
1024 x 768 (XGA)
Viewing Angle
80°/80°/ (H), 70°/ 70° (V)
80°/80° (H), 70°/70° (V)
80°/80° (H), 80°/80° (V)
Brightness
1200 (cd/m2)
400 (cd/m2)
250 (cd/m2)
Color Support
16.2M / 262K colors
16.2M / 262K colors
16.7M
Contrast Ratio
700:1
700:1
600:1
Response Time
25 [msec]
25 [msec]
8 [msec]
Backlight Life (hrs)
50,000 hrs
50,000 hrs
40,000 hrs
Touchscreen
Touchscreen Type
Projected Capacitive Touchscreen
5-Wire Resistive Touchscreen
5-Wire Resistive Touchscreen
Surface Hardness
5H
3H
3H
Durability
50 million touches
10 million touches
10 million touches
Transparency
91% +/- 3%
80%+/-3%
80%+/-3%
Environment
Operating Temperature
-20 ~ 60° C (-4 ~ 140° F)
-20 ~ 60° C (-4 ~ 140° F)
0~ 45° C (32 ~ 113° F)
Storage Temperature
-30 ~ 70° C (-22 ~ 158° F)
-30 ~ 70° C (-22 ~ 158° F)
-20 ~ 60° C ( -4 ~ 140° F)
Humidity
5 ~ 95% @ 40° C, non-condensing
Vibration
5-500 Hz, 0.026G²/Hz, 2.16Grms, X, Y, Z
1 hour per axis
System
I/O
VGA x 1; DVI-D x 1; 12 VDC Jack
x 1; USB x 1 (USB is reserved for
the connection to enable touch
usage only)
VGA x 1; DVI-D x 1; 12 VDC Jack
x 1; USB x1; RS-232 x 1 (USB
& RS-232 are reserved for the
connection to enable touch usage
only)
VGA x 1; 12 VDC Jack x 1; USB
x1; RS-232 x 1
(USB & RS-232 are reserved for
the connection to enable touch
usage only)
OSD
Keys: Menu, Up, Down, Auto
Adjust, Monitor Power on/off
Menu Functions: Brightness,
Contrast, Screen Settings, Color
Temp, Language OSD settings,
VGA/DVI, Recall, Auto Adjust
Keys: Menu, Up, Down, Auto
Adjust, Monitor Power on/off
Menu Functions: Brightness,
Contrast, Screen Settings, Color
Temp, Language OSD Settings,
VGA/ DVI , Recall , Auto Adjust
Keys: Menu, Up, Down, Auto
Adjust, Monitor Power on/off
Menu Functions: Brightness,
Contrast, Color Adjust, Color
Temp, Auto Color, and Language
Power
60 W power adapter, with AC 100 ~ 240 V input and DC +12 V @ 5 A output
EMC Compliance
CE/FCC/CCC
NEW
All product specifications are subject to change without notice
Last updated : 23-Dec-2013


Similar Part No. - IDS-3115EN-25XGA1E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
IDS-3115EN-25XGA1E ADVANTECH-IDS-3115EN-25XGA1E Datasheet
362Kb / 2P
   15" XGA Industrial Open Frame Monitor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com