Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDS-3121W Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # IDS-3121W
Description  21.5" FHD OpenFrame Monitor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

IDS-3121W Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  IDS-3121W_15 Datasheet HTML 1Page - Advantech Co., Ltd. IDS-3121W_15 Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
IDS-3121W
Packing List
Part Number
Description
1700002215
1 x M Cable USB-A(M)/USB-A(M) 180CM
1700021332-01
1 x VGA cable 15P(M) 1.8 meter
1962055040
8 x Clamper
1935042520
8 x Screw of clamper M4_25L
1992610005
1 x Cable clamp
1933030500
1 x Screw of cable clamp
*USB cable is only included in the touch series.
Note: Package contents are subject to change without prior notice
Ordering Information
ModelName
Description
IDS-3121WR-25FHA1E
21.5" FHD 250 cd/m2 LED Open Frame touch
monitor
IDS-3121WN-25FHA1E
21.5" FHD 250 cd/m2 LED Open Frame monitor
Optional Items
PartNumber
Description
1702002600
3-Pin power cord (USA)
1700000596
3-Pin power cord (China)
1700018705
3-Pin power cord (EU)
1700008921
3-Pin power cord with PSE (Japan)
1700000243
DVI cable 2.0 meter
1757003934
Adapter AC100-240V 60W +12V/5A DPS-60PB A
Dimensions
Unit: mm
254.30
360.00
508.60
20.00
20.00
546.60
143.29
238.30
274.30
304.43
319.93
22.50
23.00
27.30
100.00
75.00
50.00
263.30
260.80
521.60
526.60
5.00
8-M4 VESA screw holes
20.00
37.50
45.50 (WN)
48.07 (WR)
496.50(T/S OUtline)
25.05
34.98
25.05
34.98
476.64(LCM Active Area)
R2.50


Similar Part No. - IDS-3121W_15

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
IDS-3121WN-25FHA1E ADVANTECH-IDS-3121WN-25FHA1E Datasheet
388Kb / 2P
   21.5' FHD OpenFrame Monitor
IDS-3121WN-25FHA1E ADVANTECH-IDS-3121WN-25FHA1E Datasheet
544Kb / 2P
   21.5 FHD OpenFrame Monitor
27-Apr-2018
IDS-3121WP-25FHA1E ADVANTECH-IDS-3121WP-25FHA1E Datasheet
544Kb / 2P
   21.5 FHD OpenFrame Monitor
27-Apr-2018
IDS-3121WR-25FHA1E ADVANTECH-IDS-3121WR-25FHA1E Datasheet
388Kb / 2P
   21.5' FHD OpenFrame Monitor
IDS-3121WR-25FHA1E ADVANTECH-IDS-3121WR-25FHA1E Datasheet
544Kb / 2P
   21.5 FHD OpenFrame Monitor
27-Apr-2018
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com