Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC33375D-2.5R2G Datasheet(PDF) 11 Page - ON Semiconductor

Part # MC33375D-2.5R2G
Description  300 mA, Low Dropout Voltage Regulator with On/Off Control
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33375D-2.5R2G Datasheet(HTML) 11 Page - ON Semiconductor

Back Button MC33375D-2.5R2G Datasheet HTML 5Page - ON Semiconductor MC33375D-2.5R2G Datasheet HTML 6Page - ON Semiconductor MC33375D-2.5R2G Datasheet HTML 7Page - ON Semiconductor MC33375D-2.5R2G Datasheet HTML 8Page - ON Semiconductor MC33375D-2.5R2G Datasheet HTML 9Page - ON Semiconductor MC33375D-2.5R2G Datasheet HTML 10Page - ON Semiconductor MC33375D-2.5R2G Datasheet HTML 11Page - ON Semiconductor MC33375D-2.5R2G Datasheet HTML 12Page - ON Semiconductor MC33375D-2.5R2G Datasheet HTML 13Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
MC33375, NCV33375 Series
http://onsemi.com
11
ORDERING INFORMATION
Device
Type
Operating
Temperature Range,
Tolerance
Package
Shipping
MC33375ST−1.8T3G
1.8 V
(Fixed Voltage)
SOT−223
(Pb−Free)
4000 / Tape & Reel
NCV33375ST1.8T3G*
MC33375D−2.5G
2.5 V
(Fixed Voltage)
SOIC−8
(Pb−Free)
98 Units / Rail
MC33375D−2.5R2G
SOIC−8
(Pb−Free)
2500 / Tape & Reel
NCV33375D−2.5R2G*
MC33375ST−2.5T3G
SOT−223
(Pb−Free)
4000 / Tape & Reel
MC33375D−3.0G
3.0 V
(Fixed Voltage)
SOIC−8
(Pb−Free)
98 Units / Rail
MC33375D−3.0R2G
1% Tolerance
at TA = 25°C
SOIC−8
(Pb−Free)
2500 / Tape & Reel
MC33375ST−3.0T3G
2% Tolerance at
TJ from −40 to +125°C
SOT−223
(Pb−Free)
4000 / Tape & Reel
MC33375D−3.3G
3.3 V
(Fixed Voltage)
SOIC−8
(Pb−Free)
98 Units / Rail
MC33375D−3.3R2G
SOIC−8
(Pb−Free)
2500 / Tape & Reel
NCV33375D−3.3R2G*
MC33375ST−3.3T3G
SOT−223
(Pb−Free)
4000 / Tape & Reel
NCV33375ST3.3T3G*
MC33375D−5.0G
5.0 V
(Fixed Voltage)
SOIC−8
(Pb−Free)
98 Units / Rail
MC33375D−5.0R2G
SOIC−8
(Pb−Free)
2500 / Tape & Reel
MC33375ST−5.0T3G
SOT−223
(Pb−Free)
4000 / Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.
*NCV Prefix for Automotive and Other Applications Requiring Unique Site and Control Change Requirements; AEC−Q100 Qualified and PPAP
Capable
DEVICE MARKING
Device
Version
Marking (1st line)
MC33375, NCV33375
1.8 V
37518
MC33375, NCV33375
2.5 V
37525
MC33375
3.0 V
37530
MC33375, NCV33375
3.3 V
37533
MC33375
5.0 V
37550
TAPE AND REEL SPECIFICATIONS
Device
Reel Size
Tape Width
Quantity
MC33375D, NCV33375D
13″
12 mm Embossed Tape
2500 Units
MC33375ST, NCV33375ST
13″
8 mm Embossed Tape
4000 Units
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.


Similar Part No. - MC33375D-2.5R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33375D-2.5R2G ONSEMI-MC33375D-2.5R2G Datasheet
155Kb / 14P
   300 mA, Low Dropout Voltage Regulator with On/Off Control
October, 2006 ??Rev. 10
MC33375D-2.5R2G ONSEMI-MC33375D-2.5R2G Datasheet
254Kb / 14P
   300 mA, Low Dropout Voltage Regulator with On/Off Control
May, 2009 ??Rev. 12
More results

Similar Description - MC33375D-2.5R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33375 ONSEMI-MC33375_06 Datasheet
155Kb / 14P
   300 mA, Low Dropout Voltage Regulator with On/Off Control
October, 2006 ??Rev. 10
MC33375 ONSEMI-MC33375_09 Datasheet
254Kb / 14P
   300 mA, Low Dropout Voltage Regulator with On/Off Control
May, 2009 ??Rev. 12
logo
Toshiba Semiconductor
TA48LS015F TOSHIBA-TA48LS015F Datasheet
308Kb / 11P
   300 mA Output Current and Low Dropout Voltage Regulator with ON/OFF Control Switch
logo
New Japan Radio
NJM2386 NJRC-NJM2386 Datasheet
177Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL
NJM2388F12 NJRC-NJM2388F12 Datasheet
175Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL
NJM2370 NJRC-NJM2370 Datasheet
214Kb / 8P
   LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL
NJM2396 NJRC-NJM2396 Datasheet
513Kb / 6P
   LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL
NJM2386A NJRC-NJM2386A Datasheet
270Kb / 11P
   LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL
Ver.2016-04-08
logo
ON Semiconductor
NCP623 ONSEMI-NCP623 Datasheet
148Kb / 14P
   Ultra Low Noise 150 mA Low Dropout Voltage Regulator with ON/OFF Control
August, 2004 ??Rev. 0
MC33263 ONSEMI-MC33263 Datasheet
269Kb / 12P
   Ultra Low Noise 150 mA Low Dropout Voltage Regulator with ON/OFF Control
April, 2000 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com