Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC78LC50HT1G Datasheet(PDF) 2 Page - ON Semiconductor

Part # MC78LC50HT1G
Description  Micropower Voltage Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC78LC50HT1G Datasheet(HTML) 2 Page - ON Semiconductor

  MC78LC50HT1G Datasheet HTML 1Page - ON Semiconductor MC78LC50HT1G Datasheet HTML 2Page - ON Semiconductor MC78LC50HT1G Datasheet HTML 3Page - ON Semiconductor MC78LC50HT1G Datasheet HTML 4Page - ON Semiconductor MC78LC50HT1G Datasheet HTML 5Page - ON Semiconductor MC78LC50HT1G Datasheet HTML 6Page - ON Semiconductor MC78LC50HT1G Datasheet HTML 7Page - ON Semiconductor MC78LC50HT1G Datasheet HTML 8Page - ON Semiconductor MC78LC50HT1G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
MC78LC00 Series
http://onsemi.com
2
PIN FUNCTION DESCRIPTION
Pin No.
Pin Name
Description
1
GND
Power supply ground
2
Vin
Positive power supply input voltage
3
Vout
Regulated Output
4
N/C
No Internal Connection
5
N/C
No Internal Connection
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Input Voltage
Vin
12
V
Output Voltage
Vout
−0.3 to Vin +0.3
V
Power Dissipation and Thermal Characteristics
Case 483−01 (Thin SOT23−5) NTR Suffix
Power Dissipation @ TA = 85°C
Thermal Resistance, Junction−to−Ambient
Case 1213 (SOT−89) H Suffix
Power Dissipation @ TA = 25°C
Thermal Resistance, Junction−to−Ambient
PD
RqJA
PD
RqJA
140
280
900
111
mW
°C/W
mW
°C/W
Operating Junction Temperature
TJ
+125
°C
Operating Ambient Temperature
TA
−40 to +85
°C
Storage Temperature
Tstg
−55 to +150
°C
Lead Soldering Temperature @ 260°C
Tsolder
10
sec
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.


Similar Part No. - MC78LC50HT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC78LC50HT1G ONSEMI-MC78LC50HT1G Datasheet
104Kb / 14P
   MICROPOWER ULTRA-LOW QUIESCENT CURRENT VOLTAGE REGULATORS
March, 2005 ??Rev. 8
MC78LC50HT1G ONSEMI-MC78LC50HT1G Datasheet
100Kb / 12P
   Micropower Voltage Regulator
January, 2006 ??Rev. 9
MC78LC50HT1G ONSEMI-MC78LC50HT1G Datasheet
100Kb / 12P
   Micropower Voltage Regulator
August, 2016 ??Rev. 11
More results

Similar Description - MC78LC50HT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC78LC00 ONSEMI-MC78LC00_16 Datasheet
100Kb / 12P
   Micropower Voltage Regulator
August, 2016 ??Rev. 11
MC78BC00 ONSEMI-MC78BC00 Datasheet
60Kb / 8P
   Micropower Voltage Regulator
January, 2003 - Rev. 4
MC78FC00 ONSEMI-MC78FC00 Datasheet
55Kb / 8P
   Micropower Voltage Regulator
April, 2001 ??Rev. 2
MC78LC00 ONSEMI-MC78LC00_06 Datasheet
100Kb / 12P
   Micropower Voltage Regulator
January, 2006 ??Rev. 9
MC78FC00 ONSEMI-MC78FC00_09 Datasheet
145Kb / 5P
   Micropower Voltage Regulator
December, 2009 ??Rev. 7
logo
Texas Instruments
SM72238 TI1-SM72238_14 Datasheet
1Mb / 17P
[Old version datasheet]   Micropower Voltage Regulator
logo
Fairchild Semiconductor
RC2951 FAIRCHILD-RC2951 Datasheet
103Kb / 11P
   Adjustable Micropower Voltage Regulator
logo
National Semiconductor ...
SM72238 NSC-SM72238 Datasheet
404Kb / 12P
   SolarMagic Micropower Voltage Regulator
logo
ON Semiconductor
MC33275 ONSEMI-MC33275 Datasheet
197Kb / 12P
   LOW DROPOUT MICROPOWER VOLTAGE REGULATOR
March, 2000 ??Rev. 4
MC33375 ONSEMI-MC33375 Datasheet
213Kb / 12P
   LOW DROPOUT MICROPOWER VOLTAGE REGULATOR
March, 2000 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com