Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MR851RLG Datasheet(PDF) 2 Page - ON Semiconductor

Part # MR851RLG
Description  Axial Lead Fast Recovery Rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MR851RLG Datasheet(HTML) 2 Page - ON Semiconductor

  MR851RLG Datasheet HTML 1Page - ON Semiconductor MR851RLG Datasheet HTML 2Page - ON Semiconductor MR851RLG Datasheet HTML 3Page - ON Semiconductor MR851RLG Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MR850, MR851, MR852, MR854, MR856
http://onsemi.com
2
MAXIMUM RATINGS
Rating
Symbol
MR850
MR851
MR852
MR854
MR856
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
50
100
200
400
600
V
Non−Repetitive Peak Reverse Voltage
VRSM
75
150
250
450
650
V
RMS Reverse Voltage
VR(RMS)
35
70
140
280
420
V
Average Rectified Forward Current
(Single phase resistive load, TA = 80°C)
IO
3.0
A
Non−Repetitive Peak Surge Current
(Surge Applied at Rated Load Conditions)
IFSM
100
(one cycle)
A
Operating and Storage Junction Temperature Range
TJ, Tstg
− 65 to +125
− 65 to +150
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance, Junction−to−Ambient (Note 1)
RqJA
28
°C/W
Thermal Resistance, Junction−to−Lead (Note 1)
RqJL
5.5
°C/W
1. Mounted with minimum recommended pad size, PC board FR−4.
ELECTRICAL CHARACTERISTICS
Characteristic
Symbol
Min
Typ
Max
Unit
Forward Voltage
(IF = 3.0 A, TJ = 25°C)
VF
1.04
1.25
V
Reverse Current (rated DC voltage) TJ = 25°C
MR850
MR851
MR852
MR854
MR856
TJ = 80°C
IR
2.0
60
100
10
150
150
200
250
300
mA
REVERSE RECOVERY CHARACTERISTICS
Characteristic
Symbol
Min
Typ
Max
Unit
Reverse Recovery Time
(IF = 1.0 A to VR = 30 Vdc)
(IF = 15 A, di/dt = 10 A/ms)
trr
100
150
200
300
ns
Reverse Recovery Current
(IF = 1.0 A to VR = 30 Vdc)
IRM(REC)
2.0
A


Similar Part No. - MR851RLG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MR851RLG ONSEMI-MR851RLG Datasheet
43Kb / 4P
   Axial Lead Fast Recovery Rectifiers
July, 2006 ??Rev. 5
More results

Similar Description - MR851RLG

ManufacturerPart #DatasheetDescription
logo
Digitron Semiconductors
1N4933 DIGITRON-1N4933 Datasheet
92Kb / 2P
   AXIAL-LEAD FAST RECOVERY RECTIFIERS
logo
ON Semiconductor
MR850 ONSEMI-MR850 Datasheet
43Kb / 4P
   Axial Lead Fast Recovery Rectifiers
July, 2006 ??Rev. 5
logo
Electronic devices inc.
RWB EDI-RWB Datasheet
75Kb / 2P
   5 AMPERE FAST RECOVERY AXIAL LEAD RECTIFIERS
logo
ON Semiconductor
1N5400 ONSEMI-1N5400_08 Datasheet
120Kb / 6P
   Axial-Lead Standard Recovery Rectifiers
May, 2008 ??Rev. 10
1N4001 ONSEMI-1N4001 Datasheet
30Kb / 4P
   Axial Lead Standard Recovery Rectifiers
December, 2004 ??Rev. 9
1N4001 ONSEMI-1N4001_05 Datasheet
45Kb / 6P
   Axial Lead Standard Recovery Rectifiers
August, 2005 ??Rev. 12
1N5400 ONSEMI-1N5400 Datasheet
42Kb / 6P
   Axial-Lead Standard Recovery Rectifiers
December, 2004 ??Rev. 6
1N4001 ONSEMI-1N4001_12 Datasheet
102Kb / 7P
   Axial Lead Standard Recovery Rectifiers
October, 2012 ??Rev. 13
HEF4093BTD-T ONSEMI-HEF4093BTD-T Datasheet
50Kb / 6P
   Axial Lead Standard Recovery Rectifiers
August, 2005 ??Rev. 12
1N4007 ONSEMI-1N4007 Datasheet
102Kb / 7P
   Axial Lead Standard Recovery Rectifiers
October, 2012 ??Rev. 13
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com