Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MUR180E Datasheet(PDF) 2 Page - ON Semiconductor

Part # MUR180E
Description  SWITCHMODE Power Rectifiers
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MUR180E Datasheet(HTML) 2 Page - ON Semiconductor

  MUR180E_13 Datasheet HTML 1Page - ON Semiconductor MUR180E_13 Datasheet HTML 2Page - ON Semiconductor MUR180E_13 Datasheet HTML 3Page - ON Semiconductor MUR180E_13 Datasheet HTML 4Page - ON Semiconductor MUR180E_13 Datasheet HTML 5Page - ON Semiconductor MUR180E_13 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MUR180E, MUR1100E
http://onsemi.com
2
THERMAL CHARACTERISTICS
Characteristics
Symbol
Value
Unit
Maximum Thermal Resistance, Junction−to−Ambient
RqJA
See Note 3
°C/W
ELECTRICAL CHARACTERISTICS
Characteristics
Symbol
Value
Unit
Maximum Instantaneous Forward Voltage (Note 2)
(iF = 1.0 A, TJ = 150°C)
(iF = 1.0 A, TJ = 25°C)
vF
1.50
1.75
V
Maximum Instantaneous Reverse Current (Note 2)
(Rated dc Voltage, TJ = 100°C)
(Rated dc Voltage, TJ = 25°C)
iR
600
10
mA
Maximum Reverse Recovery Time
(IF = 1.0 A, di/dt = 50 Amp/ms)
(IF = 0.5 A, iR = 1.0 Amp, IREC = 0.25 A)
trr
100
75
ns
Maximum Forward Recovery Time
(IF = 1.0 A, di/dt = 100 Amp/ms, Recovery to 1.0 V)
tfr
75
ns
Controlled Avalanche Energy (See Test Circuit in Figure 6)
WAVAL
10
mJ
Typical Peak Reverse Recovery Current
(IF = 1.0 A, di/dt = 50 A/ms)
IRM
1.7
A
2. Pulse Test: Pulse Width = 300 ms, Duty Cycle ≤ 2.0%.
ORDERING INFORMATION
Device
Package
Shipping
MUR180E
Axial Lead*
1000 Units / Bag
MUR180EG
Axial Lead*
MUR180ERL
Axial Lead*
5000 / Tape & Reel
MUR180ERLG
Axial Lead*
MUR1100E
Axial Lead*
1000 Units / Bag
MUR1100EG
Axial Lead*
MUR1100ERL
Axial Lead*
5000 / Tape & Reel
MUR1100ERLG
Axial Lead*
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.
*These packages are inherently Pb−Free.


Similar Part No. - MUR180E_13

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MUR180EG ONSEMI-MUR180EG Datasheet
79Kb / 6P
   SWITCHMODE Power Rectifiers
July, 2006 ??Rev. 3
MUR180ERL ONSEMI-MUR180ERL Datasheet
82Kb / 8P
   SWITCHMODE Power Rectifiers
August, 2002 ??Rev. 1
MUR180ERL ONSEMI-MUR180ERL Datasheet
79Kb / 6P
   SWITCHMODE Power Rectifiers
July, 2006 ??Rev. 3
MUR180ERLG ONSEMI-MUR180ERLG Datasheet
79Kb / 6P
   SWITCHMODE Power Rectifiers
July, 2006 ??Rev. 3
MUR180E ONSEMI-MUR180E_06 Datasheet
79Kb / 6P
   SWITCHMODE Power Rectifiers
July, 2006 ??Rev. 3
More results

Similar Description - MUR180E_13

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBRD620CT ONSEMI-MBRD620CT_10 Datasheet
103Kb / 6P
   SWITCHMODE Power Rectifiers
July, 2010 ??Rev. 7
MBR540MFS ONSEMI-MBR540MFS Datasheet
111Kb / 5P
   SWITCHMODE Power Rectifiers
June, 2013 ??Rev. 0
logo
Unisonic Technologies
UMUR1660 UTC-UMUR1660 Datasheet
117Kb / 3P
   SWITCHMODE POWER RECTIFIERS
logo
Shenzhen Taychipst Elec...
MURS480ET3G TAYCHIPST-MURS480ET3G Datasheet
8Mb / 2P
   SWITCHMODE Power Rectifiers
logo
Kersemi Electronic Co.,...
MBR20100CTG KERSEMI-MBR20100CTG Datasheet
482Kb / 4P
   SWITCHMODE Power Rectifiers
logo
New Jersey Semi-Conduct...
MUR805 NJSEMI-MUR805 Datasheet
75Kb / 2P
   SWITCHMODE Power Rectifiers
logo
Motorola, Inc
MBR2060CT MOTOROLA-MBR2060CT Datasheet
87Kb / 4P
   SWITCHMODE??Power Rectifiers
logo
ON Semiconductor
MUR1510 ONSEMI-MUR1510 Datasheet
98Kb / 8P
   SWITCHMODE Power Rectifiers
October, 2000 ??Rev. 2
MUR8100E ONSEMI-MUR8100E Datasheet
94Kb / 6P
   SWITCHMODE Power Rectifiers
March, 2004 ??Rev. 2
MBR860MFS ONSEMI-MBR860MFS Datasheet
67Kb / 4P
   SWITCHMODE Power Rectifiers
October, 2013 ??Rev. 0
MBR5100MFS ONSEMI-MBR5100MFS Datasheet
118Kb / 5P
   SWITCHMODE Power Rectifiers
June, 2013 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com