Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MUN5135DW1T1G Datasheet(PDF) 5 Page - ON Semiconductor

Part # MUN5135DW1T1G
Description  Dual PNP Bias Resistor Transistors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MUN5135DW1T1G Datasheet(HTML) 5 Page - ON Semiconductor

  MUN5135DW1T1G Datasheet HTML 1Page - ON Semiconductor MUN5135DW1T1G Datasheet HTML 2Page - ON Semiconductor MUN5135DW1T1G Datasheet HTML 3Page - ON Semiconductor MUN5135DW1T1G Datasheet HTML 4Page - ON Semiconductor MUN5135DW1T1G Datasheet HTML 5Page - ON Semiconductor MUN5135DW1T1G Datasheet HTML 6Page - ON Semiconductor MUN5135DW1T1G Datasheet HTML 7Page - ON Semiconductor MUN5135DW1T1G Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
MUN5135DW1, NSBA123JDXV6, NSBA123JDP6
www.onsemi.com
5
TYPICAL CHARACTERISTICS
NSBA123JDP6
150
°C
25
°C
−55
°C
Figure 7. VCE(sat) vs. IC
Figure 8. DC Current Gain
Figure 9. Output Capacitance
Figure 10. Output Current vs. Input Voltage
Vin, INPUT VOLTAGE (V)
VR, REVERSE BIAS VOLTAGE (V)
Figure 11. Input Voltage vs. Output Current
IC, COLLECTOR CURRENT (mA)
IC, COLLECTOR CURRENT (mA)
1
0.1
50
40
20
10
0
IC, COLLECTOR CURRENT (mA)
100
10
1
1000
10
1
50
40
30
20
10
0
100
0.001
1
10
10
30
20
10
0
0.1
1
40
50
0.01
0.01
0.1
30
100
f = 10 kHz
IE = 0 A
TA = 25°C
VO = 5 V
VO = 0.2 V
IC/IB = 10
VCE = 10 V
−55
°C
25
°C
150
°C
7
25
°C
−55
°C
150
°C
01
2
3
100
25
°C
150
°C
−55
°C
0.1
6
5
4
3
2
1
0


Similar Part No. - MUN5135DW1T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MUN5135DW1T1G ONSEMI-MUN5135DW1T1G Datasheet
147Kb / 20P
   Dual Bias Resistor Transistors
September, 2005 ??Rev. 6
MUN5135DW1T1G ONSEMI-MUN5135DW1T1G Datasheet
232Kb / 20P
   Dual Bias Resistor Transistors
October, 2009 ??Rev. 8
MUN5135DW1T1G ONSEMI-MUN5135DW1T1G Datasheet
90Kb / 8P
   Dual PNP Bias Resistor Transistors
September, 2016 ??Rev. 2
More results

Similar Description - MUN5135DW1T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MUN5115DW1 ONSEMI-MUN5115DW1 Datasheet
162Kb / 8P
   Dual PNP Bias Resistor Transistors
September, 2012 ??Rev. 0
MUN5133DW1 ONSEMI-MUN5133DW1 Datasheet
123Kb / 8P
   Dual PNP Bias Resistor Transistors
May, 2013 ??Rev. 1
MUN5116DW1 ONSEMI-MUN5116DW1 Datasheet
141Kb / 6P
   Dual PNP Bias Resistor Transistors
September, 2012 ??Rev. 0
NSBA115TDP6 ONSEMI-NSBA115TDP6 Datasheet
134Kb / 5P
   Dual PNP Bias Resistor Transistors
September, 2012 ??Rev. 0
NSBA123TDP6 ONSEMI-NSBA123TDP6 Datasheet
138Kb / 5P
   Dual PNP Bias Resistor Transistors
September, 2012 ??Rev. 0
MUN5130DW1 ONSEMI-MUN5130DW1 Datasheet
75Kb / 6P
   Dual PNP Bias Resistor Transistors
November, 2013 ??Rev. 2
MUN5113DW1 ONSEMI-MUN5113DW1 Datasheet
88Kb / 8P
   Dual PNP Bias Resistor Transistors
March, 2014 ??Rev. 1
MUN5137DW1 ONSEMI-MUN5137DW1 Datasheet
128Kb / 8P
   Dual PNP Bias Resistor Transistors
October, 2013 ??Rev. 1
MUN5135DW1 ONSEMI-MUN5135DW1_16 Datasheet
90Kb / 8P
   Dual PNP Bias Resistor Transistors
September, 2016 ??Rev. 2
MUN5132DW1 ONSEMI-MUN5132DW1 Datasheet
123Kb / 8P
   Dual PNP Bias Resistor Transistors
September, 2012 ??Rev. 0
MUN5136DW1 ONSEMI-MUN5136DW1 Datasheet
114Kb / 6P
   Dual PNP Bias Resistor Transistors
January, 2014 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com