Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MUR110 Datasheet(PDF) 2 Page - ON Semiconductor

Part # MUR110
Description  SWITCHMODE Power Rectifiers
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MUR110 Datasheet(HTML) 2 Page - ON Semiconductor

  MUR110 Datasheet HTML 1Page - ON Semiconductor MUR110 Datasheet HTML 2Page - ON Semiconductor MUR110 Datasheet HTML 3Page - ON Semiconductor MUR110 Datasheet HTML 4Page - ON Semiconductor MUR110 Datasheet HTML 5Page - ON Semiconductor MUR110 Datasheet HTML 6Page - ON Semiconductor MUR110 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
MUR120 Series
http://onsemi.com
2
MAXIMUM RATINGS
Rating
Symbol
MUR
Unit
105
110
115
120
130
140
160
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
50
100
150
200
300
400
600
V
Average Rectified Forward Current
(Square Wave Mounting Method #3 Per Note 2)
IF(AV)
1.0 @ TA = 130°C
1.0 @ TA = 120°C
A
Nonrepetitive Peak Surge Current
(Surge applied at rated load conditions, halfwave,
single phase, 60 Hz)
IFSM
35
A
Operating Junction Temperature and Storage Temperature
TJ, Tstg
*65 to +175
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Maximum Thermal Resistance, Junction−to−Ambient
RqJA
Note 2
°C/W
ELECTRICAL CHARACTERISTICS
Characteristic
Symbol
Value
Unit
Maximum Instantaneous Forward Voltage (Note 1)
(iF = 1.0 Amp, TJ = 150°C)
(iF = 1.0 Amp, TJ = 25°C)
vF
0.710
0.875
1.05
1.25
V
Maximum Instantaneous Reverse Current (Note 1)
(Rated DC Voltage, TJ = 150°C)
(Rated DC Voltage, TJ = 25°C)
iR
50
2.0
150
5.0
mA
Maximum Reverse Recovery Time
(IF = 1.0 A, di/dt = 50 A/ms)
(IF = 0.5 A, iR = 1.0 A, IREC = 0.25 A)
trr
35
25
75
50
ns
Maximum Forward Recovery Time
(IF = 1.0 A, di/dt = 100 A/ms, IREC to 1.0 V)
tfr
25
50
ns
Typical Peak Reverse Recovery Current
(IF = 1.0 A, di/dt = 50 A/ms)
IRM
0.85
A
1. Pulse Test: Pulse Width = 300 ms, Duty Cycle ≤ 2.0%.


Similar Part No. - MUR110

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
MUR110 JGD-MUR110 Datasheet
148Kb / 2P
   1.0 AMPS. ULTRA FAST RECTIFIERS
logo
Kersemi Electronic Co.,...
MUR110 KERSEMI-MUR110 Datasheet
441Kb / 6P
   Ultrafast 25, 50 and 75 Nanosecond Recovery Times
logo
Zibo Seno Electronic En...
MUR110 ZSELEC-MUR110 Datasheet
227Kb / 2P
   1.0A HIGH EFFICIENCY RECTIFIER
logo
Micro Commercial Compon...
MUR110 MCC-MUR110 Datasheet
84Kb / 3P
   1 Amp Super Fast Recovery Rectifier 50 to 1000 Volts
logo
Kersemi Electronic Co.,...
MUR110 KERSEMI-MUR110 Datasheet
442Kb / 5P
   ULTRAFAST RECTIFIERS 1.0 A, 50 V ??600 V
More results

Similar Description - MUR110

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBRD620CT ONSEMI-MBRD620CT_10 Datasheet
103Kb / 6P
   SWITCHMODE Power Rectifiers
July, 2010 ??Rev. 7
MBR540MFS ONSEMI-MBR540MFS Datasheet
111Kb / 5P
   SWITCHMODE Power Rectifiers
June, 2013 ??Rev. 0
logo
Unisonic Technologies
UMUR1660 UTC-UMUR1660 Datasheet
117Kb / 3P
   SWITCHMODE POWER RECTIFIERS
logo
Shenzhen Taychipst Elec...
MURS480ET3G TAYCHIPST-MURS480ET3G Datasheet
8Mb / 2P
   SWITCHMODE Power Rectifiers
logo
Kersemi Electronic Co.,...
MBR20100CTG KERSEMI-MBR20100CTG Datasheet
482Kb / 4P
   SWITCHMODE Power Rectifiers
logo
New Jersey Semi-Conduct...
MUR805 NJSEMI-MUR805 Datasheet
75Kb / 2P
   SWITCHMODE Power Rectifiers
logo
Motorola, Inc
MBR2060CT MOTOROLA-MBR2060CT Datasheet
87Kb / 4P
   SWITCHMODE??Power Rectifiers
logo
ON Semiconductor
MUR1510 ONSEMI-MUR1510 Datasheet
98Kb / 8P
   SWITCHMODE Power Rectifiers
October, 2000 ??Rev. 2
MUR8100E ONSEMI-MUR8100E Datasheet
94Kb / 6P
   SWITCHMODE Power Rectifiers
March, 2004 ??Rev. 2
MBR860MFS ONSEMI-MBR860MFS Datasheet
67Kb / 4P
   SWITCHMODE Power Rectifiers
October, 2013 ??Rev. 0
MBR5100MFS ONSEMI-MBR5100MFS Datasheet
118Kb / 5P
   SWITCHMODE Power Rectifiers
June, 2013 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com